Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG7266S265D3 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # W3EG7266S265D3
Description  512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7266S265D3 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  W3EG7266S265D3 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG7266S265D3 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG7266S265D3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG7266S265D3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG7266S265D3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7266S265D3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7266S265D3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7266S265D3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7266S265D3 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PRELIMINARY*
W3EG7266S-D3
October 2005
Rev. 3
512MB – 64Mx72 DDR SDRAM REGISTERED w/PLL
DESCRIPTION
The W3EG7266S is a 64Mx72 Double Data Rate
SDRAM memory module based on 512Mb DDR SDRAM
component. The module consists of nine 64Mx8 DDR
SDRAMs in 66 pin TSOP package mounted on a 184 Pin
FR4 substrate.
Synchronous design allows precise cycle control with the
use of system clock. Data I/O transactions are possible on
both edges and Burst Lenths allow the same device to be
useful for a variety of high bandwidth, high performance
memory system applications.
* This product is under development, is not qualified or characterized and is subject to
change without notice.
NOTE: Consult factory for availability of:
• RoHS compliant products
• Vendor source control options
• Industrial temperature option
FEATURES
Double-data-rate architecture
Clock speeds of 100MHz and 133MHz
Bi-directional data strobes (DQS)
Differential clock inputs (CK & CK#)
Programmable Read Latency 2,2,5 (clock)
Programmable Burst Length (2,4,8)
Programmable Burst type (sequential & interleave)
Edge aligned data output, center aligned data input
Auto and self refresh
Serial presence detect
Power Supply: 2.5V ± 0.20V
Standard 184 pin DIMM package
• D3 = 26.67mm (1.05")
OPERATING FREQUENCIES
DDR266 @CL=2
DDR266 @CL=2.5
DDR200 @CL=2
Clock Speed
133MHz
133MHz
100MHz
CL-tRCD-tRP
2-2-2
2.5-3-3
2-2-2


Similar Part No. - W3EG7266S265D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7266S265AD4 WEDC-W3EG7266S265AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG7266S265AD4I WEDC-W3EG7266S265AD4I Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG7266S265BD4 WEDC-W3EG7266S265BD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG7266S265BD4I WEDC-W3EG7266S265BD4I Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
More results

Similar Description - W3EG7266S265D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
W3EG7265S-JD3 WEDC-W3EG7265S-JD3 Datasheet
195Kb / 12P
   512MB - 2x32Mx72 DDR SDRAM REGISTERED, w/PLL
WV3HG64M72EER-D7 WEDC-WV3HG64M72EER-D7 Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
W3HG64M72EER-AD7 WEDC-W3HG64M72EER-AD7 Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com