Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG64128S265BD4 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3EG64128S265BD4
Description  1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG64128S265BD4 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3EG64128S265BD4 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG64128S265BD4 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG64128S265BD4 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG64128S265BD4 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG64128S265BD4 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG64128S265BD4 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG64128S265BD4 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG64128S265BD4 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG64128S265BD4 Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG64128S-AD4
-BD4
May 2004
Rev. 0
PRELIMINARY
IDD SPECIFICATIONS AND TEST CONDITIONS
Recommended operating conditions, 0°c
≤ TA ≤ 70°C, VCCQ = 2.5V ± 0.2V, VCC = 2.5V ± 0.2V
Parameter
Symbol Conditions
DDR333@CL=2.5
Max
DDR266@CL=2.5
Max
DDR200@CL=2
Max
Units
Operating Current
IDD0
One device bank; Active - Precharge;
tRC=tRC(MIN); tCK=tCK(MIN); DQ,DM and DQS
inputs changing once per clock cycle; Address
and control inputs changing once every two
cycles.
2915
2915
2915
mA
Operating Current
IDD1
One device bank; Active-Read-Precharge;
Burst = 2; tRC=tRC(MIN);tCK=tCK(MIN); Iout =
0mA; Address and control inputs changing
once per clock cycle.
3315
3315
3315
mA
Precharge Power-Down
Standby Current
IDD2P
All device banks idle; Power- down mode;
tCK=tCK(MIN); CKE=(low)
96
96
96
mA
Idle Standby Current
IDD2F
CS# = High; All device banks idle;
tCK=tCK(MIN); CKE = high; Address and other
control inputs changing once per clock cycle.
VIN = VREF for DQ, DQS and DM.
1075
1075
1075
mA
Active Power-Down
Standby Current
IDD3P
One device bank active; Power-down mode;
tCK(MIN); CKE=(low)
800
800
800
mA
Active Standby Current
IDD3N
CS# = High; CKE = High; One device
bank; Active-Precharge; tRC=tRAS(MAX);
tCK=tCK(MIN); DQ, DM and DQS inputs
changing twice per clock cycle; Address and
other control inputs changing once per clock
cycle.
1795
1795
1795
mA
Operating Current
IDD4R
Burst = 2; Reads; Continous burst; One
device bank active;Address and control inputs
changing once per clock cycle; tCK=tCK(MIN);
Iout = 0mA.
3795
3795
3795
mA
Operating Current
IDD4W
Burst = 2; Writes; Continous burst; One
device bank active; Address and control inputs
changing once per clock cycle; tCK=tCK(MIN);
DQ,DM and DQS inputs changing twice per
clock cycle.
4275
4275
4275
mA
Auto Refresh Current
IDD5
tRC=tRC(MIN)
5235
5235
5235
mA
Self Refresh Current
IDD6
CKE
≤ 0.2V
355
355
355
mA
Operating Current
IDD7A
Four bank interleaving Reads (BL=4) with auto
precharge with tRC=tRC (MIN); tCK=tCK(MIN);
Address and control inputs change only
during Active Read or Write commands.
7955
7955
7955
mA


Similar Part No. - W3EG64128S265BD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG64128S265D3 WEDC-W3EG64128S265D3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S265JD3 WEDC-W3EG64128S265JD3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG64128S265BD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG265M64EFSU-D4 WEDC-WV3EG265M64EFSU-D4 Datasheet
149Kb / 10P
   1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3DG64128V-D1 WEDC-W3DG64128V-D1 Datasheet
130Kb / 7P
   1GB - 2x64Mx64 SDRAM, UNBUFFERED w/PLL
WV3EG264M64EFSU-D4 WEDC-WV3EG264M64EFSU-D4 Datasheet
149Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S-D3 WEDC-W3EG64128S-D3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG264M64ETSR-JD3 WEDC-W3EG264M64ETSR-JD3 Datasheet
308Kb / 13P
   1GB - 2x64Mx64 DDR SDRAM REGISTERED w/PLL
W3EG264M64EFSU-D4 WEDC-W3EG264M64EFSU-D4 Datasheet
190Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM, UNBUFFERED, FBGA
W3DG64126V-D2 WEDC-W3DG64126V-D2 Datasheet
239Kb / 9P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
WV3DG64127V-D2 WEDC-WV3DG64127V-D2 Datasheet
244Kb / 8P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com