Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT1G66GW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HCT1G66GW
Description  Bilateral switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G66GW Datasheet(HTML) 5 Page - NXP Semiconductors

  74HCT1G66GW Datasheet HTML 1Page - NXP Semiconductors 74HCT1G66GW Datasheet HTML 2Page - NXP Semiconductors 74HCT1G66GW Datasheet HTML 3Page - NXP Semiconductors 74HCT1G66GW Datasheet HTML 4Page - NXP Semiconductors 74HCT1G66GW Datasheet HTML 5Page - NXP Semiconductors 74HCT1G66GW Datasheet HTML 6Page - NXP Semiconductors 74HCT1G66GW Datasheet HTML 7Page - NXP Semiconductors 74HCT1G66GW Datasheet HTML 8Page - NXP Semiconductors 74HCT1G66GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2002 May 15
5
Philips Semiconductors
Product specification
Bilateral switch
74HC1G66; 74HCT1G66
DC CHARACTERISTICS
Family 74HC1G66
At recommended operating conditions; voltages are referenced to GND (ground=0V).
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
−40 to +85
−40 to +125
MIN.
TYP.(1)
MAX.
MIN.
MAX.
VIH
HIGH-level input
voltage
2.0
1.5
1.2
1.5
V
4.5
3.15
2.4
3.15
V
6.0
4.2
3.2
4.2
V
9.0
6.3
4.7
6.3
V
VIL
LOW-level input
voltage
2.0
0.8
0.5
0.5
V
4.5
2.1
1.35
1.35
V
6.0
2.8
1.8
1.8
V
9.0
4.3
2.7
2.7
V
ILI
input leakage
current
VI =VCC or GND
6.0
0.1
1.0
1.0
µA
10.0
0.2
2.0
2.0
µA
IS
analog switch
current, OFF-state
VI =VIH or VIL;
VS =VCC − GND;
see Fig.6
10.0
0.1
1.0
1.0
µA
analog switch
current, ON-state
VI =VIH or VIL;
VS =VCC − GND;
see Fig.7
10.0
0.1
1.0
1.0
µA
ICC
quiescent supply
current
VI =VCC or GND;
Vis = GND or VCC;
Vos =VCC or GND
6.0
1.0
10
20
µA
10.0
2.0
20
40
µA


Similar Part No. - 74HCT1G66GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1G66GW NXP-74HCT1G66GW Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
logo
Nexperia B.V. All right...
74HCT1G66GW NEXPERIA-74HCT1G66GW Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
74HCT1G66GW-Q100 NEXPERIA-74HCT1G66GW-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
More results

Similar Description - 74HCT1G66GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
   BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
   BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
   Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_08 Datasheet
147Kb / 24P
   Bilateral switch
Rev. 04-1 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com