Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG7263S202JD3 Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # W3EG7263S202JD3
Description  512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7263S202JD3 Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button W3EG7263S202JD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7263S202JD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7263S202JD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7263S202JD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7263S202JD3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG7263S202JD3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG7263S202JD3 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG7263S202JD3 Datasheet HTML 12Page - White Electronic Designs Corporation W3EG7263S202JD3 Datasheet HTML 13Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG7263S-D3
-JD3
-AJD3
April 2004
Rev. # 2
PRELIMINARY
ORDERING INFORMATION FOR JD3
Part Number
Speed
CAS Latency
tRCD
tRP
Height*
W3EG7263S335JD3
166MHz/333Mb/s
2.5
3
3
30.48 (1.20")
W3EG7263S262JD3
133MHz/266Mb/s
2
2
2
30.48 (1.20")
W3EG7263S263JD3
133MHz/266Mb/s
2
3
3
30.48 (1.20")
W3EG7263S265JD3
133MHz/266Mb/s
2.5
3
3
30.48 (1.20")
W3EG7263S202JD3
100MHz/200Mb/s
2
2
2
30.48 (1.20")
2.31
(0.091)
(2x)
133.48
(5.255" MAX.)
3.99
(0.157 (2x))
17.78
(0.700)
10.01
(0.394)
6.35
(0.250)
64.77
(2.550)
1.78
(0.070)
49.53
(1.950)
3.00
(0.118)
(4x)
30.48
(1.20 MAX)
1.27
(0.050 TYP.)
6.35
(0.250)
128.95
(5.077")
131.34
(5.171")
4.06
(0.160 MAX)
3.99
(0.157)
(MIN)
1.27 ± 0.10
(0.050 ± 0.004)
PACKAGE DIMENSIONS FOR JD3
* All Dimensions are in millimeters and (inches).


Similar Part No. - W3EG7263S202JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7262S-D3 WEDC-W3EG7262S-D3 Datasheet
218Kb / 12P
   512MB - 2X32Mx72 DDR SDRAM UNBUFFERED
W3EG7262S-JD3 WEDC-W3EG7262S-JD3 Datasheet
218Kb / 12P
   512MB - 2X32Mx72 DDR SDRAM UNBUFFERED
W3EG7262S202D3 WEDC-W3EG7262S202D3 Datasheet
218Kb / 12P
   512MB - 2X32Mx72 DDR SDRAM UNBUFFERED
W3EG7262S202JD3 WEDC-W3EG7262S202JD3 Datasheet
218Kb / 12P
   512MB - 2X32Mx72 DDR SDRAM UNBUFFERED
W3EG7262S262D3 WEDC-W3EG7262S262D3 Datasheet
218Kb / 12P
   512MB - 2X32Mx72 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG7263S202JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
W3EG7265S-JD3 WEDC-W3EG7265S-JD3 Datasheet
195Kb / 12P
   512MB - 2x32Mx72 DDR SDRAM REGISTERED, w/PLL
WV3HG64M72EER-D7 WEDC-WV3HG64M72EER-D7 Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
W3HG64M72EER-AD7 WEDC-W3HG64M72EER-AD7 Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com