Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG64255S-JD3 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # W3EG64255S-JD3
Description  2GB - 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG64255S-JD3 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  W3EG64255S-JD3 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG64255S-JD3 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG64255S-JD3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG64255S-JD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG64255S-JD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG64255S-JD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG64255S-JD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG64255S-JD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG64255S-JD3 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
White Electronic Designs
April 2005
Rev. 3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
W3EG64255S-JD3
ADVANCED*
FEATURES
Double-data-rate architecture
DDR200, DDR266 and DDR333;
• JEDEC design specifications
Bi-directional data strobes (DQS)
Differential clock inputs (CK & CK#)
Programmable Read Latency 2,2.5 (clock)
Programmable Burst Length (2,4,8)
Programmable Burst type (sequential & interleave)
Edge aligned data output, center aligned data input.
Auto and self refresh
Serial presence detect
Dual Rank
Power supply: VCC 2.5V ± 0.2V
JEDEC standard 184 pin DIMM package
• JD3: 30.48 (1.20")
NOTE: Consult factory for availability of:
• RoHS compliant products
• Vendor source control options
• Industrial temperature option
DESCRIPTION
The W3EG64255S is a 2x128Mx64 Double Data Rate
SDRAM memory module based on 512Mb DDR SDRAM
component. The module consists of sixteen 256Mx4
stacks, in 66 pin TSOP packages mounted on a 184 pin
FR4 substrate.
Synchronous design allows precise cycle control with the
use of system clock. Data I/O transactions are possible on
both edges and Burst Lengths allow the same device to be
useful for a variety of high bandwidth, high performance
memory system applications.
* This product is under development, is not qualified or characterized and is subject to
change or cancellation without notice.
2GB – 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
OPERATING FREQUENCIES
DDR333 @CL=2.5
DDR266 @CL=2
DDR266 @CL=2
DDR266 @CL=2.5
DDR200 @CL=2
Clock Speed
166MHz
133MHz
133MHz
133MHz
100MHz
CL-tRCD-tRP
2.5-3-3
2-2-2
2-3-3
2.5-3-3
2-2-2


Similar Part No. - W3EG64255S-JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG64255MS100JD3GG WEDC-W3EG64255MS100JD3GG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG64255MS100JD3MG WEDC-W3EG64255MS100JD3MG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG64255MS100JD3SG WEDC-W3EG64255MS100JD3SG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG64255MS133JD3GG WEDC-W3EG64255MS133JD3GG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG64255MS133JD3MG WEDC-W3EG64255MS133JD3MG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
More results

Similar Description - W3EG64255S-JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG72256S-JD3 WEDC-W3EG72256S-JD3 Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
logo
Elpida Memory
EBD21RD4ABNA ELPIDA-EBD21RD4ABNA Datasheet
177Kb / 19P
   2GB Registered DDR SDRAM DIMM
logo
White Electronic Design...
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com