Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4050D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC4050D
Description  Hex high-to-low level shifter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4050D Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC4050D Datasheet HTML 1Page - NXP Semiconductors 74HC4050D Datasheet HTML 2Page - NXP Semiconductors 74HC4050D Datasheet HTML 3Page - NXP Semiconductors 74HC4050D Datasheet HTML 4Page - NXP Semiconductors 74HC4050D Datasheet HTML 5Page - NXP Semiconductors 74HC4050D Datasheet HTML 6Page - NXP Semiconductors 74HC4050D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
December 1990
3
Philips Semiconductors
Product specification
Hex high-to-low level shifter
74HC4050
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1VCC
positive supply voltage
2, 4, 6, 10, 12, 15
1Y to 6Y
data outputs
3, 5, 7, 9, 11, 14
1A to 6A
data inputs
8
GND
ground (0 V)
13, 16
n.c.
not connected
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Similar Part No. - 74HC4050D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74HC4050D TOSHIBA-74HC4050D Datasheet
205Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-17 Rev.4.0
logo
Nexperia B.V. All right...
74HC4050D NEXPERIA-74HC4050D Datasheet
219Kb / 11P
   Hex non-inverting HIGH-to-LOW level shifter
Rev. 5 - 3 August 2021
74HC4050D-Q100 NEXPERIA-74HC4050D-Q100 Datasheet
703Kb / 13P
   Hex non-inverting HIGH-to-LOW level shifter
More results

Similar Description - 74HC4050D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4049 PHILIPS-74HC4049 Datasheet
41Kb / 7P
   Hex inverting high-to-low level shifter
December 1990
logo
Unisonic Technologies
U74HC4049 UTC-U74HC4049_15 Datasheet
175Kb / 6P
   HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
U74HC4049 UTC-U74HC4049 Datasheet
175Kb / 6P
   HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
logo
Nexperia B.V. All right...
74HC4049 NEXPERIA-74HC4049 Datasheet
221Kb / 11P
   Hex inverting HIGH-to-LOW level shifter
Rev. 8 - 16 March 2021
74HC4050-Q100 NEXPERIA-74HC4050-Q100 Datasheet
703Kb / 13P
   Hex non-inverting HIGH-to-LOW level shifter
74HC4050 NEXPERIA-74HC4050 Datasheet
219Kb / 11P
   Hex non-inverting HIGH-to-LOW level shifter
Rev. 5 - 3 August 2021
logo
NXP Semiconductors
74HC4050 PHILIPS-74HC4050_15 Datasheet
144Kb / 15P
   Hex non-inverting HIGH-to-LOW level shifter
Rev. 3-31 January 2013
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_14 Datasheet
121Kb / 7P
   Hex Level Shifter for TTL to CMOS
July, 2014 ??Rev. 9
logo
Texas Instruments
CD4504B-EP TI1-CD4504B-EP_16 Datasheet
1,017Kb / 15P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER
logo
STMicroelectronics
HCC40109B STMICROELECTRONICS-HCC40109B Datasheet
292Kb / 12P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com