Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG72125S202D3 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3EG72125S202D3
Description  1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG72125S202D3 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3EG72125S202D3 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG72125S202D3 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG72125S202D3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG72125S202D3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG72125S202D3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG72125S202D3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG72125S202D3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG72125S202D3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG72125S202D3 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
W3EG72125S-D3
-JD3
-AJD3
November 2004
Rev. 2
PRELIMINARY
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ABSOLUTE MAXIMUM RATINGS
DC CHARACTERISTICS
0°C
≤ TA ≤ 70°C, VCC = 2.5V ± 0.2V
CAPACITANCE
TA = 25°C, f = 1MHz, VCC = 2.5V
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.3
2.7
V
Supply Voltage
VCCQ
2.3
2.7
V
Reference Voltage
VREF
1.15
1.35
V
Termination Voltage
VTT
1.15
1.35
V
Input High Voltage
VIH
VREF + 0.15
VCCQ + 0.3
V
Input Low Voltage
VIL
-0.3
VREF - 0.15
V
Output High Voltage
VOH
VTT + 0.76
V
Output Low Voltage
VOL
—VTT - 0.76
V
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A12)
CIN1
6.5
pF
Input Capacitance (RAS#, CAS#, WE#)
CIN2
6.5
pF
Input Capacitance (CKE0)
CIN3
6.5
pF
Input Capacitance (CK0#, CK0)
CIN4
5.5
pF
Input Capacitance (CS0#)
CIN5
6.5
pF
Input Capacitance (DQM0-DQM8)
CIN6
13
pF
Input Capacitance (BA0-BA1)
CIN7
6.5
pF
Data input/output capacitance (DQ0-DQ63)(DQS)
COUT
13
pF
Data input/output capacitance (CB0-CB7)
COUT
13
pF
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 to 3.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 to 3.6
V
Storage Temperature
TSTG
-55 to +150
°C
Power Dissipation
PD
9W
Short Circuit Current
IOS
50
mA
Note: Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.


Similar Part No. - W3EG72125S202D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72126MS100AJD3MF WEDC-W3EG72126MS100AJD3MF Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72126MS100AJD3MG WEDC-W3EG72126MS100AJD3MG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72126MS100AJD3SF WEDC-W3EG72126MS100AJD3SF Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72126MS100AJD3SG WEDC-W3EG72126MS100AJD3SG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72126MS100D3MF WEDC-W3EG72126MS100D3MF Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
More results

Similar Description - W3EG72125S202D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
W3EG264M64ETSR-JD3 WEDC-W3EG264M64ETSR-JD3 Datasheet
308Kb / 13P
   1GB - 2x64Mx64 DDR SDRAM REGISTERED w/PLL
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com