Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3HG64M72EER806AD7XG Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # W3HG64M72EER806AD7XG
Description  512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3HG64M72EER806AD7XG Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button W3HG64M72EER806AD7XG Datasheet HTML 6Page - White Electronic Designs Corporation W3HG64M72EER806AD7XG Datasheet HTML 7Page - White Electronic Designs Corporation W3HG64M72EER806AD7XG Datasheet HTML 8Page - White Electronic Designs Corporation W3HG64M72EER806AD7XG Datasheet HTML 9Page - White Electronic Designs Corporation W3HG64M72EER806AD7XG Datasheet HTML 10Page - White Electronic Designs Corporation W3HG64M72EER806AD7XG Datasheet HTML 11Page - White Electronic Designs Corporation W3HG64M72EER806AD7XG Datasheet HTML 12Page - White Electronic Designs Corporation W3HG64M72EER806AD7XG Datasheet HTML 13Page - White Electronic Designs Corporation W3HG64M72EER806AD7XG Datasheet HTML 14Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
W3HG64M72EER-AD7
December 2005
Rev. 1
ADVANCED
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
26.
ODT turn-off time tAOF (MIN) is when the device starts to turn off
ODT resistance. ODT turn off time tAOF (MAX) is when the bus is in
high impedance. Both are measured from tAOFD.
27.
This parameter has a two clock minimum requirement at any tCK.
28.
tDELAY is calculated from tIS + tCK + tIH so that CKE registration
LOW is guaranteed prior to CK, CK# being removed in a system
RESET condition.
29.
tISXR is equal to tIS and is used for CKE setup time during self
refresh exit.
30.
No more than 4 bank ACTIVE commands may be issued in
a given tFAW (MIN) period. tRRRD (MIN) restriction still applies.
The tFAW (MIN) parameter applies to all 8 bank DDR2 devices,
regardless of the number of banks already open or closed.
31.
tRPA timing applies when the PRECHARGE(ALL) command is
issued, regardless of the number of banks already open or closed.
If a single-bank PRECHARGE command is issued, tRP timing
applies. tRPA (MIN) applies to all 8-bank DDR2 devices.
32.
Value is minimum pulse width, not the number of clock
registrations.
33.
Applicable to Read cycles only. Write cycles generally require
additional time due to Write recovery time (tWR) during arto
precharge.
34.
tCKE (MIN) of 3 clocks means CKE must be registered on three
consecutive positive clock edges. CKE must remain at the valid
input level the entire time it takes to achieve the 3 clocks of
registration. Thus, after any CKE transition, CKE may not transition
from its valid level during the time period of tIS + 2* tCK + tIH.
35.
This parameter is not referenced to a specific voltage level, but
specified when the device output is no longer driving (tRPST) or
beginning to drive (tRPRE).
36.
When DQS is used single-ended, the minimum limit is reduced by
100ps.


Similar Part No. - W3HG64M72EER806AD7XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3HG128M64EEU-D4 WEDC-W3HG128M64EEU-D4 Datasheet
208Kb / 14P
   1GB - 128Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
W3HG128M64EEU403D4XXG WEDC-W3HG128M64EEU403D4XXG Datasheet
208Kb / 14P
   1GB - 128Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
W3HG128M64EEU534D4XXG WEDC-W3HG128M64EEU534D4XXG Datasheet
208Kb / 14P
   1GB - 128Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
W3HG128M64EEU665D4XXG WEDC-W3HG128M64EEU665D4XXG Datasheet
208Kb / 14P
   1GB - 128Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
W3HG128M64EEU806D4XXG WEDC-W3HG128M64EEU806D4XXG Datasheet
208Kb / 14P
   1GB - 128Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
More results

Similar Description - W3HG64M72EER806AD7XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG64M72EER-D7 WEDC-WV3HG64M72EER-D7 Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
logo
Elpida Memory
EBE41AF4A1QB ELPIDA-EBE41AF4A1QB Datasheet
265Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com