Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3HG128M64EEU665D4XXG Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # W3HG128M64EEU665D4XXG
Description  1GB - 128Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3HG128M64EEU665D4XXG Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button W3HG128M64EEU665D4XXG Datasheet HTML 5Page - White Electronic Designs Corporation W3HG128M64EEU665D4XXG Datasheet HTML 6Page - White Electronic Designs Corporation W3HG128M64EEU665D4XXG Datasheet HTML 7Page - White Electronic Designs Corporation W3HG128M64EEU665D4XXG Datasheet HTML 8Page - White Electronic Designs Corporation W3HG128M64EEU665D4XXG Datasheet HTML 9Page - White Electronic Designs Corporation W3HG128M64EEU665D4XXG Datasheet HTML 10Page - White Electronic Designs Corporation W3HG128M64EEU665D4XXG Datasheet HTML 11Page - White Electronic Designs Corporation W3HG128M64EEU665D4XXG Datasheet HTML 12Page - White Electronic Designs Corporation W3HG128M64EEU665D4XXG Datasheet HTML 13Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
W3HG128M64EEU-D4
March 2006
Rev. 0
ADVANCED
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
AC OPERATING CONDITIONS (continued)
VCC = +1.8V ±0.1V
AC Characteristics
Symbol
806
665
534
403
Units
Notes
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
CKE low to CK,CK# uncertainty
tDELAY
t
IS +
t
CK +
t
IH
t
IS +
t
CK +
t
IH
t
IS +
t
CK +
t
IH
t
IS +
t
CK +
t
IH
ns
26
REFRESH to ACTIVE or REFRESH to REFRESH command
interval
tRFC
127.5 70,000 127.5 70,000 127.5 70,000 127.5 70,000
ns
14, 37
Average periodic refresh interval (commercial)
tREFI
7.8
7.8
7.8
7.8
µs
14, 37
Average periodic refresh interval (industrial)
tREFIIT
3.9
3.9
3.9
3.9
µs
14, 37
Exit self refresh to non-READ command
tXSNR
tRFC
(MIN)
+ 10
tRFC
(MIN)
+ 10
tRFC
(MIN)
+ 10
tRFC
(MIN)
+ 10
ns
Exit self refresh to READ command
tXSRD
200
200
200
200
t
CK
37
Exit self refresh timing reference
tISXR
tIS
tIS
tIS
tIS
ps
6, 27
ODT turn-on delay
tAOND
22222222
t
CK
37
ODT turn-on
tAOND tAC (MIN)
t
AC (MAX)
+ 700)
t
AC (MIN)
t
AC (MAX)
+ 700)
t
AC (MIN)
t
AC (MAX)
+ 1,000)
t
AC (MIN)
t
AC (MAX)
+ 1,000)
ps
23, 43
ODT turn-off delay
tAOFD
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
t
CK
35, 37
ODT turn-off
tAOF
t
AC (MIN)
t
AC (MAX
+ 600)
t
AC (MIN)
t
AC (MAX
+ 600)
t
AC (MIN)
t
AC (MAX
+ 600)
t
AC (MIN)
t
AC (MAX
+ 600)
ps
24, 44
ODT turn-on (power-down mode)
tAONPD
t
AC (MIN)
+ 2,000
2 x
t
CK +
t
AC (MAX)
+ 1,000
t
AC (MIN)
+ 2,000
2 x
t
CK +
t
AC (MAX)
+ 1,000
t
AC (MIN)
+ 2,000
2 x
t
CK +
t
AC (MAX)
+ 1,000
t
AC (MIN)
+ 2,000
2 x
t
CK +
t
AC (MAX)
+ 1,000
ps
ODT turn-off (power-down mode)
t
AOFPD
t
AC (MIN)
+ 2,000
2.5 x
t
CK +
t
AC (MAX)
+ 1,000
t
AC (MIN)
+ 2,000
2.5 x
t
CK +
t
AC (MAX)
+ 1,000
t
AC (MIN)
+ 2,000
2.5 x
t
CK +
t
AC (MAX)
+ 1,000
t
AC (MIN)
+ 2,000
2.5 x
t
CK +
t
AC (MAX)
+ 1,000
ps
ODT to power-down entry latency
tANPD
3333
t
CK
37
ODT power-down exit latency
tAXPD
8888
t
CK
37
ODT enable from MRS command
tMOD
12
12
12
12
ns
37, 49
Exit active power-down to READ command, MR[bit12=0]
tXARD
2222
t
CK
37
Exit active power-down to READ command, MR[bit12=1]
tXARDS 7 - AL
7 - AL
6 - AL
6 - AL
37
Exit precharge power-down to any non-READ command.
tXP
2222
t
CK
37
CKE minimum high/low time
tCKE
3333
t
CK
32, 37
Note:
• AC specification is based on MICRON components. Other DRAM manufactures specifications may be different.


Similar Part No. - W3HG128M64EEU665D4XXG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER403AD6XG WEDC-W3HG2128M72ACER403AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER534AD6XG WEDC-W3HG2128M72ACER534AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER665AD6XG WEDC-W3HG2128M72ACER665AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER806AD6XG WEDC-W3HG2128M72ACER806AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
More results

Similar Description - W3HG128M64EEU665D4XXG

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AHWA ELPIDA-EBE11UD8AHWA Datasheet
213Kb / 28P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACFA ELPIDA-EBE10UE8ACFA Datasheet
242Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8AGUA ELPIDA-EBE11UD8AGUA Datasheet
202Kb / 24P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BG1MT-2A[W]R ETC2-SEN01G64D1BG1MT-2A[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE10UE8AEWA ELPIDA-EBE10UE8AEWA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AHFA ELPIDA-EBE11UD8AHFA Datasheet
188Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACWB ELPIDA-EBE10UE8ACWB Datasheet
239Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com