Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7MG1M32SVX70BNI Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W7MG1M32SVX70BNI
Description  8MB/4MB (2x1Mx32 / 1Mx32) MirrorBitTM 3.0V, Boot Sector Flash Memory Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W7MG1M32SVX70BNI Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W7MG1M32SVX70BNI Datasheet HTML 1Page - White Electronic Designs Corporation W7MG1M32SVX70BNI Datasheet HTML 2Page - White Electronic Designs Corporation W7MG1M32SVX70BNI Datasheet HTML 3Page - White Electronic Designs Corporation W7MG1M32SVX70BNI Datasheet HTML 4Page - White Electronic Designs Corporation W7MG1M32SVX70BNI Datasheet HTML 5Page - White Electronic Designs Corporation W7MG1M32SVX70BNI Datasheet HTML 6Page - White Electronic Designs Corporation W7MG1M32SVX70BNI Datasheet HTML 7Page - White Electronic Designs Corporation W7MG1M32SVX70BNI Datasheet HTML 8Page - White Electronic Designs Corporation W7MG1M32SVX70BNI Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W7MG1M32SVx-BN
W7MG21M32SVx-BN
May 2004
Rev. 2
PRELIMINARY
Storage Temperature
Plastic Packages ................................. –65°C to +150°C
Ambient Temperature
with Power Applied ............................... –65°C to +125°C
Voltage with Respect to Ground
VCC (Note 1) ...................................... –0.5 V to +4.0 V
A9, OE#, and RESET# (Note 2) ...... –0.5 V to +12.5 V
All other pins (Note 1) .................. –0.5 V to VCC+0.5 V
Output Short Circuit Current (Note 3) ................. 200 mA
ABSOLUTE MAXIMUM RATINGS
Notes:
1.
Minimum DC voltage on input or I/O pins is –0.5 V. During voltage transitions,
input or I/O pins may overshoot VSS to –2.0 V for periods of up to 20 ns. See
Figure 7. Maximum DC voltage on input or I/O pins is VCC +0.5 V. During voltage
transitions, input or I/O pins may overshoot to VCC +2.0 V for periods up to 20
ns. See Figure 8.
2.
Minimum DC input voltage on pins A9, OE#, and RESET# is -0.5 V. During
voltage transitions, A9, OE#, and RESET# may overshoot VSS to –2.0 V for
periods of up to 20 ns. See Figure 7. Maximum DC input voltage on pin A9 is
+12.5 V which may overshoot to 14.0 V for periods up to 20 ns.
3.
No more than one output may be shorted to ground at a time. Duration of the
short circuit should not be greater than one second.
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
data sheet is not implied. Exposure of the device to absolute maximum rating conditions
for extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA) ........................ 0°C to +70°C
Industrial (I) Devices
Ambient Temperature (TA) .................... –40°C to +85°C
VCC Supply Voltages
VCC for all devices .................................... 2.7 V to 3.6 V
Operating ranges define those limits between which the functionality of the device is
guaranteed.


Similar Description - W7MG1M32SVX70BNI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W7G1M32SVX-BN WEDC-W7G1M32SVX-BN Datasheet
169Kb / 10P
   8MB/4MB (2x1Mx32 / 1Mx32) CMOS, Boot Sector Flash Memory Module
logo
AMIC Technology
A290011A AMICC-A290011A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A290021 AMICC-A290021_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29160A AMICC-A29160A Datasheet
509Kb / 43P
   Boot Sector Flash Memory
A29L800B AMICC-A29L800B Datasheet
445Kb / 37P
   Boot Sector Flash Memory
A29001A AMICC-A29001A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A29002 AMICC-A29002_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29801A AMICC-A29801A Datasheet
490Kb / 40P
   Boot Sector Flash Memory
A29L320A AMICC-A29L320A Datasheet
558Kb / 48P
   Boot Sector Flash Memory
A29800A AMICC-A29800A Datasheet
489Kb / 40P
   Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com