Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC00 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HC00
Description  Quad 2-input NAND gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC00 Datasheet(HTML) 10 Page - NXP Semiconductors

  74HC00 Datasheet HTML 1Page - NXP Semiconductors 74HC00 Datasheet HTML 2Page - NXP Semiconductors 74HC00 Datasheet HTML 3Page - NXP Semiconductors 74HC00 Datasheet HTML 4Page - NXP Semiconductors 74HC00 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 5 page
background image
2003 Jun 30
10
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74HC00; 74HCT00
AC WAVEFORMS
handbook, halfpage
MNA218
tPHL
tTHL
tTLH
tPLH
VM
VM
nA, nB input
nY output
GND
VI
VOH
VOL
Fig.6 Waveforms showing the input (nA, nB) to output (nY) propagation delays.
74HC00: VM = 50%; VI = GND to VCC.
74HCT00: VM = 1.3 V; VI = GND to 3 V.


Similar Part No. - 74HC00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC00 NXP-74HC00 Datasheet
173Kb / 15P
   Quad 2-input NAND gate
Rev. 04-11 January 2010
74HC00 PHILIPS-74HC00 Datasheet
98Kb / 17P
   Quad 2-input NAND gate
2003 Jun 30
logo
ON Semiconductor
74HC00 ONSEMI-74HC00 Datasheet
110Kb / 7P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
March, 2007 - Rev. 1
logo
Diodes Incorporated
74HC00 DIODES-74HC00 Datasheet
299Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Silicon Supplies
74HC00 SS-74HC00 Datasheet
370Kb / 5P
   High Speed CMOS Logic
More results

Similar Description - 74HC00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com