Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC58DB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC58DB
Description  Dual AND-OR gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC58DB Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC58DB Datasheet HTML 1Page - NXP Semiconductors 74HC58DB Datasheet HTML 2Page - NXP Semiconductors 74HC58DB Datasheet HTML 3Page - NXP Semiconductors 74HC58DB Datasheet HTML 4Page - NXP Semiconductors 74HC58DB Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
December 1990
5
Philips Semiconductors
Product specification
Dual AND-OR gate
74HC58
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: SSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
AC WAVEFORMS
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min. typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
1A,1B,1C,1D,1E,
1F to 1Y
36
13
10
115
23
20
145
29
25
175
35
30
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
2A,2B,2C,2D to 2Y
30
11
9
100
20
17
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.6
tTHL/ tTLH
output transition
time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.6
Fig.6
Waveforms showing the input (nA, nB, nC, nD, 1E, 1F) to output (nY) propagation delays and the output
transition times.
(1) HC : VM = 50%; VI = GND to VCC.
handbook, full pagewidth
MBA336
t PHL
VM
(1)
t
THL
t PLH
t
TLH
VM
(1)
nA, nB, nC, nD,
1E, 1F INPUT
nY OUTPUT


Similar Part No. - 74HC58DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC583 PHILIPS-74HC583 Datasheet
70Kb / 13P
   4-bit full adder with fast carry
1998 Mar 31
logo
Motorola, Inc
74HC589 MOTOROLA-74HC589 Datasheet
266Kb / 10P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High-Performance Silicon-Gate CMOS
More results

Similar Description - 74HC58DB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC51 NSC-MM54HC51 Datasheet
126Kb / 4P
   Dual AND-OR-Invert Gate / Dual AND-OR Gate
logo
Diodes Incorporated
74AUP2G32 DIODES-74AUP2G32 Datasheet
256Kb / 9P
   DUAL OR GATE
logo
ON Semiconductor
MC10117 ONSEMI-MC10117 Datasheet
104Kb / 5P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
1996 REV 5
MC10117 ONSEMI-MC10117_02 Datasheet
109Kb / 8P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
MC10H117 ONSEMI-MC10H117 Datasheet
96Kb / 3P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
1996 REV 5
MC10H121 ONSEMI-MC10H121 Datasheet
109Kb / 4P
   4-WIDE OR-AND / OR-AND GATE
May, 2000 ??Rev. 7
MC10121 ONSEMI-MC10121 Datasheet
101Kb / 5P
   4-Wide OR-AND/OR-AND Gate
1996 REV 5
MC10121 ONSEMI-MC10121_02 Datasheet
108Kb / 8P
   4-Wide OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
logo
Minilogic Device Corpor...
ML74WLDE MINILOGIC-ML74WLDE Datasheet
154Kb / 4P
   AND Gate (unbuffered) and OR Gate (unbuffered)
logo
Diodes Incorporated
74AUP2G86 DIODES-74AUP2G86 Datasheet
255Kb / 9P
   DUAL EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com