Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3H32M72E-400ESC Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # W3H32M72E-400ESC
Description  32M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3H32M72E-400ESC Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button W3H32M72E-400ESC Datasheet HTML 5Page - White Electronic Designs Corporation W3H32M72E-400ESC Datasheet HTML 6Page - White Electronic Designs Corporation W3H32M72E-400ESC Datasheet HTML 7Page - White Electronic Designs Corporation W3H32M72E-400ESC Datasheet HTML 8Page - White Electronic Designs Corporation W3H32M72E-400ESC Datasheet HTML 9Page - White Electronic Designs Corporation W3H32M72E-400ESC Datasheet HTML 10Page - White Electronic Designs Corporation W3H32M72E-400ESC Datasheet HTML 11Page - White Electronic Designs Corporation W3H32M72E-400ESC Datasheet HTML 12Page - White Electronic Designs Corporation W3H32M72E-400ESC Datasheet HTML 13Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
W3H32M72E-XSBX
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
February 2006
Rev. 2
PRELIMINARY*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
NOTES:
1.
Applying power; if CKE is maintained below 0.2 x VCCQ, outputs remain disabled.
To guarantee RTT (ODT resistance) is off, VREF must be valid and a low level must
be applied to the ODT ball (all other inputs may be undefined, I/Os and outputs
must be less than VCCQ during voltage ramp time to avoid DDR2 SDRAM device
latch-up). At least one of the following two sets of conditions (A or B) must be
met to obtain a stable supply state (stable supply defined as VCC, VCCQ,VREF, and
VTT are between their minimum and maximum values as stated in DC Operating
Conditions table):
A. (single power source) The VCC voltage ramp from 300mV to VCC (MIN) must
take no longer than 200ms; during the VCC voltage ramp, |VCC - VCCQ| ≤ 0.3V.
Once supply voltage ramping is complete (when VCCQ crosses VCC (MIN), DC
Operating Conditions table specifications apply.
• VCC, VCCQ are driven from a single power converter output
• VTT is limited to 0.95V MAX
• VREF tracks VCCQ/2; VREF must be within ±0.3V with respect to VCCQ/2 during
supply ramp time.
• VCCQ ≥ VREF at all times
B. (multiple power sources) VCC ≥ VCCQ must be maintained during supply voltage
ramping, for both AC and DC levels, until supply voltage ramping completes
(VCCQ crosses VCC [MIN]). Once supply voltage ramping is complete, DC
Operating Conditions table specifications apply.
• Apply VCC before or at the same time as VCCQ; VCC voltage ramp time must
be ≤ 200ms from when VCC ramps from 300mV to VCC (MIN)
• Apply VCCQ before or at the same time as VTT; the VCCQ voltage ramp time
from when VCC (MIN) is achieved to when VCCQ (MIN) is achieved must be ≤
500ms; while VCC is ramping, current can be supplied from VCC through the
device to VCCQ
• VREF must track VCCQ/2, VREF must be within ±0.3V with respect to VCCQ/2
during supply ramp time; VCCQ ≥ VREF must be met at all times
• Apply VTT; The VTT voltage ramp time from when VCCQ (MIN) is achieved to
when VTT (MIN) is achieved must be no greater than 500ms
2.
For a minimum of 200µs after stable power and clock (CK, CK#), apply NOP or
DESELECT commands and take CKE HIGH.
3.
Wait a minimum of 400ns, then issue a PRECHARGE ALL command/
4.
Issue an LOAD MODE command to the EMR(2). (To issue an EMR(2) command,
provide LOW to BA0, provide HIGH to BA1.)
5.
Issue a LOAD MODE command to the EMR(3). (To issue an EMR(3) command,
provide HIGH to BA0 and BA1.)
6.
Issue an LOAD MODE command to the EMR to enable DLL. To issue a DLL
ENABLE command, provide LOW to BA1 and A0, provide HIGH to BA0. Bits E7,
E8, and E9 can be set to “0” or “1”; Micron recommends setting them to “0.”
7.
Issue a LOAD MODE command for DLL RESET. 200 cycles of clock input is
required to lock the DLL. (To issue a DLL RESET, provide HIGH to A8 and provide
LOW to BA1, and BA0.) CKE must be HIGH the entire time.
8.
Issue PRECHARGE ALL command.
9.
Issue two or more REFRESH commands, followed by a dummy WRITE.
10. Issue a LOAD MODE command with LOW to A8 to initialize device operation (i.e.,
to program operating parameters without resetting the DLL).
11. Issue a LOAD MODE command to the EMR to enable OCD default by setting bits
E7, E8, and E9 to “1,” and then setting all other desired parameters.
12. Issue a LOAD MODE command to the EMR to enable OCD exit by setting bits E7,
E8, and E9 to “0,” and then setting all other desired parameters.
13. Issue a LOAD MODE command with LOW to A8 to initialize device operation (i.e.,
to program operating parameters without resetting the DLL).
14. Issue a LOAD MODE command to the EMR to enable OCD default by setting bits
E7,E8, and E9 to “1,” and then setting all other desired parameters.
15. Issue a LOAD MODE command to the EMR to enable OCD exit by setting bits E7,
E8, and E9 to “0,” and then setting all other desired parameters.
The DDR2 SDRAM is now initialized and ready for normal operation 200 clocks after
DLL RESET (in step 7).


Similar Part No. - W3H32M72E-400ESC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3H32M64E-400ES WEDC-W3H32M64E-400ES Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M64E-400ESC WEDC-W3H32M64E-400ESC Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M64E-400ESI WEDC-W3H32M64E-400ESI Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M64E-400ESM WEDC-W3H32M64E-400ESM Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M64E-400SB WEDC-W3H32M64E-400SB Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
More results

Similar Description - W3H32M72E-400ESC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3H32M64E-XSBX WEDC-W3H32M64E-XSBX Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H64M72E-XSBX WEDC-W3H64M72E-XSBX Datasheet
941Kb / 30P
   64M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
logo
Winbond
W972GG8JB WINBOND-W972GG8JB_12 Datasheet
1Mb / 87P
   32M x 8 BANKS x 8 BIT DDR2 SDRAM
logo
Elpida Memory
EDE5116AFSE ELPIDA-EDE5116AFSE Datasheet
681Kb / 65P
   512M bits DDR2 SDRAM (32M words x 16 bits)
logo
Winbond
W972GG8JB-3-TR WINBOND-W972GG8JB-3-TR Datasheet
1Mb / 87P
   32M 8 BANKS 8 BIT DDR2 SDRAM
W972GG8JB WINBOND-W972GG8JB Datasheet
1Mb / 86P
   32M ??8 BANKS ??8 BIT DDR2 SDRAM
logo
Siemens Semiconductor G...
HYS6472V16200GU SIEMENS-HYS6472V16200GU Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
logo
Mosel Vitelic, Corp
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437432E24V MOSEL-V437432E24V Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V827332K04S MOSEL-V827332K04S Datasheet
277Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com