Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3H32M72E-667ESC Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # W3H32M72E-667ESC
Description  32M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3H32M72E-667ESC Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button W3H32M72E-667ESC Datasheet HTML 3Page - White Electronic Designs Corporation W3H32M72E-667ESC Datasheet HTML 4Page - White Electronic Designs Corporation W3H32M72E-667ESC Datasheet HTML 5Page - White Electronic Designs Corporation W3H32M72E-667ESC Datasheet HTML 6Page - White Electronic Designs Corporation W3H32M72E-667ESC Datasheet HTML 7Page - White Electronic Designs Corporation W3H32M72E-667ESC Datasheet HTML 8Page - White Electronic Designs Corporation W3H32M72E-667ESC Datasheet HTML 9Page - White Electronic Designs Corporation W3H32M72E-667ESC Datasheet HTML 10Page - White Electronic Designs Corporation W3H32M72E-667ESC Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
W3H32M72E-XSBX
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
February 2006
Rev. 2
PRELIMINARY*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
low level must be applied to the ODT ball (all other
inputs may be undefined, I/Os and outputs must be
less than VCCQ during voltage ramp time to avoid
DDR2 SDRAM device latch-up). At least one of the
following two sets of conditions (A or B) must be
met to obtain a stable supply state (stable supply
defined as VCC, VCCQ, VREF, and VTT are between
their minimum and maximum values as stated in
Table20):
A.
(single power source) The VCC voltage ramp
from 300mV to VCC (MIN) must take no longer
than 200ms; during the VCC voltage ramp, |VCC
-
VCCQ| ≤ 0.3V. Once supply voltage ramping
is complete (when VCCQ crosses VCC (MIN)),
Table20 specifications apply.
• VCC, VCCQ are driven from a single power
converter output
• VTT is limited to 0.95V MAX
• VREF tracks VCCQ/2; VREF must be within
±0.3V with respect to VCCQ/2 during supply
ramp time
• VCCQ ≥ VREF at all times
B.
(multiple power sources) VCC ≥ VCCQ must be
maintained during supply voltage ramping, for
both AC and DC levels, until supply voltage
ramping completes (VCCQ crosses VCC [MIN]).
Once supply voltage ramping is complete,
Table20 specifications apply.
• Apply VCC before or at the same time as
VCCQ; VCC voltage ramp time must be ≤
200ms from when VCC ramps from 300mV to
VCC (MIN)
• Apply VCCQ before or at the same time as
VTT; the VCCQ voltage ramp time from when
VCC (MIN) is achieved to when VCCQ (MIN)
is achieved must be ≤ 500ms; while VCC is
ramping, current can be supplied from VCC
through the device to VCCQ
• VREF must track VCCQ/2, VREF must be within
±0.3V with respect to VCCQ/2 during supply
ramp time; VCCQ ≥ VREF must be met at all
times
• Apply VTT; The VTT voltage ramp time from
when VCCQ (MIN) is achieved to when VTT
(MIN) is achieved must be no greater than
500ms
2.
For a minimum of 200µs after stable power nd clock
(CK, CK#), apply NOP or DESELECT commands
and take CKE HIGH.
3.
Wait a minimum of 400ns, then issue a
PRECHARGE ALL command.
4.
Issue an LOAD MODE command to the EMR(2).
(To issue an EMR(2) command, provide LOW to
BA0, provide HIGH to BA1.)
5.
Issue a LOAD MODE command to the EMR(3). (To
issue an EMR(3) command, provide HIGH to BA0
and BA1.)
6.
Issue an LOAD MODE command to the EMR to
enable DLL. To issue a DLL ENABLE command,
provide LOW to BA1 and A0, provide HIGH to BA0.
Bits E7, E8, and E9 can be set to “0” or “1”; Micron
recommends setting them to “0.”
7.
Issue a LOAD MODE command for DLL RESET.
200 cycles of clock input is required to lock the
DLL. (To issue a DLL RESET, provide HIGH to A8
and provide LOW to BA1, and BA0.) CKE must be
HIGH the entire time.
8.
Issue PRECHARGE ALL command.
9.
Issue two or more REFRESH commands, followed
by a dummy WRITE.


Similar Part No. - W3H32M72E-667ESC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3H32M64E-400ES WEDC-W3H32M64E-400ES Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M64E-400ESC WEDC-W3H32M64E-400ESC Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M64E-400ESI WEDC-W3H32M64E-400ESI Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M64E-400ESM WEDC-W3H32M64E-400ESM Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M64E-400SB WEDC-W3H32M64E-400SB Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
More results

Similar Description - W3H32M72E-667ESC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3H32M64E-XSBX WEDC-W3H32M64E-XSBX Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H64M72E-XSBX WEDC-W3H64M72E-XSBX Datasheet
941Kb / 30P
   64M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
logo
Winbond
W972GG8JB WINBOND-W972GG8JB_12 Datasheet
1Mb / 87P
   32M x 8 BANKS x 8 BIT DDR2 SDRAM
logo
Elpida Memory
EDE5116AFSE ELPIDA-EDE5116AFSE Datasheet
681Kb / 65P
   512M bits DDR2 SDRAM (32M words x 16 bits)
logo
Winbond
W972GG8JB-3-TR WINBOND-W972GG8JB-3-TR Datasheet
1Mb / 87P
   32M 8 BANKS 8 BIT DDR2 SDRAM
W972GG8JB WINBOND-W972GG8JB Datasheet
1Mb / 86P
   32M ??8 BANKS ??8 BIT DDR2 SDRAM
logo
Siemens Semiconductor G...
HYS6472V16200GU SIEMENS-HYS6472V16200GU Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
logo
Mosel Vitelic, Corp
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437432E24V MOSEL-V437432E24V Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V827332K04S MOSEL-V827332K04S Datasheet
277Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com