Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3H32M72E-400ES Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3H32M72E-400ES
Description  32M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3H32M72E-400ES Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3H32M72E-400ES Datasheet HTML 1Page - White Electronic Designs Corporation W3H32M72E-400ES Datasheet HTML 2Page - White Electronic Designs Corporation W3H32M72E-400ES Datasheet HTML 3Page - White Electronic Designs Corporation W3H32M72E-400ES Datasheet HTML 4Page - White Electronic Designs Corporation W3H32M72E-400ES Datasheet HTML 5Page - White Electronic Designs Corporation W3H32M72E-400ES Datasheet HTML 6Page - White Electronic Designs Corporation W3H32M72E-400ES Datasheet HTML 7Page - White Electronic Designs Corporation W3H32M72E-400ES Datasheet HTML 8Page - White Electronic Designs Corporation W3H32M72E-400ES Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
W3H32M72E-XSBX
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
February 2006
Rev. 2
PRELIMINARY*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
TABLE 1 – BALL DESCRIPTIONS
Symbol
Type
Description
ODT
Input
On-Die termination: ODT (registered HIGH) enables termination resistance internal to the DDR2 SDRAM. When
enabled, ODT is only applied to each of the following balls: DQ0–DQ71, LDM, UDM, LDQS, LDQS#, UDQS, and
UDQS#. The ODT input will be ignored if disabled via the LOAD MODE command.
CK, CK#
Input
Clock: CK and CK# are differential clock inputs. All address and control input signals are sampled on the crossing
of the positive edge of CK and negative edge of CK#. Output data (DQS and DQS/DQS#) is referenced to the
crossings of CK and CK#.
CKE
Input
Clock enable: CKE (registered HIGH) activates and CKE (registered LOW) deactivates clocking circuitry on the
DDR2 SDRAM. The specific circuitry that is enabled/disabled is dependent on the DDR2 SDRAM configuration
and operating mode. CKE LOW provides PRECHARGE power-down mode and SELF-REFRESH action (all banks
idle), or ACTIVE power-down (row active in any bank). CKE is synchronous for power-down entry, Power-down
exit, output disable, and for self refresh entry. CKE is asynchronous for self refresh exit. Input buffers (excluding
CKE, and ODT) are disabled during power-down. Input buffers (excluding CKE) are disabled during self refresh.
CKE is an SSTL_18 input but will detect a LVCMO SLOW level once VCC is applied during first power-up. After
VREF has become stable during the power on and initialization sequence, it must be maintained for proper
operation of the CKE receiver. For proper SELF-REFRESH operation, VREF must be maintained.
CS#
Input
Chip select: CS# enables (registered LOW) and disables (registered HIGH) the command decoder. All commands
are masked when CS# is registered HIGH.
RAS#, CAS#,
WE#
Input
Command inputs: RAS#, CAS#, WE# (along with CS#) define the command being entered.
LDM, UDM
Input
Input data mask: DM is an input mask signal for write data. Input data is masked when DM is concurrently sampled
HIGH during a WRITE access. DM is sampled on both edges of DQS. Although DM balls are input-only, the DM
loading is designed to match that of DQ and DQS balls. LDM is DM for lower byte DQ0–DQ7 and UDM is DM for
upper byte DQ8–DQ15, of each of U0-U4
BA0–BA1
Input
Bank address inputs: BA0–BA1 define to which bank an ACTIVE, READ, WRITE, or PRECHARGE command is
being applied. BA0–BA1 define which mode register including MR, EMR, EMR(2), and EMR(3) is loaded during the
LOAD MODE command.
Continued on next page


Similar Part No. - W3H32M72E-400ES

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3H32M64E-400ES WEDC-W3H32M64E-400ES Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M64E-400ESC WEDC-W3H32M64E-400ESC Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M64E-400ESI WEDC-W3H32M64E-400ESI Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M64E-400ESM WEDC-W3H32M64E-400ESM Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M64E-400SB WEDC-W3H32M64E-400SB Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
More results

Similar Description - W3H32M72E-400ES

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3H32M64E-XSBX WEDC-W3H32M64E-XSBX Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H64M72E-XSBX WEDC-W3H64M72E-XSBX Datasheet
941Kb / 30P
   64M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
logo
Winbond
W972GG8JB WINBOND-W972GG8JB_12 Datasheet
1Mb / 87P
   32M x 8 BANKS x 8 BIT DDR2 SDRAM
logo
Elpida Memory
EDE5116AFSE ELPIDA-EDE5116AFSE Datasheet
681Kb / 65P
   512M bits DDR2 SDRAM (32M words x 16 bits)
logo
Winbond
W972GG8JB-3-TR WINBOND-W972GG8JB-3-TR Datasheet
1Mb / 87P
   32M 8 BANKS 8 BIT DDR2 SDRAM
W972GG8JB WINBOND-W972GG8JB Datasheet
1Mb / 86P
   32M ??8 BANKS ??8 BIT DDR2 SDRAM
logo
Siemens Semiconductor G...
HYS6472V16200GU SIEMENS-HYS6472V16200GU Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
logo
Mosel Vitelic, Corp
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437432E24V MOSEL-V437432E24V Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V827332K04S MOSEL-V827332K04S Datasheet
277Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com