Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG72126MS166AJD3SF Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # W3EG72126MS166AJD3SF
Description  1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG72126MS166AJD3SF Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  W3EG72126MS166AJD3SF Datasheet HTML 1Page - White Electronic Designs Corporation W3EG72126MS166AJD3SF Datasheet HTML 2Page - White Electronic Designs Corporation W3EG72126MS166AJD3SF Datasheet HTML 3Page - White Electronic Designs Corporation W3EG72126MS166AJD3SF Datasheet HTML 4Page - White Electronic Designs Corporation W3EG72126MS166AJD3SF Datasheet HTML 5Page - White Electronic Designs Corporation W3EG72126MS166AJD3SF Datasheet HTML 6Page - White Electronic Designs Corporation W3EG72126MS166AJD3SF Datasheet HTML 7Page - White Electronic Designs Corporation W3EG72126MS166AJD3SF Datasheet HTML 8Page - White Electronic Designs Corporation W3EG72126MS166AJD3SF Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
White Electronic Designs
W3EG72126S-D3
-JD3
-AJD3
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
November 2004
Rev. 3
PRELIMINARY
FUNCTIONAL BLOCK DIAGRAM
VSS
RCS0#
DQS1
DQS2
DQS3
DQS4
DQS5
DQS6
DQS7
DQS8
R
E
G
I
S
T
E
R
DQ0
DQ1
DQ2
DQ3
DQ8
DQ9
DQ10
DQ11
DQ16
DQ17
DQ18
DQ19
DQ24
DQ25
DQ26
DQ27
DQ32
DQ33
DQ34
DQ35
DQ40
DQ41
DQ42
DQ43
DQ48
DQ49
DQ50
DQ51
DQ56
DQ57
DQ58
DQ59
CB0
CB1
CB2
CB3
WE#
RESET#
PCK#
PCK
RCS0#
I/O 3
I/O 2
I/O 1
I/O 0
DQS
CS#
DM
I/O 3
I/O 2
I/O 1
I/O 0
DQS
CS#
DM
I/O 3
I/O 2
I/O 1
I/O 0
DQS
CS#
DM
I/O 3
I/O 2
I/O 1
I/O 0
DQS
CS#
DM
I/O 3
I/O 2
I/O 1
I/O 0
DQS
CS#
DM
I/O 3
I/O 2
I/O 1
I/O 0
DQS
CS#
DM
I/O 3
I/O 2
I/O 1
I/O 0
DQS
CS#
DM
I/O 3
I/O 2
I/O 1
I/O 0
DQS
CS#
DM
I/O 3
I/O 2
I/O 1
I/O 0
DQS
CS#
DM
DQS0
DQS10
DQS11
DQS12
DQS13
DQS14
DQS15
DQS16
DQS17
DQ4
DQ5
DQ6
DQ7
DQ12
DQ13
DQ14
DQ15
DQ20
DQ21
DQ22
DQ23
DQ28
DQ29
DQ30
DQ31
DQ36
DQ37
DQ38
DQ39
DQ44
DQ45
DQ46
DQ47
DQ52
DQ53
DQ54
DQ55
DQ60
DQ61
DQ62
DQ63
CB4
CB5
CB6
CB7
I/O 3
I/O 2
I/O 1
I/O 0
DQS
CS#
DM
I/O 3
I/O 2
I/O 1
I/O 0
DQS
CS#
DM
I/O 3
I/O 2
I/O 1
I/O 0
DQS
CS#
DM
I/O 3
I/O 2
I/O 1
I/O 0
DQS
CS#
DM
I/O 3
I/O 2
I/O 1
I/O 0
DQS
CS#
DM
I/O 3
I/O 2
I/O 1
I/O 0
DQS
CS#
DM
I/O 3
I/O 2
I/O 1
I/O 0
DQS
CS#
DM
I/O 3
I/O 2
I/O 1
I/O 0
DQS
CS#
DM
I/O 3
I/O 2
I/O 1
I/O 0
DQS
CS#
DM
DQS9
CS0#
RBA0 - RBA1
RA0 - RA12
BA0-BA1
A0-A12
RAS#
RRAS#
CAS#
RCAS#
CKE0
RCKE0
RWE#
BA0 - BA1: DDR SDRAMs
A0 - A12: DDR SDRAMs
RAS#: DDR SDRAMs
CAS#: DDR SDRAMs
CKE: DDR SDRAMs
WE: DDR SDRAMs
Serial PD
A0
SA0 SA1
SA2
A1
A2
SDA
WP
CKO
SDRAM
CKO#
REGISTER
PLL
SCL
VSS
VREF
VCC/VCCQ
VCCSPD
DDR SDRAMs
SPD
DDR SDRAMs
DDR SDRAMs
Notes:
1.
DQ-to-I/O wiring is shown as recommended but may be changed.
2.
DQ/DQS/DM/CKE/S relationships must be maintained as shown.
NOTE: All resistor values are 22 ohms unless otherwise specified


Similar Part No. - W3EG72126MS166AJD3SF

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72125S-AJD3 WEDC-W3EG72125S-AJD3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S-JD3 WEDC-W3EG72125S-JD3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S202AJD3 WEDC-W3EG72125S202AJD3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S202D3 WEDC-W3EG72125S202D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
More results

Similar Description - W3EG72126MS166AJD3SF

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3DG72127V-D2 WEDC-W3DG72127V-D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3EG264M64ETSR-JD3 WEDC-W3EG264M64ETSR-JD3 Datasheet
308Kb / 13P
   1GB - 2x64Mx64 DDR SDRAM REGISTERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com