Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7G21M32SVT120BNC Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # W7G21M32SVT120BNC
Description  8MB/4MB (2x1Mx32 / 1Mx32) CMOS, Boot Sector Flash Memory Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W7G21M32SVT120BNC Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  W7G21M32SVT120BNC Datasheet HTML 1Page - White Electronic Designs Corporation W7G21M32SVT120BNC Datasheet HTML 2Page - White Electronic Designs Corporation W7G21M32SVT120BNC Datasheet HTML 3Page - White Electronic Designs Corporation W7G21M32SVT120BNC Datasheet HTML 4Page - White Electronic Designs Corporation W7G21M32SVT120BNC Datasheet HTML 5Page - White Electronic Designs Corporation W7G21M32SVT120BNC Datasheet HTML 6Page - White Electronic Designs Corporation W7G21M32SVT120BNC Datasheet HTML 7Page - White Electronic Designs Corporation W7G21M32SVT120BNC Datasheet HTML 8Page - White Electronic Designs Corporation W7G21M32SVT120BNC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W7G1M32SVx-BN
W7G21M32SVx-BN
Feb. 2004
Rev. 2
PRELIMINARY
FIGURE 3 – W7G1M32SVxxxBNX & W7G21M32SVxxxBNX PIN CONFIGURATION
Pin
Symbol
Pin
Symbol
Pin
Symbol
Pin
Symbol
1
GND
21
CE3
41
A11
61
DQ9
2VCC
22
CE2
42
A10
62
DQ8
3
NC
23
CE1
43
A9
63
DQ7
4
OE#
24
CE0
44
A8
64
DQ6
5
WE0#
25
GND
45
A7
65
DQ5
6
NC
26
DQ29
46A666
DQ4
7
NC*
27
DQ30
47
A5
67
DQ3
8
DQ1628DQ3148
A4
68
DQ2
9
DQ17
29
WE2#
49
A3
69
DQ1
10
DQ18
30
NC
50
A2
70
DQ0
11
DQ19
31
NC
51
A1
71
NC
12
DQ20
32
NC
52
A0
72
VCC
13
DQ21
33
A19
53
NC
73
PD1
14
DQ22
34
A18
54
GND
74
PD2
15
DQ23
35
A17
55
DQ15
75
PD3
16
DQ24
36
A16
56
DQ14
76
PD4
17
DQ25
37
A15
57
DQ13
77
PD5
18
DQ26
38
A14
58
DQ12
78
PD6
19
DQ27
39
A13
59
DQ11
79
PD7
20
DQ28
40
A12
60
DQ10
80
GND
Notes:
Unless otherwise specified.
1. Population Configuration for 1M x 32 Version
Part Number
Configuration
Component
W7G1M32SVxxxBNX
1M x 32
1M x 8
2. Population Configuration for 2 x 1M x 32 Version
Part Number
Configuration
Component
W7G21M32SVxxxBNX
2 x 1M x 32
1M x 8
xx = Speed: 70, 90, 120ns
X = Temerature Range
Please refer to part number matrix pg. 8 or 9
NC* = Pin 7 can offer custom module options. For optional "Reset" or
"Ready Busy." Contact WEDC.
PIN NAMES
A0 - A19
Address
DQ0 - DQ31
Data Input/Output
CE1#, CE2#
Chip Enable
WE0#, WE2#
Write Enable
OE#
Output Enable
VCC
Power Supply
NC
No Connection
PD
Presence Detect
GND
Ground


Similar Description - W7G21M32SVT120BNC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W7MG1M32SVX-BN WEDC-W7MG1M32SVX-BN Datasheet
169Kb / 10P
   8MB/4MB (2x1Mx32 / 1Mx32) MirrorBitTM 3.0V, Boot Sector Flash Memory Module
logo
AMIC Technology
A290011A AMICC-A290011A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A290021 AMICC-A290021_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29160A AMICC-A29160A Datasheet
509Kb / 43P
   Boot Sector Flash Memory
A29L800B AMICC-A29L800B Datasheet
445Kb / 37P
   Boot Sector Flash Memory
A29001A AMICC-A29001A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A29002 AMICC-A29002_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29801A AMICC-A29801A Datasheet
490Kb / 40P
   Boot Sector Flash Memory
A29L320A AMICC-A29L320A Datasheet
558Kb / 48P
   Boot Sector Flash Memory
A29800A AMICC-A29800A Datasheet
489Kb / 40P
   Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com