Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3H64M72E-533SB Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # W3H64M72E-533SB
Description  64M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3H64M72E-533SB Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button W3H64M72E-533SB Datasheet HTML 4Page - White Electronic Designs Corporation W3H64M72E-533SB Datasheet HTML 5Page - White Electronic Designs Corporation W3H64M72E-533SB Datasheet HTML 6Page - White Electronic Designs Corporation W3H64M72E-533SB Datasheet HTML 7Page - White Electronic Designs Corporation W3H64M72E-533SB Datasheet HTML 8Page - White Electronic Designs Corporation W3H64M72E-533SB Datasheet HTML 9Page - White Electronic Designs Corporation W3H64M72E-533SB Datasheet HTML 10Page - White Electronic Designs Corporation W3H64M72E-533SB Datasheet HTML 11Page - White Electronic Designs Corporation W3H64M72E-533SB Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
W3H64M72E-XSBX
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
March 2006
Rev. 1
ADVANCED*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
NOTES:
1.
Applying power; if CKE is maintained below 0.2 x VCCQ, outputs remain disabled.
To guarantee RTT (ODT resistance) is off, VREF must be valid and a low level must
be applied to the ODT ball (all other inputs may be undefined, I/Os and outputs
must be less than VCCQ during voltage ramp time to avoid DDR2 SDRAM device
latch-up). At least one of the following two sets of conditions (A or B) must be
met to obtain a stable supply state (stable supply defined as VCC, VCCQ,VREF, and
VTT are between their minimum and maximum values as stated in DC Operating
Conditions table):
A. (single power source) The VCC voltage ramp from 300mV to VCC (MIN) must
take no longer than 200ms; during the VCC voltage ramp, |VCC - VCCQ| ≤ 0.3V.
Once supply voltage ramping is complete (when VCCQ crosses VCC (MIN), DC
Operating Conditions table specifications apply.
• VCC, VCCQ are driven from a single power converter output
• VTT is limited to 0.95V MAX
• VREF tracks VCCQ/2; VREF must be within ±0.3V with respect to VCCQ/2 during
supply ramp time.
• VCCQ ≥ VREF at all times
B. (multiple power sources) VCC ≥ VCCQ must be maintained during supply voltage
ramping, for both AC and DC levels, until supply voltage ramping completes
(VCCQ crosses VCC [MIN]). Once supply voltage ramping is complete, DC
Operating Conditions table specifications apply.
• Apply VCC before or at the same time as VCCQ; VCC voltage ramp time must
be ≤ 200ms from when VCC ramps from 300mV to VCC (MIN)
• Apply VCCQ before or at the same time as VTT; the VCCQ voltage ramp time
from when VCC (MIN) is achieved to when VCCQ (MIN) is achieved must be ≤
500ms; while VCC is ramping, current can be supplied from VCC through the
device to VCCQ
• VREF must track VCCQ/2, VREF must be within ±0.3V with respect to VCCQ/2
during supply ramp time; VCCQ ≥ VREF must be met at all times
• Apply VTT; The VTT voltage ramp time from when VCCQ (MIN) is achieved to
when VTT (MIN) is achieved must be no greater than 500ms
2.
CKE uses LVCMOS input levels prior to state T0 to ensure DQs are High-Z during
device power-up prior to VREF. being stable. After state T0, Cke is required to have
SSTL_18 input levels. Once CKE transitions to a high level, it must stay HIGH for
the duration on the initialization sequence.
3.
PRE = PRECHARGE command, LM = LOAD MODE command, MR = Mode
Register, EMR = extended mode register, EMR2 = extended mode register 2,
EMR3 = extended mode register 3, REF = REFRESH command, ACT = ACTIVE
command, A10 = PRECHARGE ALL, CODE = desired value for mode registers
(blank addresses are required to be decoded), VALID - any valid command/
address, RA = row address, bank address.
4.
DM represents UDM & LDM, DQS represents, UDQS, UDQS#, LDQS, LDQS#,
RDQS, RDQS#, DQ represents DQ0-71.
5.
For a minimum of 200µs after stable power and clock (CK, CK#), apply NOP or
DESELECT commands, then take CKE HIGH.
6.
Wait a minimum of 400ns, then issue a PRECHARGE ALL command.
7.
Issue a LOAD MODE command to the EMR(2). (To issue an EMR(3) command,
provide LOW to BA2 and BA0, and provide HIGH to BA1.) Set register E7 to "0" or
"1;" all others must be "0".
8.
Issue LOAD MODE command to the EMR(3). (to issue and EMR(3) command,
provide HIGH to BA0 = 1, BA1 = 1, and BA2 = 0.) Set all registers to "0".
9.
Issue a LOAD MODE command to the EMR to enable DLL. To issue a CLL
ENABLE command provide LOW to BA1, BA2 and A0; provide HIGH to BA0. Bits
E7, E8 and E9 can be set to "0" or "1;" Micron recommends setting them to "0".
10. Issue a LOAD MODE command for DLL RESET. 200 cycles of clock input is
required to lock the DLL. (To issue a DLL RESET, provide HIGH to A8 and provide
LOW to BA2 = BA1 = BA0 = 0.) CKE must be HIGH the entire time. .
11. Issue PRECHARGE ALL command.
12. Issue two or more REFRESH commands.
13. Issue a LOAD MODE command with LOW to A8 to initialize device operation (i.e.,
to program operating parameters without resetting the DLL). To access the mode
registers, BA0 = 0, BA1 = 0, BA2 = 0.
14. Issue a LOAD MODE command to the EMR to enable OCD default by setting bits
E7, E8, and E9 to “1,” and then setting all other desired parameters. To access the
extended mode register, BA2 = 0, BA1 = 0, BA0 = 1.
15. Issue a LOAD MODE command to the EMR to enable OCD exit by setting bits E7,
E8, and E9 to “0,” and then setting all other desired parameters. To access the
extended mode registers, BA2 = 0, BA1 = 0, BA0 = 1.
16. The DDR2 SDRAM is now initialized and ready for normal operation 200 clock
cycles after the DLL RESET at Tf0.


Similar Part No. - W3H64M72E-533SB

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3H64M72EERXXXAD7MG WEDC-W3H64M72EERXXXAD7MG Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3H64M72EERXXXAD7SG WEDC-W3H64M72EERXXXAD7SG Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
More results

Similar Description - W3H64M72E-533SB

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3H32M72E-XSBX WEDC-W3H32M72E-XSBX Datasheet
920Kb / 30P
   32M x 72 DDR2 SDRAM 208 PBGA Multi-Chip Package
W3H32M64E-XSBX WEDC-W3H32M64E-XSBX Datasheet
231Kb / 6P
   32M x 64 DDR2 SDRAM 208 PBGA Multi-Chip Package
logo
Elpida Memory
EBE51ED8ABFA ELPIDA-EBE51ED8ABFA Datasheet
168Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AGFA ELPIDA-EBE51ED8AGFA Datasheet
194Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA ELPIDA-EBE51ED8AEFA Datasheet
186Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8ABFA ELPIDA-EBE51RD8ABFA Datasheet
174Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AGFA ELPIDA-EBE51RD8AGFA Datasheet
198Kb / 23P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA ELPIDA-EBE51RD8AEFA Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA-6 ELPIDA-EBE51ED8AEFA-6 Datasheet
194Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
logo
Mosel Vitelic, Corp
V437464S24V MOSEL-V437464S24V Datasheet
318Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com