Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WC16P332-16GX Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WC16P332-16GX
Description  68332 MONOLITHIC MICROCONTROLLER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WC16P332-16GX Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WC16P332-16GX Datasheet HTML 1Page - White Electronic Designs Corporation WC16P332-16GX Datasheet HTML 2Page - White Electronic Designs Corporation WC16P332-16GX Datasheet HTML 3Page - White Electronic Designs Corporation WC16P332-16GX Datasheet HTML 4Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WC16P332-16GX
October 1997
PRELIMINARY
PACKAGE 505: 132 LEAD, CERAMIC QUAD FLAT PACK, CQFP (G)
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
Pin 1
30.0 (1.140) ± 0.18 (0.007) SQ
0.28 (0.011)
± 0.05 (0.002)
0.63 (0.025)
TYP
24.1 (0.950) ± 0.2 (0.008) SQ
3.1 (0.123) MAX
PIN 1 IDENTIFIER
0.15 (0.006) + 0.05 (0.002)
- 0.02 (0.001)
29.0 (1.140)
± 0.2 (0.007)
4.0 (0.158)
MAX
3.1 (0.123)
MAX
0.33 (0.013) MIN
0.81 (0.032) ± 0.2 (0.008)
0° - 8°
RADIUS
0.23 (0.009) MIN
0.56 (0.022)
± 0.3 (0.012)
DETAIL A
DETAIL A
0.66 (0.026)
± 0.23 (0.009)
ORDERING INFORMATION
DEVICE GRADE:
M = Military Screened -55°C to +125°C
I = Industrial -40°C to +85°C
C = Commercial 0°C to +70°C
PACKAGE:
G = 132 Lead Ceramic Quad Flatpack, CQFP (Package 505)
16MHz Operating Frequency
68332
16 bit Wide
MICROCONTROLLER
WHITE MICROELECTRONICS
W C 16 P332 - 16 G X


Similar Part No. - WC16P332-16GX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WC1602K ETC-WC1602K Datasheet
118Kb / 1P
   16CH x 2 Lines 1/16Duty,1/5Bias LCD
More results

Similar Description - WC16P332-16GX

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com