Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

222246955822 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 222246955822
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222246955822 Datasheet(HTML) 4 Page - Vishay Siliconix

  222246955822 Datasheet HTML 1Page - Vishay Siliconix 222246955822 Datasheet HTML 2Page - Vishay Siliconix 222246955822 Datasheet HTML 3Page - Vishay Siliconix 222246955822 Datasheet HTML 4Page - Vishay Siliconix 222246955822 Datasheet HTML 5Page - Vishay Siliconix 222246955822 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28107
4
Revision: 29-Aug-03
MKT 469
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
URdc = 400 V; URac = 220 V
URdc = 630 V; URac = 250 V
C
(µF)
DIMENSIONS
wmax × h max × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 469 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 4.0 +1.0/−0.5 mm
lt = 22.0 ±4.0 mm
C-tol = ±10%
last 5 digits of
catalog number
SPQ
SPQ
SPQ
Pitch = 10.0 ±0.4 mm; dt = 0.60 ±0.06 mm
0.001
4.5 × 9.9 × 12.5
0.5
55102
2000
1500
1300
0.0012
55122
0.0015
55152
0.0018
55182
0.0022
4.0 × 9.3 × 12.5
0.4
55222
2000
1500
1500
0.0027
4.3 × 9.7 × 12.5
0.5
55272
2000
1500
1500
0.0033
4.6 × 9.9 × 12.5
0.5
55332
2000
1500
1300
0.0039
4.0 × 9.3 × 12.5
0.4
55392
2000
1500
1500
0.0047
4.1 × 9.5 × 12.5
0.4
55472
2000
1500
1500
0.0056
4.6 × 9.9 × 12.5
0.5
55562
2000
1500
1300
0.0068
4.2 × 9.5 × 12.5
0.4
55682
2000
1500
1500
0.0082
4.6 × 9.9 × 12.5
0.5
55822
2000
1500
1300
0.01
4.1 × 9.4 × 12.5
0.4
55103
2000
1500
1500
0.012
4.5 × 9.9 × 12.5
0.5
55123
2000
1500
1300
0.015
4.1 × 9.4 × 12.5
0.4
55153
2000
1500
1500
0.018
4.5 × 9.9 × 12.5
0.5
55183
2000
1500
1300
0.022
4.0 × 9.3 × 12.5
0.4
55223
2000
1500
1500
0.027
4.2 × 9.5 × 12.5
0.4
55273
2000
1500
1500
0.033
4.6 × 9.9 × 12.5
0.5
55333
2000
1500
1300
0.039
5.0 × 10.3 × 12.5
0.5
55393
1500
1250
1200
0.047
4.1 × 9.4 × 12.5
0.4
55473
2000
1500
1500
0.056
4.4 × 9.7 × 12.5
0.5
55563
2000
1500
1500
0.068
4.8 × 10.1 × 12.5
0.5
55683
2000
1250
1300
0.082
5.4 × 10.8 × 12.5
0.6
55823
1500
1000
1200
0.1
5.7 × 11.0 × 12.5
0.6
55104
1500
1000
1100
C
(µF)
DIMENSIONS
wmax × h max × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 469 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 4.0 +1.0/−0.5 mm
lt = 22.0 ±4.0 mm
C-tol = ±10%
last 5 digits of
catalog number
SPQ
SPQ
SPQ
Pitch = 10.0 ±0.4 mm; dt = 0.60 ±0.06 mm
0.01
4.1 × 9.4 × 12.5
0.4
65103
2000
1500
1500
0.012
4.5 × 9.9 × 12.5
0.5
65123
2000
1500
1300
0.015
4.9 × 10.2 × 12.5
0.5
65153
2000
1250
1200
0.018
5.4 × 10.8 × 12.5
0.6
65183
1500
1000
1100
0.022
4.8 × 10.1 × 12.5
0.5
65223
2000
1250
1300
0.027
5.3 × 10.7 × 12.5
0.6
65273
2000
1000
1200
0.033
5.9 × 11.2 × 12.5
0.6
65333
1500
1000
1100


Similar Part No. - 222246955822

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2222405 VISHAY-2222405 Datasheet
134Kb / 3P
   Integrated Passive Device (Capacitor and Varistor)
Revision: 08-Aug-03
logo
List of Unclassifed Man...
22224161XXX2 ETC1-22224161XXX2 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
22224161XXX3 ETC1-22224161XXX3 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
22224161XXX4 ETC1-22224161XXX4 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
22224167XXX2 ETC1-22224167XXX2 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
More results

Similar Description - 222246955822

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845224 VISHAY-BFC236845224 Datasheet
113Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366_08 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845104 VISHAY-BFC236845104 Datasheet
140Kb / 11P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT467 VISHAY-MKT467 Datasheet
128Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 28-Feb-05
MKT368 VISHAY-MKT368 Datasheet
166Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
10-Sep-03
MKT468 VISHAY-MKT468 Datasheet
360Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366 Datasheet
295Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT365 VISHAY-MKT365 Datasheet
86Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 09-Nov-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com