Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

222246955123 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 222246955123
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222246955123 Datasheet(HTML) 2 Page - Vishay Siliconix

  222246955123 Datasheet HTML 1Page - Vishay Siliconix 222246955123 Datasheet HTML 2Page - Vishay Siliconix 222246955123 Datasheet HTML 3Page - Vishay Siliconix 222246955123 Datasheet HTML 4Page - Vishay Siliconix 222246955123 Datasheet HTML 5Page - Vishay Siliconix 222246955123 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28107
2
Revision: 29-Aug-03
MKT 469
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
COMPOSITION OF CATALOG NUMBER
SPECIFIC REFERENCE DATA
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C ≤ 0.1 µF
≤75 × 10−4
≤120 × 10−4
≤200 × 10−4
0.1 µF < C ≤ 0.47 µF
≤75 × 10−4
≤120 × 10−4
≤225 × 10−4
0.47 µF < C ≤ 1.0 µF
≤75 × 10−4
≤120 × 10−4
Rated voltage pulse slope (dU/dt)R at 100 V (DC)
at 100 V (DC)
at 250 V (DC)
at 400 V (DC)
at 630 V (DC)
30 V/µs
120 V/µs
170 V/µs
120 V/µs
R between leads, for C ≤ 0.33 µF:
at 100 V; 1 minute
>30000 MΩ
>30000 MΩ
at 500 V; 1 minute
>30000 MΩ
RC between leads, for C > 0.33 µF at 100 V; 1 minute
>5000 s
R between interconnecting leads and casing; 100 V;
1 minute
>30000 MΩ
>30000 MΩ
>30000 MΩ
>30000 MΩ
Withstanding (DC) voltage (cut off current 10 mA);
rise time 100 V/s
160 V; 1 minute
400 V; 1 minute
640 V; 1 minute
1008 V; 1 minute
Withstanding (DC) voltage between leads and case
200 V; 1 minute
500 V; 1 minute
800 V; 1 minute
1260 V; 1 minute
TYPE
PACKAGING
LEAD CONFIGURATION
ON REQUEST
C-TOL
100 V
250 V
400 V
630 V
MKT 469
loose in box
lead length 4.0+1.0/−0.5 mm
±10%
25
45
55
65
±5%
26
46
56
66
lead length 22.0 ±4.0 mm
±10%
21
41
51
61
±5%
22
42
52
62
taped on reel
H = 18.5 mm; P0 = 12.7 mm;
reel diameter = 500 mm
±10%
28
48
58
68
±5%
29
49
59
69
2222
469
XX XX X
TYPE AND PITCHES
469
10.0 mm
MULTIPLIER
(nF)
0.1
2
1
3
10
4
100
5
CAPACITANCE
(numerically)
Example:
104 = 10 x 10 = 100 nF


Similar Part No. - 222246955123

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2222405 VISHAY-2222405 Datasheet
134Kb / 3P
   Integrated Passive Device (Capacitor and Varistor)
Revision: 08-Aug-03
logo
List of Unclassifed Man...
22224161XXX2 ETC1-22224161XXX2 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
22224161XXX3 ETC1-22224161XXX3 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
22224161XXX4 ETC1-22224161XXX4 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
22224167XXX2 ETC1-22224167XXX2 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
More results

Similar Description - 222246955123

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845224 VISHAY-BFC236845224 Datasheet
113Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366_08 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845104 VISHAY-BFC236845104 Datasheet
140Kb / 11P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT467 VISHAY-MKT467 Datasheet
128Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 28-Feb-05
MKT368 VISHAY-MKT368 Datasheet
166Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
10-Sep-03
MKT468 VISHAY-MKT468 Datasheet
360Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366 Datasheet
295Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT365 VISHAY-MKT365 Datasheet
86Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 09-Nov-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com