Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WC32P020-XP2M Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # WC32P020-XP2M
Description  16 32-Bit General-Purpose Data and Address Registers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WC32P020-XP2M Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button WC32P020-XP2M Datasheet HTML 5Page - White Electronic Designs Corporation WC32P020-XP2M Datasheet HTML 6Page - White Electronic Designs Corporation WC32P020-XP2M Datasheet HTML 7Page - White Electronic Designs Corporation WC32P020-XP2M Datasheet HTML 8Page - White Electronic Designs Corporation WC32P020-XP2M Datasheet HTML 9Page - White Electronic Designs Corporation WC32P020-XP2M Datasheet HTML 10Page - White Electronic Designs Corporation WC32P020-XP2M Datasheet HTML 11Page - White Electronic Designs Corporation WC32P020-XP2M Datasheet HTML 12Page - White Electronic Designs Corporation WC32P020-XP2M Datasheet HTML 13Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WC32P020-XXM
December 2002
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
NOTES:
1. This number can be reduced to 5ns if strobes have equal loads.
2. If the asynchronous setup time (#47A) requirements are satisfied, the DSACKx#
low data setup time (#31) and DSACKx# low to BERR# low setup time (#48) can be
ignored. The data must only satisfy the data-in to clock low setup time (#27) for the
following clock cycle, and BERR# must only satisfy the late BERR low to clock low
setup time (#27A) for the following clock cycle.
3. This parameter specifies the maximum allowable skew between DSACK0# to
DSACK1# asserted or DSACK1# to DSACK0# asserted; specification #47A must be
met by DSACK0# or DSACK1#.
4. This specification applies to the first (DSACK0# or DSACK1#) DSACKx# signal
asserted. In the absence of DSACKx#, BERR# is an asynchronous input setup time
(347A).
5. DBEN# may stay asserted on consecutive write cycles.
6. The minimum values must be met to guarantee proper operation. If this maximum
value is exceeded, BG may be reasserted.
7. This specification indicates the minimum high time for ECS# and OCS# in the event
of an internal cache hit followed immediately by a cache miss or operand cycle.
8. This specification guarantees operation with the 68881/68882, which specifies a
minimum time for DS# negated to AS# asserted. Without this specification, incorrect
interpretation of specifications #9A and #15 would indicate that the WC32P020-XXM
does not meet the 68881/68882 requirements.
9. This specification allows a system designer to guarantee data hold times on the
output side of data buffers that have output enable signals generated with DBEN#.
10. These specifications allow system designers to guarantee that an alternate bus
master has stopped driving the bus when the 68020 regains control of the bus after
an arbitration sequence.
11. This specification allows system designers to qualify the CS# signal of an
68881/68882 with AS# (allowing 7 ns for a gate delay) and still meet the CS# to
DS# setup time requirement.
AC ELECTRICAL SPECIFICATIONS – READ AND WRITE CYCLES (CONT'D)
Characteristic
Specification
16.67 MHz
20 MHz
25MHz
Unit
Min
Max
Min
Max
Min
Max
BGACK# Asserted to BR# Negated
37A (6)
0
1.5
0
1.5
0
1.5
Clks
BG Width Negated
39
90
75
60
ns
BG# Width Asserted
39A
90
75
60
ns
Clock High to DBEN# Asserted (Read)
40
0
30
0
25
0
20
ns
Clock High to DBEN# Negated (Read)
41
0
30
0
25
0
20
ns
Clock High to DBEN# Asserted (Write)
42
0
30
0
25
0
20
ns
Clock High to DBEN# Negated (Write)
43
0
30
0
25
0
20
ns
R/W# Low to DBEN# Asserted (Write)
44
15
10
10
ns
DBEN# Width Asserted
Read
45 (5)
60
50
40
ns
Write
120
100
80
R/W# Width Valid (Write or Read)
46
150
125
100
ns
Asynchronous Input Setup Time
47A
5–5–5–
ns
Asynchronous Input Hold Time
47B
15
15
10
ns
DSACKx# Asserted to BERR#, HALT# Asserted
48 (4)
30
20
18
ns
Data Out Hold from Clock High
53
0–0–0–
ns
R/W# Valid to Data Bus Impedance Change
55
30
25
20
ns
RESET# Pulse Width (Reset Instruction)
56
512
512
512
Clks
BERR# Negated to HALT# Negated (Rerun)
57
0–0–0–
ns
BGACK# Negated to Bus Driven
58 (10)
1–1–1–
Clks
BG# Negated to Bus Driven
59 (10)
1–1–1–
Clks


Similar Part No. - WC32P020-XP2M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WC32P040-XP4M WEDC-WC32P040-XP4M Datasheet
726Kb / 23P
   32-Bit, Nonmultiplexed External Address and Data Buses with Synchronous Interface
WC32P040-XQ4M WEDC-WC32P040-XQ4M Datasheet
726Kb / 23P
   32-Bit, Nonmultiplexed External Address and Data Buses with Synchronous Interface
WC32P040-XXM WEDC-WC32P040-XXM Datasheet
726Kb / 23P
   32-Bit, Nonmultiplexed External Address and Data Buses with Synchronous Interface
More results

Similar Description - WC32P020-XP2M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2420 TI-SN74BCT2420 Datasheet
183Kb / 12P
[Old version datasheet]   NuBus ADDRESS/DATA TRANSCEIVERS AND REGISTERS
DP83936AVUL-20 TI1-DP83936AVUL-20_11 Datasheet
1Mb / 106P
[Old version datasheet]   32-bit non-multiplexed address and data bus
74ACT16254 TI1-74ACT16254_09 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT ADDRESS/DATA MULTIPLEXER
logo
STMicroelectronics
RM0321 STMICROELECTRONICS-RM0321 Datasheet
3Mb / 584P
   SPEAr320S address map and registers
logo
ATMEL Corporation
ATMEGA16HVBPRE ATMEL-ATMEGA16HVBPRE Datasheet
6Mb / 275P
   32 x 8 General Purpose Working Registers
logo
White Electronic Design...
WC32P040-XXM WEDC-WC32P040-XXM Datasheet
726Kb / 23P
   32-Bit, Nonmultiplexed External Address and Data Buses with Synchronous Interface
logo
Micross Components
AS5SP512K36 MICROSS-AS5SP512K36 Datasheet
746Kb / 12P
   On-Chip Address and Control Registers
logo
Texas Instruments
CY74FCT162374T TI1-CY74FCT162374T Datasheet
681Kb / 21P
[Old version datasheet]   16-Bit Registers
CY74FCT163374 TI1-CY74FCT163374 Datasheet
133Kb / 10P
[Old version datasheet]   16-Bit Registers
CY74FCT16374T TI-CY74FCT16374T Datasheet
61Kb / 7P
[Old version datasheet]   16-Bit Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com