Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED2DG472512V5D2 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WED2DG472512V5D2
Description  16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2DG472512V5D2 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WED2DG472512V5D2 Datasheet HTML 1Page - White Electronic Designs Corporation WED2DG472512V5D2 Datasheet HTML 2Page - White Electronic Designs Corporation WED2DG472512V5D2 Datasheet HTML 3Page - White Electronic Designs Corporation WED2DG472512V5D2 Datasheet HTML 4Page - White Electronic Designs Corporation WED2DG472512V5D2 Datasheet HTML 5Page - White Electronic Designs Corporation WED2DG472512V5D2 Datasheet HTML 6Page - White Electronic Designs Corporation WED2DG472512V5D2 Datasheet HTML 7Page - White Electronic Designs Corporation WED2DG472512V5D2 Datasheet HTML 8Page - White Electronic Designs Corporation WED2DG472512V5D2 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
White Electronic Designs
WED2DG472512V-D2
January 2000
Rev. 0
ADVANCED
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FIG. 2
FUNCTIONAL BLOCK DIAGRAM
ADDR
BW8#
BW7#
BW6#
BW5#
BW4#
BW3#
BW2#
BW1#
BWE#
E4#
E3#
E2#
E1#
BW8#
BW7#
BW6#
BW5#
BW4#
BW3#
BW2#
BW1#
BWE#
E4#
E3#
E2#
E1#
ADSP#
ADSC#
512K x 18
SBPL
SCD
512K x 18
SBPL
SCD
MODE
ADSP#
ADSC#
ADV#
ZZ1
ZZ2
ZZ3
ZZ4
CK
GW#
G#
E1#
ZZ1
GW#
G#
GW#
G#
GW#
G#
GW#
G#
GW#
G#
GW#
G#
GW#
G#
GW#
G#
BW8#
BW7#
BW6#
BW5#
BWE#
ADSP#
ADSC#
ADV#
512K x 18
SBPL
SCD
512K x 18
SBPL
SCD
E1#
ZZ1
ADSP#
ADSC#
ADSP#
ADSC#
ADSP#
ADSC#
512K x 18
SBPL
SCD
512K x 18
SBPL
SCD
E2
ZZ2
BW8#
BW7#
BW6#
BW5#
BWE#
BW8#
BW7#
BW6#
BW5#
BWE#
BW8#
BW7#
BW6#
BW5#
BWE#
ADSP#
ADSC#
ADV#
512K x 18
SBPL
SCD
512K x 18
SBPL
SCD
E2#
ZZ2
512K x 18
SBPL
SCD
512K x 18
SBPL
SCD
E3
ZZ3
ADSP#
ADSC#
ADV#
512K x 18
SBPL
SCD
512K x 18
SBPL
SCD
E3#
ZZ3
512K x 18
SBPL
SCD
512K x 18
SBPL
SCD
E4
ZZ4
ADSP#
ADSC#
ADV#
512K x 18
SBPL
SCD
512K x 18
SBPL
SCD
E4#
ZZ4
U1 -U8 EQUAL LENGTH NET ROUTES
Data (DQ)
BW4#
BW3#
BW2#
BW1#
BWE#
ADV#
BW4#
BW3#
BW2#
BW1#
BWE#
ADV#
BW4#
BW3#
BW2#
BW1#
BWE#
ADV#
BW4#
BW3#
BW2#
BW1#
BWE#
ADV#


Similar Part No. - WED2DG472512V5D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2DL32512V25BC WEDC-WED2DL32512V25BC Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2DL32512V35BC WEDC-WED2DL32512V35BC Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2DL32512V38BC WEDC-WED2DL32512V38BC Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2DL32512V38BI WEDC-WED2DL32512V38BI Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
More results

Similar Description - WED2DG472512V5D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2EG472512V-D2 WEDC-WED2EG472512V-D2 Datasheet
265Kb / 10P
   16MB (4x512Kx72) SYNC BURST PIPELINE, DUAL KEY DIMM
WED2CG472512V-D2 WEDC-WED2CG472512V-D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
EDI2CG472256V WEDC-EDI2CG472256V Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472128V WEDC-EDI2CG472128V Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2CG272128V WEDC-EDI2CG272128V Datasheet
164Kb / 12P
   2x128Kx72, 3.3V Sync/Sync Burst SRAM SO-DIMM
EDI2AG272129V WEDC-EDI2AG272129V Datasheet
162Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com