Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED2ZL361MS26BC Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WED2ZL361MS26BC
Description  1Mx36 Synchronous Pipeline Burst NBL SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2ZL361MS26BC Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WED2ZL361MS26BC Datasheet HTML 1Page - White Electronic Designs Corporation WED2ZL361MS26BC Datasheet HTML 2Page - White Electronic Designs Corporation WED2ZL361MS26BC Datasheet HTML 3Page - White Electronic Designs Corporation WED2ZL361MS26BC Datasheet HTML 4Page - White Electronic Designs Corporation WED2ZL361MS26BC Datasheet HTML 5Page - White Electronic Designs Corporation WED2ZL361MS26BC Datasheet HTML 6Page - White Electronic Designs Corporation WED2ZL361MS26BC Datasheet HTML 7Page - White Electronic Designs Corporation WED2ZL361MS26BC Datasheet HTML 8Page - White Electronic Designs Corporation WED2ZL361MS26BC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED2ZL361MS
Oct, 2002
Rev. 5
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ABSOLUTE MAXIMUM RATINGS*
RECOMMENDED DC OPERATING CONDITIONS
(Voltage Referenced to: VSS = OV, TA = 0°C; Commercial or -40°C ≤ TA ≤ 85°C; Industrial)
*Stress greater than those listed under “Absolute Maximum Ratings: may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions greater than those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating condtions for extended periods may affect reliability.
NOTES:
1. All voltages referenced to VSS (GND)
2. ZZ pin has an internal pull-up, and input leakage is higher.
DC CHARACTERISTICS
NOTES:
1.
IDD is specified with no output current and increases with faster cycle times.
IDD increases with faster cycle times and greater output loading.
2.
Typical values are measured at 2.5V, 25°C, and 10ns cycle time.
BGA CAPACITANCE
NOTES:
1.
This parameter is sampled.
Description
Symbol
Conditions
Typ
Max
Units Notes
Control Input Capacitance
CI
TA = 25°C; f = 1MHZ
5
7
pF
1
Input/Output Capacitance (DQ)
CO
TA = 25°C; f = 1MHZ
6
8
pF
1
Address Capacitance
CA
TA = 25°C; f = 1MHZ
5
7
pF
1
Clock Capacitance
CCK
TA = 25°C; f = 1MHZ
3
5
pF
1
Description
Symbol
Conditions
Typ
250
MHz
200
MHz
166
MHz
133
MHz
Units
Notes
Power Supply
Current: Operating
IDD
Device Selected; All Inputs � VIL or � VIH; Cycle
Time = TCYC MIN; VCC = MAX; Output Open
900
800
690
580
mA
1, 2
Power Supply
Current: Standby
ISB2
Device Deselected; VCC = MAX; All Inputs� VSS + 0.2
or VCC - 0.2; All Inputs Static; CK Frequency = 0;
ZZ � VIL
30
60
60
60
60
mA
2
Power Supply
Current: Current
ISB3
Device Selected; All Inputs � VIL or � VIH; Cycle
Time = TCYC MIN; VCC = MAX; Output Open;
ZZ � VCC - 0.2V
20
40
40
40
40
mA
2
Clock Running
Standby Current
ISB4
Device Deselected; VCC = MAX; All Inputs
� VSS + 0.2 or VCC - 0.2; Cycle Time = TCYC
MIN; ZZ � VIL
150
140
130
100
mA
2
Voltage on VCC Supply Relative to VSS
-0.3V to +3.6V
Vin (DQx)
-0.3V to +3.6V
Vin (Inputs)
-0.3V to +3.6V
Storage Temperature (BGA)
-55°C to +125°C
Short Circuit Output Current
100mA
Description
Symbol
Conditions
Min
Max
Units
Notes
Input High (Logic 1) Voltage
VIH
0V ≤ VIN ≤ VCC
Output(s) Disabled, 0V ≤ VIN ≤ VCC
IOH = -1.0mA
IOL = 1.0mA
1.7
VCC +0.3
V
1
Input Low (Logic 0) Voltage
VIL
-0.3
0.7
V
1
Input Leakage Current
ILI
-5
5
µA
2
Output Leakage Current
ILO
-5
5
µA
Output High Voltage
VOH
2.0
V
1
Output Low Voltage
VOL
0.4
V
1
Supply Voltage
VCC
2.375
2.625
V
1


Similar Part No. - WED2ZL361MS26BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV35BC WEDC-WED2ZL361MV35BC Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV35BI WEDC-WED2ZL361MV35BI Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV38BC WEDC-WED2ZL361MV38BC Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV38BI WEDC-WED2ZL361MV38BI Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
More results

Similar Description - WED2ZL361MS26BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2ZLRSP01S WEDC-WED2ZLRSP01S Datasheet
350Kb / 13P
   512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com