Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED2ZL361MS35BC Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WED2ZL361MS35BC
Description  1Mx36 Synchronous Pipeline Burst NBL SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2ZL361MS35BC Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WED2ZL361MS35BC Datasheet HTML 1Page - White Electronic Designs Corporation WED2ZL361MS35BC Datasheet HTML 2Page - White Electronic Designs Corporation WED2ZL361MS35BC Datasheet HTML 3Page - White Electronic Designs Corporation WED2ZL361MS35BC Datasheet HTML 4Page - White Electronic Designs Corporation WED2ZL361MS35BC Datasheet HTML 5Page - White Electronic Designs Corporation WED2ZL361MS35BC Datasheet HTML 6Page - White Electronic Designs Corporation WED2ZL361MS35BC Datasheet HTML 7Page - White Electronic Designs Corporation WED2ZL361MS35BC Datasheet HTML 8Page - White Electronic Designs Corporation WED2ZL361MS35BC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED2ZL361MS
Oct, 2002
Rev. 5
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
AC CHARACTERISTICS
NOTES:
1. All Address inputs must meet the specified setup and hold times for all rising clock (CK) edges when ADV is sampled low and CEx# is sampled valid. All other
synchronous inputs must meet the specified setup and hold times whenever this device is chip selected.
2. Chip enable must be valid at each rising edge of CK (when ADV is Low) to remain enabled.
3. A write cycle is defined by WE# low having been registered into the device at ADV Low. A Read cycle is defined by WE# High with ADV Low. Both cases must
meet setup and hold times.
OUTPUT LOAD (A)
OUTPUT LOAD (B)
(for tLZC, tLZOE, tHZOE, and tHZC)
Dout
Zo=50
RL=50
VL=1.25V
30pF*
Dout
1538
5pF*
+2.5V
1667
*Including Scope and Jig Capacitance
AC TEST CONDITIONS
(0 ≤ TA ≤ 70°C, VCC = 2.5V ± 5%; Commercial or -40°C ≤ Ta ≤ 85°C; VCC = 2.5V ± 5%; Industrial)
Parameter
Value
Input Pulse Level
0 to 2.5V
Input Rise and Fall Time (Measured at 20% to 80%)
1.0V/ns
Input and Output Timing Reference Levels
1.25V
Output Load
See Output Load (A)
Parameter
Symbol
250MHz
225MHz
200MHz
166MHz
150MHz
133MHz
Units
Min Max Min Max Min
Max
Min Max Min Max
Min
Max
Clock Time
tCYC
4.0
4.4
5.0
6.0
6.7
7.5
ns
Clock Access Time
tCD
--
2.6
--
2.8
--
3.0
--
3.5
--
3.8
--
4.2
ns
Output enable to Data Valid
tOE
--
2.6
--
2.8
--
3.0
--
3.5
--
3.8
--
4.2
ns
Clock High to Output Low-Z
tLZC
1.5
--
1.5
--
1.5
--
1.5
--
1.5
--
1.5
--
ns
Output Hold from Clock High
tOH
1.5
--
1.5
--
1.5
--
1.5
--
1.5
--
1.5
--
ns
Output Enable Low to output Low-Z
tLZOE
0.0
--
0.0
--
0.0
--
0.0
--
0.0
--
0.0
--
ns
Output Enable High to Output High-Z
tHZOE
--
2.6
--
2.8
--
3.0
--
3.0
--
3.0
--
3.5
ns
Clock High to Output High-Z
tHZC
--
2.6
--
2.8
--
3.0
--
3.0
--
3.0
--
3.5
ns
Clock High Pulse Width
tCH
1.7
--
2.0
--
2.0
--
2.2
--
2.2
--
2.2
--
ns
Clock Low Pulse Width
tCL
1.7
--
2.0
--
2.0
--
2.2
--
2.2
--
2.2
--
ns
Address Setup to Clock High
tAS
1.2
--
1.4
--
1.4
--
1.5
--
1.5
--
1.5
--
ns
CKE Setup to Clock High
tCES
1.2
--
1.4
--
1.4
--
1.5
--
1.5
--
1.5
--
ns
Data Setup to Clock High
tDS
1.2
--
1.4
--
1.4
--
1.5
--
1.5
--
1.5
--
ns
Write Setup to Clock High
tWS
1.2
--
1.4
--
1.4
--
1.5
--
1.5
--
1.5
--
ns
Address Advance to Clock High
tADVS
1.2
--
1.4
--
1.4
--
1.5
--
1.5
--
1.5
--
ns
Chip Select Setup to Clock High
tCSS
1.2
--
1.4
--
1.4
--
1.5
--
1.5
--
1.5
--
ns
Address Hold to Clock high
tAH
0.3
--
0.4
--
0.4
--
0.5
--
0.5
--
0.5
--
ns
CKE Hold to Clock High
tCEH
0.3
--
0.4
--
0.4
--
0.5
--
0.5
--
0.5
--
ns
Data Hold to Clock High
tDH
0.3
--
0.4
--
0.4
--
0.5
--
0.5
--
0.5
--
ns
Write Hold to Clock High
tWH
0.3
--
0.4
--
0.4
--
0.5
--
0.5
--
0.5
--
ns
Address Advance to Clock High
tADVH
0.3
--
0.4
--
0.4
--
0.5
--
0.5
--
0.5
--
ns
Chip Select Hold to Clock High
tCSH
0.3
--
0.4
--
0.4
--
0.5
--
0.5
--
0.5
--
ns
ZZ High to Power Down
tPDS
2
--
2
--
2
--
2
--
2
--
2
--
cycle
ZZ Low to Power Up
tPUS
2
--
2
--
2
--
2
--
2
--
2
--
cycle


Similar Part No. - WED2ZL361MS35BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV35BC WEDC-WED2ZL361MV35BC Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV35BI WEDC-WED2ZL361MV35BI Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV38BC WEDC-WED2ZL361MV38BC Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV38BI WEDC-WED2ZL361MV38BI Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
More results

Similar Description - WED2ZL361MS35BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2ZLRSP01S WEDC-WED2ZLRSP01S Datasheet
350Kb / 13P
   512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com