Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED2ZL361MS38BC Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WED2ZL361MS38BC
Description  1Mx36 Synchronous Pipeline Burst NBL SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2ZL361MS38BC Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WED2ZL361MS38BC Datasheet HTML 1Page - White Electronic Designs Corporation WED2ZL361MS38BC Datasheet HTML 2Page - White Electronic Designs Corporation WED2ZL361MS38BC Datasheet HTML 3Page - White Electronic Designs Corporation WED2ZL361MS38BC Datasheet HTML 4Page - White Electronic Designs Corporation WED2ZL361MS38BC Datasheet HTML 5Page - White Electronic Designs Corporation WED2ZL361MS38BC Datasheet HTML 6Page - White Electronic Designs Corporation WED2ZL361MS38BC Datasheet HTML 7Page - White Electronic Designs Corporation WED2ZL361MS38BC Datasheet HTML 8Page - White Electronic Designs Corporation WED2ZL361MS38BC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED2ZL361MS
Oct, 2002
Rev. 5
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
The WED2ZL361MS is an NBL SSRAM designed to sus-
tain 100% bus bandwidth by eliminating turnaround cycle
when there is transition from Read to Write, or vice versa.
All inputs (with the exception of OE#, LBO# and ZZ) are
synchronized to rising clock edges.
All read, write and deselect cycles are initiated by the
ADV# input. Subsequent burst addresses can be internally
generated by the burst advance pin (ADV#). ADV# should
be driven to Low once the device has been deselected in
order to load a new address for next operation.
Clock Enable (CKE#) pin allows the operation of the chip to
be suspended as long as necessary. When CKE# is high,
all synchronous inputs are ignored and the internal device
registers will hold their previous values. NBL SSRAM
latches external address and initiates a cycle when CKE#
and ADV# are driven low at the rising edge of the clock.
Output Enable (OE#) can be used to disable the output
at any given time. Read operation is initiated when at the
rising edge of the clock, the address presented to the ad-
dress inputs are latched in the address register, CKE# is
driven low, the write enable input signals WE# are driven
high, and ADV# driven low. The internal array is read
between the first rising edge and the second rising edge
of the clock and the data is latched in the output register.
At the second clock edge the data is driven out of the
SRAM. During read operation OE# must be driven low for
the device to drive out the requested data.
BURST SEQUENCE TABLE
NOTE 1: LBO# pin must be tied to High or Low, and Floating State must not be
allowed.
Write operation occurs when WE# is driven low at the ris-
ing edge of the clock. BW#[d:a] can be used for byte write
operation. The pipe-lined NBL SSRAM uses a late-late write
cycle to utilize 100% of the bandwidth. At the first rising edge
of the clock, WE# and address are registered, and the data
associated with that address is required two cycle later.
Subsequent addresses are generated by ADV# High for
the burst access as shown below. The starting point of the
burst seguence is provided by the external address. The
burst address counter wraps around to its initial state upon
completion. The burst sequence is determined by the state
of the LBO# pin. When this pin is low, linear burst sequence
is selected. And when this pin is high, Interleaved burst
sequence is selected.
During normal operation, ZZ must be driven low. When ZZ
is driven high, the SRAM will enter a Power Sleep Mode
after 2 cycles. At this time, internal state of the SRAM is
preserved. When ZZ returns to low, the SRAM operates
after 2 cycles of wake up time.
LBO# Pin
High
Case 1
Case 2
Case 3
Case 4
A1 A0 A1 A0 A1 A0 A1 A0
First Address
Fourth Address
0
0
0
1
1
0
1
1
0
1
0
0
1
1
1
0
1
0
1
1
0
0
0
1
1
1
1
0
0
1
0
0
FUNCTION DESCRIPTION
(INTERLEAVED BURST, LBO# = HIGH)
LBO# Pin
High
Case 1
Case 2
Case 3
Case 4
A1 A0 A1 A0 A1 A0 A1 A0
First Address
Fourth Address
0
0
0
1
1
0
1
1
0
1
1
0
1
1
0
0
1
0
1
1
0
0
0
1
1
1
0
0
0
1
1
0
(LINEAR BURST, LBO# = LOW)


Similar Part No. - WED2ZL361MS38BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV35BC WEDC-WED2ZL361MV35BC Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV35BI WEDC-WED2ZL361MV35BI Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV38BC WEDC-WED2ZL361MV38BC Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV38BI WEDC-WED2ZL361MV38BI Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
More results

Similar Description - WED2ZL361MS38BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2ZLRSP01S WEDC-WED2ZLRSP01S Datasheet
350Kb / 13P
   512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com