Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED2ZLRSP01S38BC Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WED2ZLRSP01S38BC
Description  512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2ZLRSP01S38BC Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WED2ZLRSP01S38BC Datasheet HTML 2Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 3Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 4Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 5Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 6Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 7Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 8Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 9Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED2ZLRSP01S
April, 2002
Rev. 0
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
AC CHARACTERISTICS
NOTES:
1. All Address inputs must meet the specified setup and hold times for all rising clock (CK) edges when ADV is sampled low and CEx# is
sampled valid. All other synchronous inputs must meet the specified setup and hold times whenever this device is chip selected.
2. Chip enable must be valid at each rising edge of CK (when ADV is Low) to remain enabled.
3. A write cycle is defined by WE# low having been registered into the device at ADV Low. A Read cycle is defined by WE# High with ADV Low.
Both cases must meet setup and hold times.
4. Applies to each of the independent arrays.
OUTPUT LOAD (A)
OUTPUT LOAD (B)
(for tLZC, tLZOE, tHZOE, and tHZC)
Parameter
Symbol
166MHz
150MHz
133MHz
100MHz
Units
Min
Max
Min
Max
Min
Max
Min
Max
Clock Time
tCYC
6.0
6.7
7.5
10.0
ns
Clock Access Time
tCD
3.5
3.8
4.2
5.0
ns
Output enable to Data Valid
tOE
3.5
3.8
4.2
5.0
ns
Clock High to Output Low-Z
tLZC
1.5
1.5
1.5
1.5
ns
Output Hold from Clock High
tOH
1.5
1.5
1.5
1.5
ns
Output Enable Low to output Low-Z
tLZOE
0.0
0.0
0.0
0.0
ns
Output Enable High to Output High-Z
tHZOE
3.0
3.0
3.5
3.5
ns
Clock High to Output High-Z
tHZC
3.0
3.0
3.5
3.5
ns
Clock High Pulse Width
tCH
2.2
2.5
3.0
3.0
ns
Clock Low Pulse Width
tCL
2.2
2.5
3.0
3.0
ns
Address Setup to Clock High
tAS
1.5
1.5
1.5
1.5
ns
CKE# Setup to Clock High
tCES
1.5
1.5
1.5
1.5
ns
Data Setup to Clock High
tDS
1.5
1.5
1.5
1.5
ns
Write Setup to Clock High
tWS
1.5
1.5
1.5
1.5
ns
Address Advance to Clock High
tADVS
1.5
1.5
1.5
1.5
ns
Chip Select Setup to Clock High
tCSS
1.5
1.5
1.5
1.5
ns
Address Hold to Clock high
tAH
0.5
0.5
0.5
0.5
ns
CKE# Hold to Clock High
tCEH
0.5
0.5
0.5
0.5
ns
Data Hold to Clock High
tDH
0.5
0.5
0.5
0.5
ns
Write Hold to Clock High
tWH
0.5
0.5
0.5
0.5
ns
Address Advance to Clock High
tADVH
0.5
0.5
0.5
0.5
ns
Chip Select Hold to Clock High
tCSH
0.5
0.5
0.5
0.5
ns
*Including Scope and Jig Capacitance
AC TEST CONDITIONS
(0 ≤ TA ≤ 70°C, VCC = 2.5V ± 5%, Unless Otherwise Specified)
Parameter
Value
Input Pulse Level
0 to 2.5V
Input Rise and Fall Time (Measured at 20% to 80%)
1.0V/ns
Input and Output Timing Reference Levels
1.25V
Output Load
See Output Load (A)
Dout
Zo=50
RL=50
VL=1.25V
30pF*
Dout
1538
5pF*
+2.5V
1667


Similar Part No. - WED2ZLRSP01S38BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS26BC WEDC-WED2ZL361MS26BC Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS26BI WEDC-WED2ZL361MS26BI Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS28BC WEDC-WED2ZL361MS28BC Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS28BI WEDC-WED2ZL361MS28BI Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
More results

Similar Description - WED2ZLRSP01S38BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B ALSC-AS7C33128PFS32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD32B ALSC-AS7C33128PFD32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
logo
GSI Technology
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com