Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED2ZL64512S50BC Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # WED2ZL64512S50BC
Description  512K x 64 Synchronous Pipeline NBL SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2ZL64512S50BC Datasheet(HTML) 9 Page - White Electronic Designs Corporation

  WED2ZL64512S50BC Datasheet HTML 1Page - White Electronic Designs Corporation WED2ZL64512S50BC Datasheet HTML 2Page - White Electronic Designs Corporation WED2ZL64512S50BC Datasheet HTML 3Page - White Electronic Designs Corporation WED2ZL64512S50BC Datasheet HTML 4Page - White Electronic Designs Corporation WED2ZL64512S50BC Datasheet HTML 5Page - White Electronic Designs Corporation WED2ZL64512S50BC Datasheet HTML 6Page - White Electronic Designs Corporation WED2ZL64512S50BC Datasheet HTML 7Page - White Electronic Designs Corporation WED2ZL64512S50BC Datasheet HTML 8Page - White Electronic Designs Corporation WED2ZL64512S50BC Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
WED2ZL64512S
October 2001
Rev. 0
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PACKAGE DIMENSION: 119 BUMP PBGA
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
1.90 (0.075)
MAX
0.711 (0.028)
MAX
1.27 (0.050)
TYP
1.27 (0.050) TYP
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
17.00 (0.669) TYP
A1
CORNER
20.32 (0.800)
TYP
23.00 (0.905)
TYP
7.62 (0.300)
TYP
ORDERING INFORMATION
Part Number
Configuration
tCD
(ns)
Clock
(MHz)
WED2ZL64512S35BC
512K x 64
3.5
166
WED2ZL64512S38BC
512K x 64
3.8
150
WED2ZL64512S42BC
512K x 64
4.2
133
WED2ZL64512S50BC
512K x 64
5.0
100
NOTE: Ball attach pad for above BGA package is 620 microns in diameter. Pad is solder mask defined.
COMMERCIAL TEMP RANGE (0°C TA  70°C)


Similar Part No. - WED2ZL64512S50BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS26BC WEDC-WED2ZL361MS26BC Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS26BI WEDC-WED2ZL361MS26BI Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS28BC WEDC-WED2ZL361MS28BC Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS28BI WEDC-WED2ZL361MS28BI Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
More results

Similar Description - WED2ZL64512S50BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZLRSP01S WEDC-WED2ZLRSP01S Datasheet
350Kb / 13P
   512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFS18A ALSC-AS7C33512PFS18A Datasheet
512Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
logo
Integrated Silicon Solu...
IS61SP6464 ISSI-IS61SP6464 Datasheet
119Kb / 20P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61SP6464 ISSI-61SP6464 Datasheet
130Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com