Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3C7558M350BM Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # WED3C7558M350BM
Description  RISC Microprocessor Multichip Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3C7558M350BM Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button WED3C7558M350BM Datasheet HTML 5Page - White Electronic Designs Corporation WED3C7558M350BM Datasheet HTML 6Page - White Electronic Designs Corporation WED3C7558M350BM Datasheet HTML 7Page - White Electronic Designs Corporation WED3C7558M350BM Datasheet HTML 8Page - White Electronic Designs Corporation WED3C7558M350BM Datasheet HTML 9Page - White Electronic Designs Corporation WED3C7558M350BM Datasheet HTML 10Page - White Electronic Designs Corporation WED3C7558M350BM Datasheet HTML 11Page - White Electronic Designs Corporation WED3C7558M350BM Datasheet HTML 12Page - White Electronic Designs Corporation WED3C7558M350BM Datasheet HTML 13Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED3C7558M-XBX
August 2002
Rev. 7
TABLE 1: L2CR BIT SETTINGS
Bit
Name
Function
16
L2SL
L2 DLL slow. Setting L2SL increases the delay of each tap of the DLL delay line. It is intended to increase the delay through the DLL
to accommodate slower L2 RAM bus frequencies.
0: Setting for WED3C7558M-XBX because L2 RAM interface is operated above 100 MHz.
17
L2DF
L2 differential clock. This mode supports the differential clock requirements of late-write SRAMs.
0: Setting for WED3C7558M-XBX because late-write SRAMs are not used.
18
L2BYP
L2 DLL bypass is reserved.
0: Setting for WED3C7558M-XBX
19-20
Reserved. These bits are implemented but not used; keep at 0 for future compatibility.
21
L2IO
L2 Instruction-only. Setting this bit enables instruction-only operation in the L2 cache. For this operation, data transactions from the L1
data cache already cached in the L2 cache can hit in the L2 (including writes), but new data transactions (transactions that miss in the
L2) from the L1 data cashe are treated as cache-inhibited (bypass L2 cache, no L2 checking done). When both L2DO and L2IO are
set, the L2 cache is effectively locked (cache misses do not cause new entries to be allocated but write hits use the L2). Note that this
bit can be programmed dynamically.
22
L2CS
L2 Clock Stop. Setting this bit causes the L2 clocks to the SRAMs to automatically stop whenever the MPC755 enters nap or sleep
modes, and automatically restart when exiting those modes (including for snooping during nap mode). It operates by asynchronously
gating off the L2CLK_OUT [A:B] signals while in nap or sleep mode. The L2SYNC_OUT/SYNC_IN path remains in operation, keeping
the DLL synchronized. This bit is provided as a power-saving alternative to the L2CTL bit and its corresponding ZZ pin, which may not
be useful for dynamic stopping/restarting of the L2 interface from nap and sleep modes due to the relatively long recovery time from
ZZ negation that the SRAM requires.
23
L2DRO
L2 DLL rollover. Setting this bit enables a potential rollover (or actual rollover) condition of the DLL to cause a checkstop for the
processor. A potential rollover condition occurs when the DLL is selecting the last tap of the delay line, and thus may risk rolling over
to the first tap with one adjustment while in the process of keeping synchronized. Such a condition is improper operation for the DLL,
and, while this condition is not expected, it allows detection for added security. This bit can be set when the DLL is first enabled (set
with the L2CLK bits) to detect rollover during initial synchronization. It could also be set when the L2 cache is enabled (with L2E bit)
after the DLL has achieved its initial lock.
24–30
L2CTR
L2 DLL counter (read-only). These bits indicate the current value of the DLL counter (0 to 127). They are asynchronously read when
the L2CR is read, and as such should be read at least twice with the same value in case the value is asynchronously caught in
transition. These bits are intended to provide observability of where in the 128-bit delay chain the DLL is at any given time. Generally,
the DLL operation should be considered at risk if it is found to be within a couple of taps of its beginning or end point (tap 0 or tap
128).
31
L2IP
L2 global invalidate in progress (read only)—See the Motorola user’s manual for L2 Invalidation procedure.


Similar Part No. - WED3C7558M350BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3C755E8M-XBX WEDC-WED3C755E8M-XBX Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
WED3C755E8M300BC WEDC-WED3C755E8M300BC Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
WED3C755E8M300BI WEDC-WED3C755E8M300BI Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
WED3C755E8M300BM WEDC-WED3C755E8M300BM Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
WED3C755E8M350BC WEDC-WED3C755E8M350BC Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
More results

Similar Description - WED3C7558M350BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3C7410E16M-XBX WEDC-WED3C7410E16M-XBX Datasheet
485Kb / 13P
   RISC Microprocessor Multichip Package
logo
List of Unclassifed Man...
WED3C7410E16M-400BX ETC-WED3C7410E16M-400BX Datasheet
261Kb / 13P
   RISC Microprocessor Multichip Package
logo
White Electronic Design...
WED3C7410E16M-XBHX WEDC-WED3C7410E16M-XBHX Datasheet
456Kb / 15P
   7410E RISC Microprocessor HiTCETM Multichip Package
logo
Aeroflex Circuit Techno...
R4400 AEROFLEX-R4400 Datasheet
169Kb / 11P
   A MIPS R4400 RISC Microprocessor Multichip Module
logo
White Electronic Design...
WED3C755E8M-XBX WEDC-WED3C755E8M-XBX Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
   RISC MICROPROCESSOR
S3C44B0X SAMSUNG-S3C44B0X Datasheet
1Mb / 424P
   RISC MICROPROCESSOR
logo
Motorola, Inc
MPC750 MOTOROLA-MPC750 Datasheet
318Kb / 31P
   MPC750 RISC Microprocessor
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Freescale Semiconductor...
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com