Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3C7410E16M450BH9M Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # WED3C7410E16M450BH9M
Description  7410E RISC Microprocessor HiTCETM Multichip Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3C7410E16M450BH9M Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button WED3C7410E16M450BH9M Datasheet HTML 7Page - White Electronic Designs Corporation WED3C7410E16M450BH9M Datasheet HTML 8Page - White Electronic Designs Corporation WED3C7410E16M450BH9M Datasheet HTML 9Page - White Electronic Designs Corporation WED3C7410E16M450BH9M Datasheet HTML 10Page - White Electronic Designs Corporation WED3C7410E16M450BH9M Datasheet HTML 11Page - White Electronic Designs Corporation WED3C7410E16M450BH9M Datasheet HTML 12Page - White Electronic Designs Corporation WED3C7410E16M450BH9M Datasheet HTML 13Page - White Electronic Designs Corporation WED3C7410E16M450BH9M Datasheet HTML 14Page - White Electronic Designs Corporation WED3C7410E16M450BH9M Datasheet HTML 15Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED3C7410E16M-XBHX
July 2004
Rev. 0
PRELIMINARY
The AVCC and L2AVCC power signals are provided on the
WED3C7410E16M-XBHX to provide power to the clock
generation phase-locked loop and L2 cache delay-locked
loop respectively. To ensure stability of the internal clock,
the power supplied to the AVCC input signal should be
filtered of any noise in the 500kHz to 10 MHz resonant
frequency range of the PLL. A circuit similar to the
one shown in Figure 6 using surface mount capacitors
with minimum Effective Series Inductance (ESL) is
recommended. Multiple small capacitors of equal value are
recommended over a single large value capacitor.
PLL POWER SUPPLY FILTERING
FIGURE 6 – POWER SUPPLY FILTER CIRCUIT
AVCC (or L2AVCC)
2.2 µF
2.2 µF
GND
Low ESL surface mount capacitors
VCC
10 Ω
The circuit should be placed as close as possible to the
AVCC pin to minimize noise coupled from nearby circuits.
An identical but separate circuit should be placed as close
as possible to the L2AVCC pin. It is often possible to route
directly from the capacitors to the AVCC pin, which is on the
periphery of the 255 BGA footprint, without the inductance
of vias. The L2AVCC pin may be more difficult to route but
is proportionately less critical.


Similar Part No. - WED3C7410E16M450BH9M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3C7410E16M450BC WEDC-WED3C7410E16M450BC Datasheet
485Kb / 13P
   RISC Microprocessor Multichip Package
WED3C7410E16M450BI WEDC-WED3C7410E16M450BI Datasheet
485Kb / 13P
   RISC Microprocessor Multichip Package
WED3C7410E16M450BM WEDC-WED3C7410E16M450BM Datasheet
485Kb / 13P
   RISC Microprocessor Multichip Package
More results

Similar Description - WED3C7410E16M450BH9M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3C7410E16M-XBX WEDC-WED3C7410E16M-XBX Datasheet
485Kb / 13P
   RISC Microprocessor Multichip Package
logo
List of Unclassifed Man...
WED3C7410E16M-400BX ETC-WED3C7410E16M-400BX Datasheet
261Kb / 13P
   RISC Microprocessor Multichip Package
logo
White Electronic Design...
WED3C7558M-XBX WEDC-WED3C7558M-XBX Datasheet
530Kb / 13P
   RISC Microprocessor Multichip Package
logo
Aeroflex Circuit Techno...
R4400 AEROFLEX-R4400 Datasheet
169Kb / 11P
   A MIPS R4400 RISC Microprocessor Multichip Module
logo
White Electronic Design...
WED3C755E8M-XBX WEDC-WED3C755E8M-XBX Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
   RISC MICROPROCESSOR
S3C44B0X SAMSUNG-S3C44B0X Datasheet
1Mb / 424P
   RISC MICROPROCESSOR
logo
Motorola, Inc
MPC750 MOTOROLA-MPC750 Datasheet
318Kb / 31P
   MPC750 RISC Microprocessor
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Freescale Semiconductor...
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com