Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED2ZLRSP01S50BI Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WED2ZLRSP01S50BI
Description  512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2ZLRSP01S50BI Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WED2ZLRSP01S50BI Datasheet HTML 1Page - White Electronic Designs Corporation WED2ZLRSP01S50BI Datasheet HTML 2Page - White Electronic Designs Corporation WED2ZLRSP01S50BI Datasheet HTML 3Page - White Electronic Designs Corporation WED2ZLRSP01S50BI Datasheet HTML 4Page - White Electronic Designs Corporation WED2ZLRSP01S50BI Datasheet HTML 5Page - White Electronic Designs Corporation WED2ZLRSP01S50BI Datasheet HTML 6Page - White Electronic Designs Corporation WED2ZLRSP01S50BI Datasheet HTML 7Page - White Electronic Designs Corporation WED2ZLRSP01S50BI Datasheet HTML 8Page - White Electronic Designs Corporation WED2ZLRSP01S50BI Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED2ZLRSP01S
April, 2002
Rev. 0
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Vdd Supply Relative to VSS
-0.3V to +3.6V
VIN (DQx)
-0.3V to +3.6V
VIN (Inputs)
-0.3V to +3.6V
Storage Temperature (BGA)
-55°C to +125°C
Short Circuit Output Current
100mA
ELECTRICAL CHARACTERISTICS (0°C ≤ TA ≤ 70°C)
*Stress greater than those listed under “Absolute Maximum Ratings”: may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions greater than those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating condtions for extended periods may affect reliability.
Description
Symbol
Conditions
Min
Max
Units
Notes
Input High (Logic 1) Voltage
VIH
1.7
VCC +0.3
V
1
Input Low (Logic 0) Voltage
VIL
-0.3
0.7
V
1
Input Leakage Current
ILI
0V ≤ VIN ≤ VCC
-5
5
µA
2
Output Leakage Current
ILO
Output(s) Disabled, 0V ≤ VIN ≤ VCC
-5
5
µA
Output High Voltage
VOH
IOH = -1.0mA
2.0
---
V
1
Output Low Voltage
VOL
IOL = 1.0mA
---
0.4
V
1
Supply Voltage
VCC
2.375
2.625
V
1
NOTES:
1. All voltages referenced to VSS (GND)
2. ZZ pin has an internal pull-up, and input leakage is higher.
DC CHARACTERISTICS
NOTES:
1. IDD is specified with no output current and increases with faster cycle times. IDD increases with faster cycle times and greater output loading.
2. Typical values are measured at 2.5V, 25°C, and 10ns cycle time.
BGA CAPACITANCE
NOTES:
1. This parameter is sampled.
Description
Symbol
Conditions
Typ
Max
Units
Notes
Control Input Capacitance
CI
TA = 25°C; f = 1MHZ
5
7
pF
1
Input/Output Capacitance (DQ)
CO
TA = 25°C; f = 1MHZ
6
8
pF
1
Address Capacitance
CA
TA = 25°C; f = 1MHZ
5
7
pF
1
Clock Capacitance
CCK
TA = 25°C; f = 1MHZ
3
5
pF
1
Description
Symbol
Conditions
Typ
166
MHz
150
MHz
133
MHz
100
MHz
Units
Notes
Power Supply
Current: Operating
IDD
Device Selected; All Inputs ≤ VIL or ≥ VIH; Cycle
Time = tCYC MIN; VCC = MAX; Output Open
650
600
560
500
mA
1, 2
Power Supply
Current: Standby
ISB2
Device Deselected; VCC = MAX; All Inputs ≤ VSS + 0.2
or VCC - 0.2; All Inputs Static; CK Frequency = 0;
ZZ ≤ VIL
30
60
60
60
60
mA
2
Power Supply
Current: Current
ISB3
Device Selected; All Inputs ≤ VIL or ≥ VIH; Cycle
Time =tCYC MIN; VCC = MAX; Output Open;
ZZ ≥ VCC - 0.2V
20
40
40
40
40
mA
2
Clock Running
Standby Current
ISB4
Device Deselected; VCC = MAX; All Inputs
≤ VSS + 0.2 or VCC - 0.2; Cycle Time = tCYC
MIN; ZZ ≤ VIL
140
120
100
80
mA
2


Similar Part No. - WED2ZLRSP01S50BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS26BC WEDC-WED2ZL361MS26BC Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS26BI WEDC-WED2ZL361MS26BI Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS28BC WEDC-WED2ZL361MS28BC Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS28BI WEDC-WED2ZL361MS28BI Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
More results

Similar Description - WED2ZLRSP01S50BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B ALSC-AS7C33128PFS32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD32B ALSC-AS7C33128PFD32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
logo
GSI Technology
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com