Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3C7558M350BI Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WED3C7558M350BI
Description  RISC Microprocessor Multichip Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3C7558M350BI Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WED3C7558M350BI Datasheet HTML 2Page - White Electronic Designs Corporation WED3C7558M350BI Datasheet HTML 3Page - White Electronic Designs Corporation WED3C7558M350BI Datasheet HTML 4Page - White Electronic Designs Corporation WED3C7558M350BI Datasheet HTML 5Page - White Electronic Designs Corporation WED3C7558M350BI Datasheet HTML 6Page - White Electronic Designs Corporation WED3C7558M350BI Datasheet HTML 7Page - White Electronic Designs Corporation WED3C7558M350BI Datasheet HTML 8Page - White Electronic Designs Corporation WED3C7558M350BI Datasheet HTML 9Page - White Electronic Designs Corporation WED3C7558M350BI Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED3C7558M-XBX
August 2002
Rev. 7
PACKAGE PINOUT LISTING (continued)
Signal Name
Pin Number
Active
I/O
2.0V (7)
3.3V (7)
STMS
B8
Input
SYSCLK
C9
Input
TA#
H14
Low
Input
TBEN
C2
High
Input
TBST#
A14
Low
I/O
TCK
C11
High
Input
TDI (6)
A11
High
Input
TDO
A12
High
Output
TEA#
H13
Low
Input
TLBISYNC#
C4
Low
Input
TMS (6)
B11
High
Input
TRST# (6)
C10
Low
Input
TS#
J13
Low
I/O
TSIZ[0-2]
A13, D10, B12
High
Output
TT[0-4]
B13, A15, B16, C14, C15
High
I/O
WT
D2
Low
Output
VCC (2)
F6, F8, F9, F11, G7, G10, H6, H8, H9, H11, J6, J8, J9, J11, K7, K10, L6, L8, L9
2.0V
2.0V
VOLDET (3)
F3
Low
Output
NOTES:
1.
These are test signals for factory use only and must be pulled up to OVCC for
normal machine operation.
2.
OVCC inputs supply power to the I/O drivers and VCC inputs supply power to the
processor core.
3.
Internally tied to GND in the BGA package to indicate to the power supply that a
low-voltage processor is present. This signal is not a power supply pin.
4.
To allow processor bus I/0 voltage changes, provide the option to connect BVSEL
and L2VSEL independently to either OVCC (Selects 3.3V Interface) or to GND
(Selects 2.0V Interface).
5.
Uses one of 15 existing no-connects in WEDC’s WED3C750A8M-200BX.
6.
Internal pull up on die.
7.
OVCC supplies power to the processor bus, JTAG, and all control signals except
the L2 cache controls (L2CE, L2WE, and L2ZZ); L2OVCC supplies power to the L2
cache I/O interface (L2ADDR (0-16], L2DATA (0-63), L2DP{0-7] and L2SYNC-OUT)
and the L2 control signals and the SSRAM power supplies; and VCC supplies power
to the processor core and the PLL and DLL (after filtering to become AVCC and
L2AVCC respectively). These columns serve as a reference for the nominal voltage
supported on a given signal as selected by the BVSEL/L2VSEL pin configurations
and the voltage supplied. For actual recommended value of Vin or supply voltages
see Recommended Operating Conditions.
8.
Uses one of 20 existing VCC pins in WEDC's WED3C750A8M-200BX, no board
level design changes are necessary. For new designs of WED3C7558M-XBX refer
to PLL power supply filtering.
9.
L20VCC for future designs that will require 2.0V L2 cache power supply - compatible
with existing design using WED3C750A8M-200BX.
10. To disable SSRAM TAP controllers without interfering with the normal operation of
the devices, STCK should be tied low (GND) to prevent clocking the devices.
11. STDI and STMS are internally pulled up and may be left unconnected. Upon
power-up the SSRAM devices will come up in a reset state which will not interfere
with the operation of the device.


Similar Part No. - WED3C7558M350BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3C755E8M-XBX WEDC-WED3C755E8M-XBX Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
WED3C755E8M300BC WEDC-WED3C755E8M300BC Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
WED3C755E8M300BI WEDC-WED3C755E8M300BI Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
WED3C755E8M300BM WEDC-WED3C755E8M300BM Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
WED3C755E8M350BC WEDC-WED3C755E8M350BC Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
More results

Similar Description - WED3C7558M350BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3C7410E16M-XBX WEDC-WED3C7410E16M-XBX Datasheet
485Kb / 13P
   RISC Microprocessor Multichip Package
logo
List of Unclassifed Man...
WED3C7410E16M-400BX ETC-WED3C7410E16M-400BX Datasheet
261Kb / 13P
   RISC Microprocessor Multichip Package
logo
White Electronic Design...
WED3C7410E16M-XBHX WEDC-WED3C7410E16M-XBHX Datasheet
456Kb / 15P
   7410E RISC Microprocessor HiTCETM Multichip Package
logo
Aeroflex Circuit Techno...
R4400 AEROFLEX-R4400 Datasheet
169Kb / 11P
   A MIPS R4400 RISC Microprocessor Multichip Module
logo
White Electronic Design...
WED3C755E8M-XBX WEDC-WED3C755E8M-XBX Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
   RISC MICROPROCESSOR
S3C44B0X SAMSUNG-S3C44B0X Datasheet
1Mb / 424P
   RISC MICROPROCESSOR
logo
Motorola, Inc
MPC750 MOTOROLA-MPC750 Datasheet
318Kb / 31P
   MPC750 RISC Microprocessor
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Freescale Semiconductor...
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com