Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3C7410E16M450BC Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WED3C7410E16M450BC
Description  RISC Microprocessor Multichip Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3C7410E16M450BC Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WED3C7410E16M450BC Datasheet HTML 1Page - White Electronic Designs Corporation WED3C7410E16M450BC Datasheet HTML 2Page - White Electronic Designs Corporation WED3C7410E16M450BC Datasheet HTML 3Page - White Electronic Designs Corporation WED3C7410E16M450BC Datasheet HTML 4Page - White Electronic Designs Corporation WED3C7410E16M450BC Datasheet HTML 5Page - White Electronic Designs Corporation WED3C7410E16M450BC Datasheet HTML 6Page - White Electronic Designs Corporation WED3C7410E16M450BC Datasheet HTML 7Page - White Electronic Designs Corporation WED3C7410E16M450BC Datasheet HTML 8Page - White Electronic Designs Corporation WED3C7410E16M450BC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED3C7410E16M-XBX
May 2006
Rev. 9
FEATURES
Footprint compatible with WED3C7558M-XBX and
WED3C750A8M-200BX
Implementation of Altivec
™ technology instruction
set
Optional, high-bandwidth MPX bus interface
RISC Microprocessor Multichip Package
OVERVIEW
The WEDC 7410E/SSRAM multichip package is targeted
for high performance, space sensitive, low power systems
and supports the following power management features:
doze, nap, sleep and dynamic power management.
The WED3C7410E16M-XBX multichip package consists
of:
7410E AltiVec
™ RISC processor
Dedicated 2MB SSRAM L2 cache, configured as
256Kx72
21mmx25mm, 255 Ceramic Ball Grid Array (CBGA)
Maximum Core frequency = 400, 450MHz
Maximum L2 Cache frequency = 200MHz
Maximum 60x Bus frequency = 133MHz**
The WED3C7410E16M-XBX is offered in Commercial
(0°C to +70°C), industrial (-40°C to +85°C) and military
(-55°C to +125°C) temperature ranges and is well suited
for embedded applications such as missiles, aerospace,
flight computers, fire control systems and rugged critical
systems.
* This product is subject to change without notice.
** At a maximum 60x bus frequency of 133MHz, the maximum
configurable core frequency is 400MHz.
FIGURE 1 – MULTI-CHIP PACKAGE DIAGRAM
AltiVec
™ is a trademark of Motorola Inc.


Similar Part No. - WED3C7410E16M450BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3C7410E16M450BH9C WEDC-WED3C7410E16M450BH9C Datasheet
456Kb / 15P
   7410E RISC Microprocessor HiTCETM Multichip Package
WED3C7410E16M450BH9I WEDC-WED3C7410E16M450BH9I Datasheet
456Kb / 15P
   7410E RISC Microprocessor HiTCETM Multichip Package
WED3C7410E16M450BH9M WEDC-WED3C7410E16M450BH9M Datasheet
456Kb / 15P
   7410E RISC Microprocessor HiTCETM Multichip Package
WED3C7410E16M450BHC WEDC-WED3C7410E16M450BHC Datasheet
456Kb / 15P
   7410E RISC Microprocessor HiTCETM Multichip Package
WED3C7410E16M450BHI WEDC-WED3C7410E16M450BHI Datasheet
456Kb / 15P
   7410E RISC Microprocessor HiTCETM Multichip Package
More results

Similar Description - WED3C7410E16M450BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WED3C7410E16M-400BX ETC-WED3C7410E16M-400BX Datasheet
261Kb / 13P
   RISC Microprocessor Multichip Package
logo
White Electronic Design...
WED3C7558M-XBX WEDC-WED3C7558M-XBX Datasheet
530Kb / 13P
   RISC Microprocessor Multichip Package
WED3C7410E16M-XBHX WEDC-WED3C7410E16M-XBHX Datasheet
456Kb / 15P
   7410E RISC Microprocessor HiTCETM Multichip Package
logo
Aeroflex Circuit Techno...
R4400 AEROFLEX-R4400 Datasheet
169Kb / 11P
   A MIPS R4400 RISC Microprocessor Multichip Module
logo
White Electronic Design...
WED3C755E8M-XBX WEDC-WED3C755E8M-XBX Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
   RISC MICROPROCESSOR
S3C44B0X SAMSUNG-S3C44B0X Datasheet
1Mb / 424P
   RISC MICROPROCESSOR
logo
Motorola, Inc
MPC750 MOTOROLA-MPC750 Datasheet
318Kb / 31P
   MPC750 RISC Microprocessor
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Freescale Semiconductor...
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com