Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3C7558M350BC Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # WED3C7558M350BC
Description  RISC Microprocessor Multichip Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3C7558M350BC Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button WED3C7558M350BC Datasheet HTML 3Page - White Electronic Designs Corporation WED3C7558M350BC Datasheet HTML 4Page - White Electronic Designs Corporation WED3C7558M350BC Datasheet HTML 5Page - White Electronic Designs Corporation WED3C7558M350BC Datasheet HTML 6Page - White Electronic Designs Corporation WED3C7558M350BC Datasheet HTML 7Page - White Electronic Designs Corporation WED3C7558M350BC Datasheet HTML 8Page - White Electronic Designs Corporation WED3C7558M350BC Datasheet HTML 9Page - White Electronic Designs Corporation WED3C7558M350BC Datasheet HTML 10Page - White Electronic Designs Corporation WED3C7558M350BC Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED3C7558M-XBX
August 2002
Rev. 7
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Recommended Value
Unit
Core supply voltage
VCC
2.0 ± 100mV
V
PLL supply voltage
AVCC
2.0 ± 100mV
V
L2 DLL supply voltage
L2AVCC
2.0 ± 100mV
V
Processor bus supply voltage
BVSEL = 0
OVCC
2.0 ± 100mV
V
BVSEL = 1
OVCC
3.3 ± 165mV
V
L2 bus supply voltage
L2VSEL = 1
L20VCC
3.3 ± 165mV
V
Input Voltage
Processor bus
VIN
GND to OVCC
V
JTAG Signals
VIN
GND to OVCC
V
NOTE: These are the recommended and tested operating conditions. Proper device operation outside of these conditions is not guaranteed.
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
Notes
Core supply voltage
VCC
-0.3 to 2.5
V
(4)
PLL supply voltage
AVCC
-0.3 to 2.5
V
(4)
L2 DLL supply voltage
L2AVCC
-0.3 to 2.5
V
(4)
60x bus supply voltage
OVCC
-0.3 to 3.465
V
(3)
L2 bus supply voltage
L2OVCC
-0.3 to 3.465
V
(3)
Input supply
Processor Bus
VIN
-0.3 to 0VCC +0.3
V
(2)
L2 bus
VIN
-0.3 to L20VCC +0.3
V
(2)
JTAG Signals
VIN
-0.3 to 3.6
V
(2)
Storage temperature range
TSTG
-55 to 150
°C
NOTES:
1.
Functional and tested operating conditions are given in Operating Conditions table. Absolute maximum ratings are stress ratings only, and functional operation at the maximums is
not guaranteed. Stresses beyond those listed may affect device reliability or cause permanent damage to the device.
2.
Caution: Vin must not exceed OVCC by more than 0.3V at any time including during power-on reset.
3.
Caution: OVCC/L2OVCC must not exceed VCC/AVCC/L2AVCC by more than 1.6 V at any time including during power-on reset.
4.
Caution: VCC/AVCC/L2AVCC must not exceed L2OVCC/OVCC by more than 0.4 V at any time including during power-on reset.


Similar Part No. - WED3C7558M350BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3C755E8M-XBX WEDC-WED3C755E8M-XBX Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
WED3C755E8M300BC WEDC-WED3C755E8M300BC Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
WED3C755E8M300BI WEDC-WED3C755E8M300BI Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
WED3C755E8M300BM WEDC-WED3C755E8M300BM Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
WED3C755E8M350BC WEDC-WED3C755E8M350BC Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
More results

Similar Description - WED3C7558M350BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3C7410E16M-XBX WEDC-WED3C7410E16M-XBX Datasheet
485Kb / 13P
   RISC Microprocessor Multichip Package
logo
List of Unclassifed Man...
WED3C7410E16M-400BX ETC-WED3C7410E16M-400BX Datasheet
261Kb / 13P
   RISC Microprocessor Multichip Package
logo
White Electronic Design...
WED3C7410E16M-XBHX WEDC-WED3C7410E16M-XBHX Datasheet
456Kb / 15P
   7410E RISC Microprocessor HiTCETM Multichip Package
logo
Aeroflex Circuit Techno...
R4400 AEROFLEX-R4400 Datasheet
169Kb / 11P
   A MIPS R4400 RISC Microprocessor Multichip Module
logo
White Electronic Design...
WED3C755E8M-XBX WEDC-WED3C755E8M-XBX Datasheet
347Kb / 14P
   RISC MICROPROCESSOR MULTI-CHIP PACKAGE
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
   RISC MICROPROCESSOR
S3C44B0X SAMSUNG-S3C44B0X Datasheet
1Mb / 424P
   RISC MICROPROCESSOR
logo
Motorola, Inc
MPC750 MOTOROLA-MPC750 Datasheet
318Kb / 31P
   MPC750 RISC Microprocessor
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Freescale Semiconductor...
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com