Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3DG644V133D1I-MG Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WED3DG644V133D1I-MG
Description  32MB - 4Mx64 SDRAM, UNBUFFERED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG644V133D1I-MG Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WED3DG644V133D1I-MG Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG644V133D1I-MG Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG644V133D1I-MG Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG644V133D1I-MG Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG644V133D1I-MG Datasheet HTML 5Page - White Electronic Designs Corporation WED3DG644V133D1I-MG Datasheet HTML 6Page - White Electronic Designs Corporation WED3DG644V133D1I-MG Datasheet HTML 7Page - White Electronic Designs Corporation WED3DG644V133D1I-MG Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
WED3DG644V-D1
White Electronic Designs
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
June 2006
Rev. 3
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 ~ 4.6
V
Storage Temperature
TSTG
-55 ~ +150
°C
Power Dissipation
PD
4
W
Short Circuit Current
IOS
50
mA
Note: Permanent device damage may occur if “ABSOLUTE MAXIMUM RATINGS” are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
VCC
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
VCCQ+0.3
V1
Input Low Voltage
VIL
-0.3
0.8
V
2
Output High Voltage
VOH
2.4
V
IOH= -2mA
Output Low Voltage
VOL
——
0.4
V
IOL= -2mA
Input Leakage Current
ILI
-10
10
µA
3
Note: 1. VIH (max)= 5.6V AC. The overshoot voltage duration is ≤ 3ns.
2. VIL (min)= -2.0V AC. The undershoot voltage duration is ≤ 3ns.
3. Any input 0V ≤ VIN ≤ VCCQ
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
CAPACITANCE
TA = 25°C, f = 1MHz, VCC = 3.3V, VREF = 1.4V ± 200mV
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A12)
CIN1
25
pF
Input Capacitance (RAS#,CAS#,WE#)
CIN2
25
pF
Input Capacitance (CKE0)
CIN3
25
pF
Input Capacitance (CLK0)
CIN4
19
pF
Input Capacitance (CS0#)
CIN5
25
pF
Input Capacitance (DQM0-DQM7)
CIN6
8pF
Input Capacitance (BA0-BA1)
CIN7
25
pF
Data Input/Output Capacitance (DQ0-DQ63)
COUT
10
pF
RECOMMENDED DC OPERATING CONDITIONS
Voltage Referenced to: VSS = 0V, TA = 0°C to +70°C


Similar Part No. - WED3DG644V133D1I-MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6417V-D1 WEDC-WED3DG6417V-D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3DG6417V10D1 WEDC-WED3DG6417V10D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3DG6417V75D1 WEDC-WED3DG6417V75D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3DG6417V7D1 WEDC-WED3DG6417V7D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
More results

Similar Description - WED3DG644V133D1I-MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG644V-D2 WEDC-W3DG644V-D2 Datasheet
117Kb / 6P
   32MB - 4M x 64 SDRAM UNBUFFERED
WED3DL644V WEDC-WED3DL644V Datasheet
918Kb / 28P
   4Mx64 SDRAM
logo
ADL Embedded Solutions
MSM586SL ADL-MSM586SL Datasheet
203Kb / 2P
   Soldered 32MB SDRAM (64MB)
logo
Samsung semiconductor
M366S0924FTS SAMSUNG-M366S0924FTS Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M366S1723ET SAMSUNG-M366S1723ET Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M366S6453ET SAMSUNG-M366S6453ET Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M464S6554BTS SAMSUNG-M464S6554BTS Datasheet
277Kb / 15P
   SDRAM Unbuffered SODIMM
M464S3254ET SAMSUNG-M464S3254ET Datasheet
268Kb / 18P
   SDRAM Unbuffered SODIMM
M378T6453FZ0 SAMSUNG-M378T6453FZ0 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
logo
White Electronic Design...
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com