Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3DG6466V10D2 Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WED3DG6466V10D2
Description  512MB -64Mx64, SDRAM UNBUFFERED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG6466V10D2 Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WED3DG6466V10D2 Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG6466V10D2 Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG6466V10D2 Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG6466V10D2 Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG6466V10D2 Datasheet HTML 5Page - White Electronic Designs Corporation WED3DG6466V10D2 Datasheet HTML 6Page - White Electronic Designs Corporation WED3DG6466V10D2 Datasheet HTML 7Page - White Electronic Designs Corporation WED3DG6466V10D2 Datasheet HTML 8Page - White Electronic Designs Corporation WED3DG6466V10D2 Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED3DG6466V-D2
May 2005
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FUNCTIONAL BLOCK DIAGRAM
DQM1
DQM5
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQM
CS#
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQM
CS#
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQM
CS#
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DQM
CS#
DQM0
CS0#
DQM4
DQM3
DQM2
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQM
CS#
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DQM
CS#
CS2#
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQM
CS#
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DQM
CS#
DQM6
DQM7
VCC
Vss
Two 0.1uF and one 0.22 uF Cap.
per each SDRAM
To all SDRAMs
DQn
Every DQpin of SDRAM
A0 ~ A12, BA0 & 1
CKE0
RAS#
CAS#
WE#
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
SDA
SCL
A1
A2
A0
SA1 SA2
SA0
WP
WP
CK1/3
10Ω
10pF
SDRAM
SDRAM
10Ω
10Ω
CK0/2
SDRAM
SDRAM
1.5 pF


Similar Part No. - WED3DG6466V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6466V10D1 WEDC-WED3DG6466V10D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
More results

Similar Description - WED3DG6466V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-AD1 WEDC-WED3DG6466V-AD1 Datasheet
137Kb / 7P
   512MB - 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-D1 WEDC-WED3DG6466V-D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
W3EG6465S-D3 WEDC-W3EG6465S-D3 Datasheet
180Kb / 11P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
WV3HG64M64EEU-D6 WEDC-WV3HG64M64EEU-D6 Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
W3EG6464S-JD3 WEDC-W3EG6464S-JD3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3DG6464V-D1 WEDC-W3DG6464V-D1 Datasheet
72Kb / 5P
   512MB- 64Mx64 SDRAM, UNBUFFERED W/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com