Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3DG6435V7D1 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WED3DG6435V7D1
Description  256MB - 32Mx64 SDRAM UNBUFFERED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG6435V7D1 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WED3DG6435V7D1 Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG6435V7D1 Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG6435V7D1 Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG6435V7D1 Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG6435V7D1 Datasheet HTML 5Page - White Electronic Designs Corporation WED3DG6435V7D1 Datasheet HTML 6Page - White Electronic Designs Corporation WED3DG6435V7D1 Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
WED3DG6435V-D1
-JD1
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
July 2005
Rev. 5
256MB – 32Mx64 SDRAM UNBUFFERED
PC100 and PC133 compatible
Burst Mode Operation
Auto and Self Refresh capability
LVTTL compatible inputs and outputs
Serial Presence Detect with EEPROM
Fully synchronous: All signals are registered on the
positive edge of the system clock
Programmable Burst Lengths: 1, 2, 4, 8 or Full Page
3.3V ±0.3V Power Supply
144 Pin SO-DIMM JEDEC
• Package height Option:
JD1: 31.75mm (1.25”)
The WED3DG6435V is a 32Mx64 synchronous DRAM
module which consists of eight 32Mx8 SDRAM components
in TSOP II package, and one 2Kb EEPROM in an 8
pin TSOP package for Serial Presence Detect which
are mounted on a 144 pin SO-DIMM multilayer FR4
Substrate.
* This product is subject to change without notice.
NOTE: Consult factory for availability of:
• RoHS compliant products
• Vendor source control options
• Industrial temperature option
DESCRIPTION
FEATURES
A0 – A12
Address Input (Multiplexed)
BA0-1
Select Bank
DQ0-63
Data Input/Output
CK0, CK1
Clock Input
CKE0
Clock Enable Input
CS0
Chip Select Input
RAS#
Row Address Strobe
CAS#
Column Address Strobe
WE#
Write Enable
DQMB0-7
DQM
VCC
Power Supply (3.3V)
VSS
Ground
SDA
Serial Data I/O
SCL
Serial Clock
DNU
Do Not Use
NC
No Connect
PIN NAMES
** These pins should be NC in the system which
does not support SPD.
PIN CONFIGURATIONS (FRONT SIDE/BACK SIDE)
PINOUT
PIN
FRONT
PIN
BACK
PIN
FRONT
PIN
BACK
PIN
BACK
PIN
BACK
1VSS
2VSS
49
DQ13
50
DQ45
97
DQ22
98
DQ54
3
DQ0
4
DQ32
51
DQ14
52
DQ46
99
DQ23
100
DQ55
5
DQ1
6
DQ33
53
DQ15
54
DQ47
101
VCC
102
VCC
7
DQ2
8
DQ34
55
VSS
56
VSS
103
A6
104
A7
9
DQ3
10
DQ35
57
NC
58
NC
105
A8
106
BA0
11
VCC
12
VCC
59
NC
60
NC
107
VSS
108
VSS
13
DQ4
14
DQ36
61
CK0
62
CKE0
109
A9
110
BA1
15
DQ5
16
DQ37
63
VCC
64
VCC
111
A10
112
A11
17
DQ6
18
DQ38
65
RAS#
66
CAS#
113
VCC
114
VCC
19
DQ7
20
DQ39
67
WE#
68
NC
115
DQMB2
116
DQMB6
21
VSS
22
VSS
69
CS0#
70
A12
117
DQMB3
118
DQMB7
23
DQMB0
24
DQMB4
71
NC
72
NC
119
VSS
120
VSS
25
DQMB1
26
DQMB5
73
NC
74
CK1
121
DQ24
122
DQ56
27
VCC
28
VCC
75
VSS
76
VSS
123
DQ25
124
DQ57
29
A0
30
A3
77
NC
78
NC
125
DQ26
126
DQ58
31
A1
32
A4
79
NC
80
NC
127
DQ27
128
DQ59
33
A2
34
A5
81
VCC
82
VCC
129
VCC
130
VCC
35
VSS
36
VSS
83
DQ16
84
DQ48
131
DQ28
132
DQ60
37
DQ8
38
DQ40
85
DQ17
86
DQ49
133
DQ29
134
DQ61
39
DQ9
40
DQ41
87
DQ18
88
DQ50
135
DQ30
136
DQ62
41
DQ10
42
DQ42
89
DQ19
90
DQ51
137
DQ31
138
DQ63
43
DQ11
44
DQ43
91
VSS
92
VSS
139
VSS
140
VSS
45
VCC
46
VCC
93
DQ20
94
DQ52
141
SDA
142
SCL
47
DQ12
48
DQ44
95
DQ21
96
DQ53
143
VCC
144
VCC


Similar Part No. - WED3DG6435V7D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6435V75AD1 WEDC-WED3DG6435V75AD1 Datasheet
184Kb / 7P
   256MB - 32Mx64 SDRAM UNBUFFERED
WED3DG6435V7AD1 WEDC-WED3DG6435V7AD1 Datasheet
184Kb / 7P
   256MB - 32Mx64 SDRAM UNBUFFERED
More results

Similar Description - WED3DG6435V7D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
W3DG6433V-D1 WEDC-W3DG6433V-D1 Datasheet
192Kb / 7P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-JD1 WEDC-W3DG6433V-JD1 Datasheet
220Kb / 8P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-D2 WEDC-W3DG6433V-D2 Datasheet
99Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
WED3DG6435V-AD1 WEDC-WED3DG6435V-AD1 Datasheet
184Kb / 7P
   256MB - 32Mx64 SDRAM UNBUFFERED
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG6432S-D4 WEDC-W3EG6432S-D4 Datasheet
167Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com