Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3DG6466V75D2 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WED3DG6466V75D2
Description  512MB -64Mx64, SDRAM UNBUFFERED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG6466V75D2 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WED3DG6466V75D2 Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG6466V75D2 Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG6466V75D2 Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG6466V75D2 Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG6466V75D2 Datasheet HTML 5Page - White Electronic Designs Corporation WED3DG6466V75D2 Datasheet HTML 6Page - White Electronic Designs Corporation WED3DG6466V75D2 Datasheet HTML 7Page - White Electronic Designs Corporation WED3DG6466V75D2 Datasheet HTML 8Page - White Electronic Designs Corporation WED3DG6466V75D2 Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED3DG6466V-D2
May 2005
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
512MB – 64Mx64, SDRAM UNBUFFERED
DESCRIPTION
The WED3DG6466V is a 64Mx64 synchronous DRAM
module which consists of eight 64Mx8 SDRAM components
in TSOP II package and one 2K EEPROM in an 8 Pin
TSSOP package for Serial Presence Detect which are
mounted on a 168 Pin DIMM multilayer FR4 Substrate.
* This product is subject to change without notice.
NOTE: Consult factory for availability of:
• Lead-Free or RoHS Products
• Vendor source control options
• Industrial temperature option
FEATURES
PC100 and PC133 compatible
Burst Mode Operation
Auto and Self Refresh capability
LVTTL compatible inputs and outputs
Serial Presence Detect with EEPROM
Fully synchronous: All signals are registered on the
positive edge of the system clock
Programmable Burst Lengths: 1, 2, 4, 8 or Full Page
Available with "WP" Write Protect on Pin 81 option
• WED3DG6366V-D2
3.3V ± 0.3V Power Supply
168 Pin DIMM JEDEC
• PCB: 30.48 (1.20") MAX
PIN NAMES
A0 - A12
Address input (Multiplexed)
BA0-1
Select Bank
DQ0-63
Data Input/Output
CBO-7
Check bit (Data-in/Data-out)
CK0,CK2
Clock input
CKE0#
Clock Enable input
CS0# - CS2#
Chip select Input
RAS#
Row Address Strobe
CAS#
Column Address Strobe
WE#
Write Enable
DQM0-7
DQM
VDD
Power Supply (3.3V)
VSS
Ground
SDA
Serial data I/O
SCL
Serial clock
DNU
Do not use
NC
No Connect
WP
Write Protect
* These pins are not used in this module.
** These pins should be NC in the system which does not
support SPD.
*** WP available on the WED3DG6364V-D2 only
PIN CONFIGURATIONS (FRONT SIDE/BACK SIDE)
Pin
Front
Pin
Front
Pin
Front
Pin
Back
Pin
Back
Pin
Back
1VSS
29
DQM1
57
DQ18
85
VSS
113
DQM5
141
DQ50
2
DQ0
30
CS0#
58
DQ19
86
DQ32
114
*CS1#
142
DQ51
3
DQ1
31
DNU
59
VDD
87
DQ33
115
RAS#
143
VDD
4
DQ2
32
VSS
60
DQ20
88
DQ34
116
VSS
144
DQ52
5
DQ3
33
A0
61
NC
89
DQ35
117
A1
145
NC
6VDD
34
A2
62
*VREF
90
NC
118
A3
146
*VREF
7
DQ4
35
A4
63
*CKE1
91
DQ36
119
A5
147
DNU
8
DQ5
36
A6
64
VSS
92
DQ37
120
A7
148
VSS
9
DQ6
37
A8
65
DQ21
93
DQ38
121
A9
149
DQ53
10
DQ7
38
A10/AP
66
DQ22
94
DQ39
122
BA0
150
DQ54
11
DQ8
39
BA1
67
DQ23
95
DQ40
123
A11
151
DQ55
12
VSS
40
VDD
68
VSS
96
VSS
124
VDD
152
VSS
13
DQ9
41
VDD
69
DQ24
97
DQ41
125
*CK1
153
DQ56
14
DQ10
42
CK0
70
DQ25
98
DQ42
126
A12
154
DQ57
15
DQ11
43
VSS
71
DQ26
99
DQ43
127
VSS
155
DQ58
16
DQ12
44
DNU
72
DQ27
100
DQ44
128
CKE0
156
DQ59
17
DQ13
45
CS2#
73
VDD
101
DQ45
129
CS3#
157
VDD
18
VDD
46
DQM2
74
DQ28
102
VDD
130
DQM6
158
DQ60
19
DQ14
47
DQM3
75
DQ29
103
DQ46
131
DQM7
159
DQ61
20
DQ15
48
DNU
76
DQ30
104
DQ47
132
*A13
160
DQ62
21
*CBO
49
VDD
77
DQ31
105
*CB4
133
VDD
161
DQ63
22
*CB1
50
NC
78
VSS
106
*CB5
134
NC
162
VSS
23
Vss
51
NC
79
CK2
107
VSS
135
NC
163
*CK3
24
NC
52
*CB2
80
NC
108
NC
136
*CB6
164
NC
25
NC
53
*CB3
81
***WP
109
NC
137
*CB7
165
**SA0
26
VDD
54
VSS
82
**SDA
110
VDD
138
VSS
166
**SA1
27
WE#
55
DQ16
83
**SCL
111
CAS#
139
DQ48
167
**SA2
28
DQM0
56
DQ17
84
VDD
112
DQM4
140
DQ49
168
VDD


Similar Part No. - WED3DG6466V75D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6466V75D1 WEDC-WED3DG6466V75D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
More results

Similar Description - WED3DG6466V75D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-AD1 WEDC-WED3DG6466V-AD1 Datasheet
137Kb / 7P
   512MB - 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-D1 WEDC-WED3DG6466V-D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
W3EG6465S-D3 WEDC-W3EG6465S-D3 Datasheet
180Kb / 11P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
WV3HG64M64EEU-D6 WEDC-WV3HG64M64EEU-D6 Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
W3EG6464S-JD3 WEDC-W3EG6464S-JD3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3DG6464V-D1 WEDC-W3DG6464V-D1 Datasheet
72Kb / 5P
   512MB- 64Mx64 SDRAM, UNBUFFERED W/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com