Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3DG7266V10D1I-SG Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WED3DG7266V10D1I-SG
Description  512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG7266V10D1I-SG Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WED3DG7266V10D1I-SG Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG7266V10D1I-SG Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG7266V10D1I-SG Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG7266V10D1I-SG Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG7266V10D1I-SG Datasheet HTML 5Page - White Electronic Designs Corporation WED3DG7266V10D1I-SG Datasheet HTML 6Page - White Electronic Designs Corporation WED3DG7266V10D1I-SG Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
WED3DG7266V-D1
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
Febuary 2006
Rev. 2
PRELIMINARY
Ordering Information
Speed
CAS
Latency
Height
WED3DG7266V10D1xx
100MHz
CL=2
31.75 (1.250") TYP
WED3DG7266V7D1xx
133MHz
CL=2
31.75 (1.250") TYP
WED3DG7266V75D1xx
133MHz
CL=3
31.75 (1.250") TYP
Notes:
• Consult Factory for availability of RoHS products. (G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “x” in the part numbers above and is to be
replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option
3.99
(0.157)
2.01 (0.079 Min)
67.72
(2.661 Max)
32.79
(1.291)
4.60 (0.181)
1.50 (0.059)
28.2
(1.112)
23.14
(0.913)
19.99
(0.787)
31.75
(1.250)
Max
3.81
(0.150)
MAX.
9.91
(0.039)
(± 0.004)
PACKAGE DIMENSIONS FOR D1
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES).
Industrial Temperature
Ordering Information
Speed
CAS
Latency
Height
WED3DG7266V10D1I-xx
100MHz
CL=2
31.75 (1.250") TYP
WED3DG7266V7D1I-xx
133MHz
CL=2
31.75 (1.250") TYP
WED3DG7266V75D1I-xx
133MHz
CL=3
31.75 (1.250") TYP
ORDERING INFORMATION FOR D1


Similar Part No. - WED3DG7266V10D1I-SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG7264V-D1 WEDC-WED3DG7264V-D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WED3DG7264V10D1 WEDC-WED3DG7264V10D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WED3DG7264V75D1 WEDC-WED3DG7264V75D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WED3DG7264V7D1 WEDC-WED3DG7264V7D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
More results

Similar Description - WED3DG7266V10D1I-SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG64M72ETSU-D3 WEDC-WV3EG64M72ETSU-D3 Datasheet
230Kb / 10P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com