Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3DL644V Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # WED3DL644V
Description  4Mx64 SDRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DL644V Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button WED3DL644V Datasheet HTML 6Page - White Electronic Designs Corporation WED3DL644V Datasheet HTML 7Page - White Electronic Designs Corporation WED3DL644V Datasheet HTML 8Page - White Electronic Designs Corporation WED3DL644V Datasheet HTML 9Page - White Electronic Designs Corporation WED3DL644V Datasheet HTML 10Page - White Electronic Designs Corporation WED3DL644V Datasheet HTML 11Page - White Electronic Designs Corporation WED3DL644V Datasheet HTML 12Page - White Electronic Designs Corporation WED3DL644V Datasheet HTML 13Page - White Electronic Designs Corporation WED3DL644V Datasheet HTML 14Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED3DL644V
August 2005
Rev. 6
Current State
Command
Action
Notes
CE#
RAS#
CAS#
WE#
BA0-1
A11,
A10/AP-A0
Description
Write with
Auto Precharge
L
L
L
L
OP Code
Mode Register Set
ILLEGAL
L
L
L
H
X
X
Auto or Self Refresh
ILLEGAL
L
L
H
L
X
X
Precharge
ILLEGAL
4
L
L
H
H
BA
Row Address
Bank Activate
ILLEGAL
4
L
H
L
L
BA
Column
Write
ILLEGAL
L
H
L
H
BA
Column
Read
ILLEGAL
L
H
H
L
X
X
Burst Termination
ILLEGAL
L
H
H
H
X
X
No Operation
Continue the Burst
H
X
X
X
X
X
Device Deselect
Continue the Burst
Precharging
L
L
L
L
OP Code
Mode Register Set
ILLEGAL
L
L
L
H
X
X
Auto or Self Refresh
ILLEGAL
L
L
H
L
X
X
Precharge
No Operation; Bank(s) idle after tRP
L
L
H
H
BA
Row Address
Bank Activate
ILLEGAL
4
L
H
L
L
BA
Column
Write w/o Precharge
ILLEGAL
4
L
H
L
H
BA
Column
Read w/o Precharge
ILLEGAL
4
L
H
H
L
X
X
Burst Termination
No Operation; Bank(s) idle after tRP
L
H
H
H
X
X
No Operation
No Operation; Bank(s) idle after tRP
H
X
X
X
X
X
Device Deselect
No Operation; Bank(s) idle after tRP
Row Activating
L
L
L
L
OP Code
Mode Register Set
ILLEGAL
L
L
L
H
X
X
Auto or Self Refresh
ILLEGAL
L
L
H
L
X
X
Precharge
ILLEGAL
4
L
L
H
H
BA
Row Address
Bank Activate
ILLEGAL
4,10
L
H
L
L
BA
Column
Write
ILLEGAL
4
L
H
L
H
BA
Column
Read
ILLEGAL
4
L
H
H
L
X
X
Burst Termination
No Operation; Row active after tRCD
L
H
H
H
X
X
No Operation
No Operation; Row active after tRCD
H
X
X
X
X
X
Device Deselect
No Operation; Row active after tRCD
Write
Recovering
L
L
L
L
OP Code
Mode Register Set
ILLEGAL
L
L
L
H
X
X
Auto or Self Refresh
ILLEGAL
L
L
H
L
X
X
Precharge
ILLEGAL
4
L
L
H
H
BA
Row Address
Bank Activate
ILLEGAL
4
L
H
L
L
BA
Column
Write
Start Write; Determine if Auto Precharge
9
L
H
L
H
BA
Column
Read
Start Read; Determine if Auto Precharge
9
L
H
H
L
X
X
Burst Termination
No Operation; Row active after tDPL
L
H
H
H
X
X
No Operation
No Operation; Row active after tDPL
H
X
X
X
X
X
Device Deselect
No Operation; Row active after tDPL
Write
Recovering
with Auto
Precharge
L
L
L
L
OP Code
Mode Register Set
ILLEGAL
L
L
L
H
X
X
Auto or Self Refresh
ILLEGAL
L
L
H
L
X
X
Precharge
ILLEGAL
4
L
L
H
H
BA
Row Address
Bank Activate
ILLEGAL
4
L
H
L
L
BA
Column
Write
ILLEGAL
4,9
L
H
L
H
BA
Column
Read
ILLEGAL
4,9
L
H
H
L
X
X
Burst Termination
No Operation; Precharge after tDPL
L
H
H
H
X
X
No Operation
No Operation; Precharge after tDPL
H
X
X
X
X
X
Device Deselect
No Operation; Precharge after tDPL
CURRENT STATE TRUTH TABLE (CONT.)


Similar Part No. - WED3DL644V

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DL3216V WEDC-WED3DL3216V Datasheet
804Kb / 27P
   16Mx32 SDRAM
WED3DL3216V10BC WEDC-WED3DL3216V10BC Datasheet
804Kb / 27P
   16Mx32 SDRAM
WED3DL3216V10BI WEDC-WED3DL3216V10BI Datasheet
804Kb / 27P
   16Mx32 SDRAM
WED3DL3216V10ES WEDC-WED3DL3216V10ES Datasheet
804Kb / 27P
   16Mx32 SDRAM
WED3DL3216V7BC WEDC-WED3DL3216V7BC Datasheet
804Kb / 27P
   16Mx32 SDRAM
More results

Similar Description - WED3DL644V

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG644V-D1 WEDC-WED3DG644V-D1 Datasheet
186Kb / 8P
   32MB - 4Mx64 SDRAM, UNBUFFERED
WEDPN4M64V-XBX WEDC-WEDPN4M64V-XBX Datasheet
317Kb / 12P
   4Mx64 Synchronous DRAM
logo
Hanbit Electronics Co.,...
HMD4M64D16E HANBIT-HMD4M64D16E Datasheet
525Kb / 16P
   32Mbyte(4Mx64) EDO Mode 4K Ref. 5V, DIMM 168 pin
HMD4M64D16EV HANBIT-HMD4M64D16EV Datasheet
98Kb / 8P
   32Mbyte(4Mx64) EDO Mode 4K Ref. 3.3V, DIMM 168 pin
HMD4M64D16V HANBIT-HMD4M64D16V Datasheet
523Kb / 16P
   32Mbyte(4Mx64) Fast Page Mode 4K Ref. 3.3V, DIMM 168 pin
HSD4M64D4B HANBIT-HSD4M64D4B Datasheet
127Kb / 10P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
logo
List of Unclassifed Man...
TM50S116T-7G ETC2-TM50S116T-7G Datasheet
92Kb / 7P
   SDRAM
TM50S116T ETC-TM50S116T Datasheet
784Kb / 6P
   SDRAM
TM54S416T ETC-TM54S416T Datasheet
767Kb / 6P
   SDRAM
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com