Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3DL328V10BC Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WED3DL328V10BC
Description  8Mx32 SDRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DL328V10BC Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WED3DL328V10BC Datasheet HTML 1Page - White Electronic Designs Corporation WED3DL328V10BC Datasheet HTML 2Page - White Electronic Designs Corporation WED3DL328V10BC Datasheet HTML 3Page - White Electronic Designs Corporation WED3DL328V10BC Datasheet HTML 4Page - White Electronic Designs Corporation WED3DL328V10BC Datasheet HTML 5Page - White Electronic Designs Corporation WED3DL328V10BC Datasheet HTML 6Page - White Electronic Designs Corporation WED3DL328V10BC Datasheet HTML 7Page - White Electronic Designs Corporation WED3DL328V10BC Datasheet HTML 8Page - White Electronic Designs Corporation WED3DL328V10BC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED3DL328V
June, 2002
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Burst
Length
Starting Column
Address
Order of Accesses Within a Burst
Type = Sequential Type = Interleaved
2
A0
0
0-1
0-1
1
1-0
1-0
4
A1
A0
0
0
0-1-2-3
0-1-2-3
0
1
1-2-3-0
1-0-3-2
1
0
2-3-0-1
2-3-0-1
1
1
3-0-1-2
3-2-1-0
8
A2
A1
A0
0
0
0
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0
0
1
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
0
1
0
2-3-4-5-6-7-0-1
2-3-0-1-6-7-4-5
0
1
1
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
1
0
0
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
1
0
1
5-6-7-0-1-2-3-4
5-4-7-6-1-0-3-2
1
1
0
6-7-0-1-2-3-4-5
6-7-4-5-2-3-0-1
1
1
1
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0
Full
Page
(y)
n = A0-A11/9/8
(location 0-y)
Cn, Cn + 1, Cn + 2
Cn + 3, Cn + 4...
...Cn - 1,
Cn...
Not Supported
NOTES:
1. For full-page accesses: y = 2,048 (x4), y = 1,024 (x8), y = 512 (x16).
2. For a burst length of two, A1-A9, A11 (x4), A1-A9 (x8) or A1-A8 (x16) select the block-
of-two burst; A0 selects the starting column within the block.
3. For a burst length of four, A2-A9, A11 (x4), A2-A9 (x8) or A2-A8 (x16) select the block-
of-four burst; A0-A1 select the starting column within the block.
4. For a burst length of eight, A3-A9, A11 (x4), A3-A9 (x8) or A3-A8 (x16) select the block-
of-eight burst; A0-A2 select the starting column within the block.
5. For a full-page burst, the full row is selected and A0-A9, A11 (x4), A0-A9 (x8) or A0-A8
(x16) select the starting column.
6. Whenever a boundary of the block is reached within a given sequence above, the
following access wraps within the block.
7. For a burst length of one, A0-A9, A11 (x4), A0-A9 (x8) or A0-A8 (x16) select the unique
column to be accessed, and mode register bit M3 is ignored.
BURST DEFINITION
FIG. 2 MODE REGISTER DEFINITION
M3 = 0
1
2
4
8
Reserved
Reserved
Reserved
Full Page
M3 = 1
1
2
4
8
Reserved
Reserved
Reserved
Reserved
Operating Mode
Standard Operation
All other states reserved
0
-
0
-
Defined
-
0
1
Burst Type
Sequential
Interleaved
CAS Latency
Reserved
Reserved
2
3
Reserved
Reserved
Reserved
Reserved
Burst Length
M0
0
1
0
1
0
1
0
1
Burst Length
CAS Latency
BT
A9
A7
A6
A5
A4
A3
A8
A2
A1
A0
Mode Register (Mx)
Address Bus
M1
0
0
1
1
0
0
1
1
M2
0
0
0
0
1
1
1
1
M3
M4
0
1
0
1
0
1
0
1
M5
0
0
1
1
0
0
1
1
M6
0
0
0
0
1
1
1
1
M6-M0
M8
M7
Op Mode
A10
A11
Reserved* WB
0
1
Write Burst Mode
Programmed Burst Length
Single Location Access
M9
*Should program
M11, M10 = "0, 0"
to ensure compatibility
with future devices.


Similar Part No. - WED3DL328V10BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DL3216V WEDC-WED3DL3216V Datasheet
804Kb / 27P
   16Mx32 SDRAM
WED3DL3216V10BC WEDC-WED3DL3216V10BC Datasheet
804Kb / 27P
   16Mx32 SDRAM
WED3DL3216V10BI WEDC-WED3DL3216V10BI Datasheet
804Kb / 27P
   16Mx32 SDRAM
WED3DL3216V10ES WEDC-WED3DL3216V10ES Datasheet
804Kb / 27P
   16Mx32 SDRAM
WED3DL3216V7BC WEDC-WED3DL3216V7BC Datasheet
804Kb / 27P
   16Mx32 SDRAM
More results

Similar Description - WED3DL328V10BC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M563233D SAMSUNG-K4M563233D Datasheet
65Kb / 8P
   8Mx32 Mobile SDRAM 90FBGA
logo
Hynix Semiconductor
HY5DS573222F HYNIX-HY5DS573222F Datasheet
1,014Kb / 28P
   256M(8Mx32) GDDR SDRAM
HY5DU573222F HYNIX-HY5DU573222F Datasheet
266Kb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM HYNIX-HY5DU573222AFM Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
logo
Integrated Silicon Solu...
IS43R83200D ISSI-IS43R83200D Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
logo
White Electronic Design...
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
Integrated Silicon Solu...
IS42VS83200J ISSI-IS42VS83200J Datasheet
430Kb / 16P
   32Mx8, 16Mx16, 8Mx32 256Mb Synchronous DRAM
logo
Hanbit Electronics Co.,...
HMD8M32F4E HANBIT-HMD8M32F4E Datasheet
64Kb / 6P
   32Mbyte(8Mx32) EDO Mode 4K Ref. 100Pin SMM, 5V Design
logo
List of Unclassifed Man...
TM50S116T-7G ETC2-TM50S116T-7G Datasheet
92Kb / 7P
   SDRAM
logo
Hanbit Electronics Co.,...
HMD8M32M4G HANBIT-HMD8M32M4G Datasheet
64Kb / 7P
   32Mbyte(8Mx32) 72-pin SIMM, FP Mode, 4K Ref. 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com