Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3DL644V8BI Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WED3DL644V8BI
Description  4Mx64 SDRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DL644V8BI Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WED3DL644V8BI Datasheet HTML 2Page - White Electronic Designs Corporation WED3DL644V8BI Datasheet HTML 3Page - White Electronic Designs Corporation WED3DL644V8BI Datasheet HTML 4Page - White Electronic Designs Corporation WED3DL644V8BI Datasheet HTML 5Page - White Electronic Designs Corporation WED3DL644V8BI Datasheet HTML 6Page - White Electronic Designs Corporation WED3DL644V8BI Datasheet HTML 7Page - White Electronic Designs Corporation WED3DL644V8BI Datasheet HTML 8Page - White Electronic Designs Corporation WED3DL644V8BI Datasheet HTML 9Page - White Electronic Designs Corporation WED3DL644V8BI Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED3DL644V
August 2005
Rev. 6
Parameter
Symbol
133MHZ
125MHZ
100MHZ
Units
Min
Max
Min
Max
Min
Max
Clock Cycle Time1
CL = 3
tCC
7
1000
8
1000
10
1000
ns
CL = 2
tCC
7.5
1000
10
1000
12
1000
Clock to valid Output delay1,2
tSAC
5.4
6
7
ns
Output Data Hold Time2
tOH
22
2
ns
Clock HIGH Pulse Width3
tCH
2.5
2.75
3
ns
Clock LOW Pulse Width3
tCL
2.5
2.75
3
ns
Input Setup Time3
tSS
22
2
ns
Input Hold Time3
tSH
11
1
ns
CK to Output Low-Z2
tSLZ
1.0
1
1.5
ns
CK to Output High-Z
tSHZ
5.4
6
7
ns
Row Active to Row Active Delay4
tRRD
14
20
20
ns
RAS# to CAS# Delay4
tRCD
15
20
20
ns
Row Precharge Time4
tRP
15
20
20
ns
Row Active Time4
tRAS
37
120,000
50
120,000
50
120,000
ns
Row Cycle Time - Operation4
tRC
60
70
80
ns
Row Cycle Time - Auto Refresh4,8
tRFC
66
70
80
ns
Last Data in to New Column Address Delay5
tCDL
11
1
CK
Last Data in to Row Precharge5
tRDL
22
2
CK
Last Data in to Burst Stop5
tBDL
11
1
CK
Column Address to Column Address Delay6
tCCD
1.0
1.0
1.5
CK
Data Out to High Impedance from Precharge
CL3
tROH
33
3
CK
CL2
tROH
22
2
SDRAM AC CHARACTERISTICS
NOTES:
1.
Parameters depend on programmed CAS# latency.
2.
If clock rise time is longer than 1ns (tRISE/2 -0.5)ns should be added to the parameter.
3.
Assumed input rise and fall time = 1ns. If tRISE of tFALL are longer than 1ns. [(tRISE = tFALL)/2] - 1ns should be added to the parameter.
4.
The minimum number of clock cycles required is detemined by dividing the minimum time required by the clock cycle time and then rounding up
to the next higher integer.
5.
Minimum delay is required to complete write.
6.
All devices allow every cycle column address changes.
7.
In case of row precharge interrupt, auto precharge and read burst stop.
8.
A new command may be given tRFC after self-refresh exit


Similar Part No. - WED3DL644V8BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DL3216V WEDC-WED3DL3216V Datasheet
804Kb / 27P
   16Mx32 SDRAM
WED3DL3216V10BC WEDC-WED3DL3216V10BC Datasheet
804Kb / 27P
   16Mx32 SDRAM
WED3DL3216V10BI WEDC-WED3DL3216V10BI Datasheet
804Kb / 27P
   16Mx32 SDRAM
WED3DL3216V10ES WEDC-WED3DL3216V10ES Datasheet
804Kb / 27P
   16Mx32 SDRAM
WED3DL3216V7BC WEDC-WED3DL3216V7BC Datasheet
804Kb / 27P
   16Mx32 SDRAM
More results

Similar Description - WED3DL644V8BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG644V-D1 WEDC-WED3DG644V-D1 Datasheet
186Kb / 8P
   32MB - 4Mx64 SDRAM, UNBUFFERED
WEDPN4M64V-XBX WEDC-WEDPN4M64V-XBX Datasheet
317Kb / 12P
   4Mx64 Synchronous DRAM
logo
Hanbit Electronics Co.,...
HMD4M64D16E HANBIT-HMD4M64D16E Datasheet
525Kb / 16P
   32Mbyte(4Mx64) EDO Mode 4K Ref. 5V, DIMM 168 pin
HMD4M64D16EV HANBIT-HMD4M64D16EV Datasheet
98Kb / 8P
   32Mbyte(4Mx64) EDO Mode 4K Ref. 3.3V, DIMM 168 pin
HMD4M64D16V HANBIT-HMD4M64D16V Datasheet
523Kb / 16P
   32Mbyte(4Mx64) Fast Page Mode 4K Ref. 3.3V, DIMM 168 pin
HSD4M64D4B HANBIT-HSD4M64D4B Datasheet
127Kb / 10P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
logo
List of Unclassifed Man...
TM50S116T-7G ETC2-TM50S116T-7G Datasheet
92Kb / 7P
   SDRAM
TM50S116T ETC-TM50S116T Datasheet
784Kb / 6P
   SDRAM
TM54S416T ETC-TM54S416T Datasheet
767Kb / 6P
   SDRAM
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com