Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H1137V13 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # H1137V13
Description  CMOS circuit for Analog Quartz Watches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

H1137V13 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  H1137V13 Datasheet HTML 1Page - EM Microelectronic - MARIN SA H1137V13 Datasheet HTML 2Page - EM Microelectronic - MARIN SA H1137V13 Datasheet HTML 3Page - EM Microelectronic - MARIN SA H1137V13 Datasheet HTML 4Page - EM Microelectronic - MARIN SA H1137V13 Datasheet HTML 5Page - EM Microelectronic - MARIN SA H1137V13 Datasheet HTML 6Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
H1137
Copyright
© 2004, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
CMOS circuit for Analog Quartz Watches
Description
The H1137 is a low power 32kHz analog watch chip de-
signed to drive a stepping motor. Motor pulse width is
programmable from 0.9765 to 14.65 milliseconds in steps
of 0.9765 milliseconds. Motor pulse period is program-
mable from 2 x 1 to 2 x 60 seconds in steps of 1 second.
Motor pulse period is also programmable from 2 x 0.25 to
2 x 15.75 seconds in steps of 0.25 seconds. Input and
output capacitors are integrated on the chip. Their values
are metal mask selectable. The selection of width, period
and capacitance are metal options and do not require
additional bonds.
Application
Analog watches
Features
32Hz quartz oscillator
Operating voltage range – 1.2V to –1.8V
High oscillator stability
Integrated capacitors, mask selectable
Mask options for pad designation, motor period and
motor pulse width
Shorted motor coil between motor pulses
Fast motor test function
ESD protected terminals
512Hz output on TEST pad for quartz frequency
measurement
Fully debounced TEST input and RESET input
Functional Diagram
Operating range of Trimmer Capacitance:
3pF
≤ C
TR ≤ 30 pF
RL
(Stepping Motor)
CROWN
C
TR
V
N
V
P
V
P
V
P
RESET
MOT
1
MOT
2
OSC
IN
OSC
OUT
H1137
V
P
V
N
Fig. 1
Pin Assignment
H1137
87
6
5
12
3
4
10
Pad
Function
Pad location
VN
Negative supply voltage
1
VP
Positive supply voltage
5
OSCIN
Oscillator input
3
OSCOUT Oscillator output
4
MOT1
Motor drive output 1
7
MOT2
Motor drive output 2
6
RESET
Reset input
2 or 8
TEST
Test input/output
2 or 8 or 10
Fig. 2
EM MICROELECTRONIC - MARIN SA


Similar Part No. - H1137V13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H1138 ETC-H1138 Datasheet
189Kb / 4P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
H1138NL PULSE-H1138NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
H1138NL PULSE-H1138NL Datasheet
527Kb / 5P
   10/100 base -t single port TRANSFORMER MODULES
H1138NL4 PULSE-H1138NL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES With 1:1 Transmit Turns Ratios
H1138NL4 PULSE-H1138NL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results

Similar Description - H1137V13

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM1537 EMMICRO-EM1537 Datasheet
238Kb / 7P
   Low Power 32 kHz Circuit for Analog Quartz Watches
logo
List of Unclassifed Man...
VT-150-F ETC2-VT-150-F Datasheet
36Kb / 1P
   Quartz Crystal Units for Watches
logo
EM Microelectronic - MA...
H1344 EMMICRO-H1344 Datasheet
217Kb / 6P
   CMOS Circuit for Analog Quartz Clocks with Bipolar Stepping Motor Drive
logo
Toshiba Semiconductor
JTMP0360-002S TOSHIBA-JTMP0360-002S Datasheet
2Mb / 50P
   LSI for LCD Watches
logo
STMicroelectronics
MTC20154 STMICROELECTRONICS-MTC20154 Datasheet
533Kb / 21P
   INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
logo
NEC
UPC1397C NEC-UPC1397C Datasheet
548Kb / 7P
   BIPOLAR ANALOG INTERGRATED CIRCUIT(ANALOG INTERFACE CIRCUIT FOR TELETEXT SYSTEM)
logo
STMicroelectronics
STLC60134S STMICROELECTRONICS-STLC60134S Datasheet
166Kb / 22P
   TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
MTC20454 STMICROELECTRONICS-MTC20454 Datasheet
513Kb / 15P
   QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
ST70134 STMICROELECTRONICS-ST70134_V01 Datasheet
157Kb / 22P
   ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
January 2001
logo
Panasonic Semiconductor
AN5355 PANASONIC-AN5355 Datasheet
157Kb / 5P
   ANALOG INTERFACE CIRCUIT FOR TELETEXT SYSTEMS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com