Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3EG72M18S265JD3SG Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # WED3EG72M18S265JD3SG
Description  128MB - 16Mx72 DDR SDRAM UNBUFFERED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3EG72M18S265JD3SG Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button WED3EG72M18S265JD3SG Datasheet HTML 4Page - White Electronic Designs Corporation WED3EG72M18S265JD3SG Datasheet HTML 5Page - White Electronic Designs Corporation WED3EG72M18S265JD3SG Datasheet HTML 6Page - White Electronic Designs Corporation WED3EG72M18S265JD3SG Datasheet HTML 7Page - White Electronic Designs Corporation WED3EG72M18S265JD3SG Datasheet HTML 8Page - White Electronic Designs Corporation WED3EG72M18S265JD3SG Datasheet HTML 9Page - White Electronic Designs Corporation WED3EG72M18S265JD3SG Datasheet HTML 10Page - White Electronic Designs Corporation WED3EG72M18S265JD3SG Datasheet HTML 11Page - White Electronic Designs Corporation WED3EG72M18S265JD3SG Datasheet HTML 12Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED3EG7218S-JD3
June 2006
Rev. 2
PRELIMINARY
133.48
(5.255" MAX.)
3.99
(0.157 (2x))
17.78
(0.700)
10.01
(0.394)
6.35
(0.250)
64.77
(2.550)
1.78
(0.070)
49.53
(1.950)
3.00
(0.118)
(4x)
30.48
(1.20)
MAX
2.31
(0.091)
(2x)
1.27
(0.050 TYP.)
6.35
(0.250)
128.95
(5.077")
131.34
(5.171")
2.54
(0.100)
3.99
(0.157)
(MIN)
1.27 ± 0.10
(0.050 ± 0.004)
ORDERING INFORMATION FOR JD3
Part Number
Speed/Data Rate
Frequency
CAS Latency
tRCD
tRP
Height*
WED3EG7218S403JD3xxx
200MHz/400Mb/s
3
3
3
30.48mm (1.20")
WED3EG7218S335JD3xxx
166MHz/333Mb/s
2.5
3
3
30.48mm (1.20")
WED3EG7218S262JD3xxx
133MHz/266Mb/s
2
2
2
30.48mm (1.20")
WED3EG7218S265JD3xxx
133MHz/266Mb/s
2.5
3
3
30.48mm (1.20")
WED3EG7218S202JD3xxx
100MHz/200Mb/s
2
2
2
30.48mm (1.20")
NOTES:
• Consult Factory for availability of RoHS products. (G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “x” in the part numbers above and is to
be replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option
PACKAGE DIMENSIONS FOR JD3
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)


Similar Part No. - WED3EG72M18S265JD3SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3EG72M32S202JD3GG WEDC-WED3EG72M32S202JD3GG Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
WED3EG72M32S202JD3IGG WEDC-WED3EG72M32S202JD3IGG Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
WED3EG72M32S202JD3IMG WEDC-WED3EG72M32S202JD3IMG Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
WED3EG72M32S202JD3ISG WEDC-WED3EG72M32S202JD3ISG Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
WED3EG72M32S202JD3MG WEDC-WED3EG72M32S202JD3MG Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
More results

Similar Description - WED3EG72M18S265JD3SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7218S-AD4 WEDC-W3EG7218S-AD4 Datasheet
164Kb / 13P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED w/PLL
W3DG7217V-D2 WEDC-W3DG7217V-D2 Datasheet
127Kb / 6P
   128MB - 16Mx72 SDRAM UNBUFFERED
W3DG7216V-AD1 WEDC-W3DG7216V-AD1 Datasheet
115Kb / 6P
   128MB - 16Mx72 SDRAM, UNBUFFERED
W3DG7216V-D1 WEDC-W3DG7216V-D1 Datasheet
148Kb / 7P
   128MB - 16Mx72 SDRAM, UNBUFFERED
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD12UB8ALF ELPIDA-EBD12UB8ALF Datasheet
167Kb / 16P
   128MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
W3E16M72S-XBX WEDC-W3E16M72S-XBX Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com