Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H1137V27 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # H1137V27
Description  CMOS circuit for Analog Quartz Watches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

H1137V27 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  H1137V27 Datasheet HTML 1Page - EM Microelectronic - MARIN SA H1137V27 Datasheet HTML 2Page - EM Microelectronic - MARIN SA H1137V27 Datasheet HTML 3Page - EM Microelectronic - MARIN SA H1137V27 Datasheet HTML 4Page - EM Microelectronic - MARIN SA H1137V27 Datasheet HTML 5Page - EM Microelectronic - MARIN SA H1137V27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
R
H1137
Copyright
© 2004, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
Timing Waveforms
Fast motor test mode, TEST = V
P
V
P
V
N
V
P
V
N
MOT
1
MOT
2
2.93 ms
≤ T ≤ 65.43 ms (16 Hz)
2.93 ms
≤ T ≤ 34.18 ms (32 Hz)
TEST
V
P
V
N
TM/2
tm
62.50ms
or
31.25ms
TM/2
V
N
V
P
V
N
V
P
V
N
T
TST = 1.953 ms
(512Hz output)
V
P
V
N
RESET
MOT
1
MOT
2
TEST
Motor drive output and reset
>23.43ms
debounce delay
<7.81ms
TM/2
TM
tm
V
N
V
P
V
N
V
P
V
N
T
TST = 1.953 ms
(512Hz output)
V
P
V
N
RESET
MOT
1
MOT
2
TEST
Motor drive output in normal operation
Fig. 3


Similar Part No. - H1137V27

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H1138 ETC-H1138 Datasheet
189Kb / 4P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
H1138NL PULSE-H1138NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
H1138NL PULSE-H1138NL Datasheet
527Kb / 5P
   10/100 base -t single port TRANSFORMER MODULES
H1138NL4 PULSE-H1138NL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES With 1:1 Transmit Turns Ratios
H1138NL4 PULSE-H1138NL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results

Similar Description - H1137V27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM1537 EMMICRO-EM1537 Datasheet
238Kb / 7P
   Low Power 32 kHz Circuit for Analog Quartz Watches
logo
List of Unclassifed Man...
VT-150-F ETC2-VT-150-F Datasheet
36Kb / 1P
   Quartz Crystal Units for Watches
logo
EM Microelectronic - MA...
H1344 EMMICRO-H1344 Datasheet
217Kb / 6P
   CMOS Circuit for Analog Quartz Clocks with Bipolar Stepping Motor Drive
logo
Toshiba Semiconductor
JTMP0360-002S TOSHIBA-JTMP0360-002S Datasheet
2Mb / 50P
   LSI for LCD Watches
logo
STMicroelectronics
MTC20154 STMICROELECTRONICS-MTC20154 Datasheet
533Kb / 21P
   INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
logo
NEC
UPC1397C NEC-UPC1397C Datasheet
548Kb / 7P
   BIPOLAR ANALOG INTERGRATED CIRCUIT(ANALOG INTERFACE CIRCUIT FOR TELETEXT SYSTEM)
logo
STMicroelectronics
STLC60134S STMICROELECTRONICS-STLC60134S Datasheet
166Kb / 22P
   TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
MTC20454 STMICROELECTRONICS-MTC20454 Datasheet
513Kb / 15P
   QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
ST70134 STMICROELECTRONICS-ST70134_V01 Datasheet
157Kb / 22P
   ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
January 2001
logo
Panasonic Semiconductor
AN5355 PANASONIC-AN5355 Datasheet
157Kb / 5P
   ANALOG INTERFACE CIRCUIT FOR TELETEXT SYSTEMS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com