Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3EG72M32S202JD3SG Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # WED3EG72M32S202JD3SG
Description  256MB - 32Mx72 DDR SDRAM UNBUFFERED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3EG72M32S202JD3SG Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button WED3EG72M32S202JD3SG Datasheet HTML 3Page - White Electronic Designs Corporation WED3EG72M32S202JD3SG Datasheet HTML 4Page - White Electronic Designs Corporation WED3EG72M32S202JD3SG Datasheet HTML 5Page - White Electronic Designs Corporation WED3EG72M32S202JD3SG Datasheet HTML 6Page - White Electronic Designs Corporation WED3EG72M32S202JD3SG Datasheet HTML 7Page - White Electronic Designs Corporation WED3EG72M32S202JD3SG Datasheet HTML 8Page - White Electronic Designs Corporation WED3EG72M32S202JD3SG Datasheet HTML 9Page - White Electronic Designs Corporation WED3EG72M32S202JD3SG Datasheet HTML 10Page - White Electronic Designs Corporation WED3EG72M32S202JD3SG Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
WED3EG7232S-JD3
June 2006
Rev. 6
PRELIMINARY
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND
RECOMMENDED AC OPERATING CONDITIONS
DDR400: VCC = VCCQ = +2.6V ± 0.1V; DDR333, 266, 200: VCC = VCCQ = +2.5V ± 0.2V
AC Characteristics
403
335
262/265
202
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Units
Notes
Access window of DQs from CK, CK#
tAC
-0.70
+0.70
-0.70
+0.70
-0.75
+0.75
-0.75
+0.75
ns
CK high-level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
16
CK low-level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
16
Clock cycle time
CL=3
tCK (3)
5
7.5
ns
22
CL=2.5 tCK (2.5)
6
13
6
13
7.5
13
7.5
13
ns
22
CL=2
tCK (2)
7.5
13
7.5
13
7.5
13
10
13
ns
22
DQ and DM input hold time relative to DQS
tDH
0.40
0.45
0.5
0.5
ns
14,17
DQ and DM input setup time relative to DQS
tDS
0.40
0.45
0.5
0.5
ns
14,17
DQ and DM input pulse width (for each input)
tDIPW
1.75
1.75
1.75
1.75
ns
17
Access window of DQS from CK, CK#
tDQSCK
-0.60
+0.60
-0.60
+0.60
-0.75
+0.75
-0.75
+0.75
ns
DQS input high pulse width
tDQSH
0.35
0.35
0.35
0.35
tCK
DQS input low pulse width
tDQSL
0.35
0.35
0.35
0.35
tCK
DQS-DQ skew, DQS to last DQ valid, per group,
per access
tDQSQ
0.40
0.45
0.5
0.5
ns
13,14
Write command to first DQS latching transition
tDQSS
0.72
1.28
0.75
1.25
0.75
1.25
0.75
1.25
tCK
DQS falling edge to CK rising - setup time
tDSS
0.2
0.2
0.2
0.2
tCK
DQS falling edge from CK rising - hold time
tDSH
0.2
0.2
0.2
0.2
tCK
Half clock period
tHP
tCH, tCL
tCH, tCL
tCH, tCL
tCH, tCL
ns
18
Data-out high-impedance window from CK, CK#
tHZ
+0.70
+0.70
+0.75
+0.75
ns
8,19
Data-out low-impedance window from CK, CK#
tLZ
-0.70
-0.70
-0.75
-0.75
ns
8,20
Address and control input hold time (fast slew rate)
tIHf
0.60
0.75
0.90
0.90
ns
6
Address and control input set-up time (fast slew rate)
tISf
0.60
0.75
0.90
0.90
ns
6
Address and control input hold time (slow slew rate)
tIHs
0.60
0.80
1
1
ns
6
Address and control input setup time (slow slew rate)
tISs
0.60
0.80
1
1
ns
6
Address and control input pulse width (for each input)
tIPW
2.2
2.2
2.2
2.2
ns
LOAD MODE REGISTER command cycle time
tMRD
10
12
15
15
ns
DQ-DQS hold, DQS to first DQ to go non-valid, per
access
tQH
tHP-tQHS
tHP-tQHS
tHP-tQHS
tHP-tQHS
ns
13,14
Data hold skew factor
tQHS
0.50
0.55
0.75
0.75
ns
ACTIVE to PRECHARGE command
tRAS
40
70,000
42
70,000
40
120,000
45
120,000
ns
15
ACTIVE to READ with Auto precharge command
tRAP
15
15
15
20
ns
ACTIVE to ACTIVE/AUTO REFRESH command period
tRC
55
60
60
65
ns
AUTO REFRESH command period
tRFC
70
72
75
75
ns
21


Similar Part No. - WED3EG72M32S202JD3SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3EG72M18S202JD3IMG WEDC-WED3EG72M18S202JD3IMG Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
WED3EG72M18S202JD3ISG WEDC-WED3EG72M18S202JD3ISG Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
WED3EG72M18S202JD3MG WEDC-WED3EG72M18S202JD3MG Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
WED3EG72M18S202JD3SG WEDC-WED3EG72M18S202JD3SG Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
WED3EG72M18S262JD3IMG WEDC-WED3EG72M18S262JD3IMG Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
More results

Similar Description - WED3EG72M32S202JD3SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3DG7234V-D2 WEDC-W3DG7234V-D2 Datasheet
121Kb / 6P
   256MB- 32Mx72 SDRAM UNBUFFERED
W3DG7237V-D2 WEDC-W3DG7237V-D2 Datasheet
107Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
W3DG7232V-D1 WEDC-W3DG7232V-D1 Datasheet
225Kb / 7P
   256MB - 32Mx72 SDRAM UNBUFFERED
W3DG7232V-AD1 WEDC-W3DG7232V-AD1 Datasheet
130Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WED3EG7233S-D3 WEDC-WED3EG7233S-D3 Datasheet
307Kb / 11P
   256MB - 2x16Mx72 DDR SDRAM UNBUFFERED
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com