Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED7F325ZXEBSN12C Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WED7F325ZXEBSN12C
Description  2, 4, and 8MB, STmicro, 5.0V 4Mb Based, Uniform Sector FLASH Module Family
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7F325ZXEBSN12C Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WED7F325ZXEBSN12C Datasheet HTML 1Page - White Electronic Designs Corporation WED7F325ZXEBSN12C Datasheet HTML 2Page - White Electronic Designs Corporation WED7F325ZXEBSN12C Datasheet HTML 3Page - White Electronic Designs Corporation WED7F325ZXEBSN12C Datasheet HTML 4Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7Fx325ZXEBSNyyC
March 2000
Rev. 0
FIGURE 3 – FUNCTIONAL BLOCK DIAGRAM 8MB; 4 X 512K X 32
FIG. 4 – MECHANICAL; PACKAGE - 366
512K x 8
512K x 8
512K x 8
512K x 8
A 0-18
E 1#
G#
E 0#
W0#
W1#
W2#
W3#
M29F040
M29F040
M29F040
M29F040
512K x 8
512K x 8
512K x 8
512K x 8
M29F040
M29F040
M29F040
M29F040
512K x 8
512K x 8
512K x 8
512K x 8
DQ 0-7
DQ 8-15
DQ 16-23
DQ 24-31
M29F040
M29F040
M29F040
M29F040
E 2#
E 3#
512K x 8
512K x 8
512K x 8
512K x 8
M29F040
M29F040
M29F040
M29F040
P1
4.150
0.250
0.050
4.655 MAX
4.384
0.400
0.250
2.245
2.192
0.062 R
0.062 R
R4
0.120
MAX
0.125
MIN
0.705
MAX
TYP


Similar Part No. - WED7F325ZXEBSN12C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7F324XDNSN WEDC-WED7F324XDNSN Datasheet
223Kb / 3P
   4Mx32 / 2x4Mx32 INTEL J3 BASED, FLASH MODULE
WED7F324XDNSN12C WEDC-WED7F324XDNSN12C Datasheet
223Kb / 3P
   4Mx32 / 2x4Mx32 INTEL J3 BASED, FLASH MODULE
WED7F324XE3SN WEDC-WED7F324XE3SN Datasheet
215Kb / 3P
   4Mx32 FLASH MODULE
WED7F324XE3SN100C WEDC-WED7F324XE3SN100C Datasheet
215Kb / 3P
   4Mx32 FLASH MODULE
WED7F324XE3SN70C WEDC-WED7F324XE3SN70C Datasheet
215Kb / 3P
   4Mx32 FLASH MODULE
More results

Similar Description - WED7F325ZXEBSN12C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W7G1M32SVX-BN WEDC-W7G1M32SVX-BN Datasheet
169Kb / 10P
   8MB/4MB (2x1Mx32 / 1Mx32) CMOS, Boot Sector Flash Memory Module
W7MG1M32SVX-BN WEDC-W7MG1M32SVX-BN Datasheet
169Kb / 10P
   8MB/4MB (2x1Mx32 / 1Mx32) MirrorBitTM 3.0V, Boot Sector Flash Memory Module
logo
Austin Semiconductor
AS29F040 AUSTIN-AS29F040 Datasheet
1Mb / 27P
   512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
AS29F010 AUSTIN-AS29F010 Datasheet
530Kb / 26P
   128K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
logo
STMicroelectronics
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
logo
Eon Silicon Solution In...
EN25P20 EON-EN25P20 Datasheet
388Kb / 32P
   2 Mbit Uniform Sector, Serial Flash Memory
logo
STMicroelectronics
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
logo
AMIC Technology
A29010A AMICC-A29010A Datasheet
351Kb / 30P
   Uniform Sector Flash Memory
A29040C AMICC-A29040C Datasheet
391Kb / 29P
   Uniform Sector Flash Memory
A29L040A AMICC-A29L040A_15 Datasheet
330Kb / 29P
   Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com