Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED7PXXXCFA70XXI25 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WED7PXXXCFA70XXI25
Description  CompactFlashTM Card
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7PXXXCFA70XXI25 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WED7PXXXCFA70XXI25 Datasheet HTML 1Page - White Electronic Designs Corporation WED7PXXXCFA70XXI25 Datasheet HTML 2Page - White Electronic Designs Corporation WED7PXXXCFA70XXI25 Datasheet HTML 3Page - White Electronic Designs Corporation WED7PXXXCFA70XXI25 Datasheet HTML 4Page - White Electronic Designs Corporation WED7PXXXCFA70XXI25 Datasheet HTML 5Page - White Electronic Designs Corporation WED7PXXXCFA70XXI25 Datasheet HTML 6Page - White Electronic Designs Corporation WED7PXXXCFA70XXI25 Datasheet HTML 7Page - White Electronic Designs Corporation WED7PXXXCFA70XXI25 Datasheet HTML 8Page - White Electronic Designs Corporation WED7PXXXCFA70XXI25 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7PxxxCFA70xxI25
July 2005
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FEATURES
CompactFlashTM Compatibility
• 3.3V or 5.0V single power supply.
• 50 pin two piece connector with Type-I form
factor (3.3mm thickness)
• Support for CIS implementation with 256 bytes of
attribute memory
Interface modes
• PC card memory mode
• PC card I/O mode
• True IDE mode
High performance
• Interface Transfer speed in PIO mode 4 or Multi
Word DMA mode 2 cycle timing, 16.6 Mbytes/
second (theoretical)
• Sustained write: max 6.0 Mbytes/s in ATA PIO
mode 4 cycle timing
• Sustained read: max 6.5 Mbytes/s in ATA PIO
mode 4 cycle timing
W/E Endurance: 100,000cycles1 /300,000cycles2
Notes: 1. TA = -40 to 85°C
2. TA = 0 to 70°C
DESCRIPTION
The WED7PxxxCFA70xxI25 series CompactFlash™ card
is an ATA interface flash memory card based on flash
technology. The CompactFlash™ card is constructed with
a flash disk controller chip and NAND-type flash memory
device. Operates from a single 5-Volt or 3.3-Volt power
source. The card is available in CompactFlash™ type-I
form factor with 128MB, 256MB, 512MB and 1.02GB
unformatted capacity. Being able to emulate IDE hard disk
drives and certified in accordance with the CompactFlash™
Certification Plan, WEDC’s CompactFlash™ card is a
CompactFlashTM Card
perfect choice for solid-state mass-storage in industrial
applications and applications that require performance and
extended environmental tolerances. Other applications
include handheld devices such as Digital Cameras, Audio
Players, and PDAs.
Dimensions:
Type I card : 36.4mm(L) x 42.8mm (W) x 3.3mm (H)
Lead free and RoHS compliant
Storage Capacities:
128MB, 256MB, 512MB and 1.02GB (unformatted)
Operating Voltage:
3.3V ± 5%
5.0V ± 0.5V
Power consumption:
• 5V operation
Active mode:
Write operation: 28 mA (Typ.)
Read operation: 23 mA (Typ.)
Power down mode: 1.2mA (Typ.) 2.0mA (max.)
• 3.3V operation
Active mode:
Write operation: 25 mA (Typ.)
Read operation: 21 mA (Typ.)
Power down mode: 1.0mA (Typ.) 1.5mA (max.)
Environment conditions:
• Operating temperature: -40°C to 85°C
• Storage temperature: -45°C to 90°C
• Storage humidity: 95% (max) (No condensation)
* This product is subject to change without notice.
Notes: CompactFlash™ is a trademark of SanDisk Corporation and is licensed royalty-
free to the CFA, which in turn will license it royalty-free to CFA members.
CFA: CompactFlash™ Association.
PRODUCT TYPES
Card Density
Model No.
Cylinder
Head
Sector
Memory capacity1
128MB
7P128CFA70xxI25
978
8
32
128,188,416 Byte
256MB
7P256CFA70xxI25
978
16
32
256,376,832 Byte
512MB
7P512CFA70xxI25
993
16
63
512,483,328 Byte
1.02GB
7P1G0CFA70xxI25
1985
16
63
1024,450,560 Byte
1: It is the logical address capacity including the area used for File System.


Similar Part No. - WED7PXXXCFA70XXI25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7PXXXCFA80XXC25 WEDC-WED7PXXXCFA80XXC25 Datasheet
239Kb / 11P
   CompactFlashTM Card
More results

Similar Description - WED7PXXXCFA70XXI25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7PXXXCFA80XXC25 WEDC-WED7PXXXCFA80XXC25 Datasheet
239Kb / 11P
   CompactFlashTM Card
logo
Transcend Information. ...
TS0MCF2PC TRANSCEND-TS0MCF2PC Datasheet
115Kb / 2P
   CompactFlashTM Adapter
logo
FCI connector
VJW54076 FCI-CONNECTOR-VJW54076 Datasheet
117Kb / 1P
   CARD READER WITHOUT CARD
logo
Texas Instruments
PCI7510 TI1-PCI7510_08 Datasheet
139Kb / 6P
[Old version datasheet]   PC Card, Smart Card
logo
Toshiba Semiconductor
TC6387XB TOSHIBA-TC6387XB Datasheet
1Mb / 62P
   SD Memory Card / SDIO Card Controller
logo
ALPS ELECTRIC CO.,LTD.
SCHC ALPS-SCHC Datasheet
91Kb / 2P
   SD Card Adapter (for microSD??Card)
SCHF ALPS-SCHF Datasheet
87Kb / 2P
   miniSDTM Card Adapter (for microSD??Card)
logo
Texas Instruments
PCI7510 TI-PCI7510 Datasheet
1Mb / 234P
[Old version datasheet]   PC Card, Smart Card and Integrated
logo
Greenliant systems
G7101 GREENLIANT-G7101 Datasheet
158Kb / 6P
   G-card (Greenliant PCIe flash card)
logo
Texas Instruments
RI-TRP-R4FF TI1-RI-TRP-R4FF_16 Datasheet
645Kb / 5P
[Old version datasheet]   CARD TRANSPONDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com