Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED7P256CFA7000I25 Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WED7P256CFA7000I25
Description  CompactFlashTM Card
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7P256CFA7000I25 Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WED7P256CFA7000I25 Datasheet HTML 2Page - White Electronic Designs Corporation WED7P256CFA7000I25 Datasheet HTML 3Page - White Electronic Designs Corporation WED7P256CFA7000I25 Datasheet HTML 4Page - White Electronic Designs Corporation WED7P256CFA7000I25 Datasheet HTML 5Page - White Electronic Designs Corporation WED7P256CFA7000I25 Datasheet HTML 6Page - White Electronic Designs Corporation WED7P256CFA7000I25 Datasheet HTML 7Page - White Electronic Designs Corporation WED7P256CFA7000I25 Datasheet HTML 8Page - White Electronic Designs Corporation WED7P256CFA7000I25 Datasheet HTML 9Page - White Electronic Designs Corporation WED7P256CFA7000I25 Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7PxxxCFA70xxI25
July 2005
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ELECTRICAL SPECIFICATION
SYMBOL
PARAMETER
MIN
MAX
TYP
UNIT
VIN, VOUT
All input / output voltage
-0.3
VCC+0.3
V
VCC
Power Supply Voltage
(Absolute Maximum Ratings)
-0.6
6.0
V
VCC
Power Supply Voltage
(Recommended Operation Condition)
4.5
5.5
5.0
V
3.135
3.465
3.3
V
TOPR
Operating Temperature
-40
85
°C
TSTG
Storage Temperature
-45
90
°C
Input Leakage Current
Type
SYMBOL
PARAMETER
CONDITION
MIN
MAX
TYP
UNIT
NOTES
IxZ
IL
Input leakage current
VIH = Vcc / VIL = GND
-1
1
µA
*1
IxU
RPU1
Pull Up Resistor
Vcc = 5.0V
50
500
kΩ
*1
IxD
RPD1
Pull Down Resister
Vcc = 5.0V
50
500
kΩ
*1
Notes:
1. x refers to the characteristics described in section “DC Characteristics ( Input Characteristics)”. For example, I1U indicates a pull up resister with a type 1 input characteristics.
Output Drive Type
Type
OUTPUT TYPE
VALID CONDITIONS
NOTES
OTx
Totempole
IOH & IOL
*1
OZx
Tri-State N-P Channel
IOH & IOL
*1
OPx
P-Channel only
IOH Only
*1
ONx
N-Channel only
IOL Only
*1
Notes:
1. x refers to the characteristics described in section “DC Characteristics ( Output Drive Characteristics)”. Fo r example, OT1 refers to Totempole output with a type 1 Output drive
characteristics.


Similar Part No. - WED7P256CFA7000I25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7P256CFA8000C25 WEDC-WED7P256CFA8000C25 Datasheet
239Kb / 11P
   CompactFlashTM Card
WED7P256CFA8001C25 WEDC-WED7P256CFA8001C25 Datasheet
239Kb / 11P
   CompactFlashTM Card
More results

Similar Description - WED7P256CFA7000I25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7PXXXCFA80XXC25 WEDC-WED7PXXXCFA80XXC25 Datasheet
239Kb / 11P
   CompactFlashTM Card
logo
Transcend Information. ...
TS0MCF2PC TRANSCEND-TS0MCF2PC Datasheet
115Kb / 2P
   CompactFlashTM Adapter
logo
FCI connector
VJW54076 FCI-CONNECTOR-VJW54076 Datasheet
117Kb / 1P
   CARD READER WITHOUT CARD
logo
Texas Instruments
PCI7510 TI1-PCI7510_08 Datasheet
139Kb / 6P
[Old version datasheet]   PC Card, Smart Card
logo
Toshiba Semiconductor
TC6387XB TOSHIBA-TC6387XB Datasheet
1Mb / 62P
   SD Memory Card / SDIO Card Controller
logo
ALPS ELECTRIC CO.,LTD.
SCHC ALPS-SCHC Datasheet
91Kb / 2P
   SD Card Adapter (for microSD??Card)
SCHF ALPS-SCHF Datasheet
87Kb / 2P
   miniSDTM Card Adapter (for microSD??Card)
logo
Texas Instruments
PCI7510 TI-PCI7510 Datasheet
1Mb / 234P
[Old version datasheet]   PC Card, Smart Card and Integrated
logo
Greenliant systems
G7101 GREENLIANT-G7101 Datasheet
158Kb / 6P
   G-card (Greenliant PCIe flash card)
logo
Texas Instruments
RI-TRP-R4FF TI1-RI-TRP-R4FF_16 Datasheet
645Kb / 5P
[Old version datasheet]   CARD TRANSPONDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com