Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3EG72M32S403JD3GG Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WED3EG72M32S403JD3GG
Description  256MB - 32Mx72 DDR SDRAM UNBUFFERED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3EG72M32S403JD3GG Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WED3EG72M32S403JD3GG Datasheet HTML 1Page - White Electronic Designs Corporation WED3EG72M32S403JD3GG Datasheet HTML 2Page - White Electronic Designs Corporation WED3EG72M32S403JD3GG Datasheet HTML 3Page - White Electronic Designs Corporation WED3EG72M32S403JD3GG Datasheet HTML 4Page - White Electronic Designs Corporation WED3EG72M32S403JD3GG Datasheet HTML 5Page - White Electronic Designs Corporation WED3EG72M32S403JD3GG Datasheet HTML 6Page - White Electronic Designs Corporation WED3EG72M32S403JD3GG Datasheet HTML 7Page - White Electronic Designs Corporation WED3EG72M32S403JD3GG Datasheet HTML 8Page - White Electronic Designs Corporation WED3EG72M32S403JD3GG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
June 2006
Rev. 6
PRELIMINARY
WED3EG7232S-JD3
256MB – 32Mx72 DDR SDRAM UNBUFFERED
FEATURES
Double-data-rate architecture
DDR200, DDR266, DDR333 amd DDR400
• JEDEC design specifications
Bi-directional data strobes (DQS)
Differential clock inputs (CK & CK#)
Programmable Read Latency 2, 2.5 (clock)
Programmable Burst Length (2, 4, 8)
Programmable Burst type (sequential & interleave)
Edge aligned data output, center aligned data input.
Auto and self refresh
Serial presence detect
Power supply:
• VCC = VCCQ = +2.5V ± 0.2V (100, 133 and
166MHz)
• VCC = VCCQ = +2.6V ± 0.1V (200MHz)
JEDEC 184 pin DIMM package
• JD3 PCB height: 30.48 (1.20") Max
NOTE: Consult factory for availability of:
• RoHS compliant products
• Vendor source control options
• Industrial temperature option
DESCRIPTION
The WED3EG7232S is a 32Mx72 Double Data Rate
SDRAM memory module based on 256Mb DDR SDRAM
components. The module consists of nine 32Mx8 DDR
SDRAMs in 66 pin TSOP packages mounted on a 184
pin FR4 substrate.
Synchronous design allows precise cycle control with the
use of system clock. Data I/O transactions are possible on
both edges and Burst Lengths allow the same device to be
useful for a variety of high bandwidth, high performance
memory system applications.
* This product is under development, is not qualified or characterized and is subject to
change without notice.
OPERATING FREQUENCIES
DDR400 @CL=3
DDR333 @CL=2.5
DDR266 @CL=2
DDR266 @CL=2.5
DDR200 @CL=2
Clock Speed
200MHz
166MHz
133MHz
133MHz
100MHz
CL-tRCD-tRP
3-3-3
2.5-3-3
2-2-2
2.5-3-3
2-2-2


Similar Part No. - WED3EG72M32S403JD3GG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3EG72M18S202JD3IMG WEDC-WED3EG72M18S202JD3IMG Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
WED3EG72M18S202JD3ISG WEDC-WED3EG72M18S202JD3ISG Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
WED3EG72M18S202JD3MG WEDC-WED3EG72M18S202JD3MG Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
WED3EG72M18S202JD3SG WEDC-WED3EG72M18S202JD3SG Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
WED3EG72M18S262JD3IMG WEDC-WED3EG72M18S262JD3IMG Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
More results

Similar Description - WED3EG72M32S403JD3GG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3DG7234V-D2 WEDC-W3DG7234V-D2 Datasheet
121Kb / 6P
   256MB- 32Mx72 SDRAM UNBUFFERED
W3DG7237V-D2 WEDC-W3DG7237V-D2 Datasheet
107Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
W3DG7232V-D1 WEDC-W3DG7232V-D1 Datasheet
225Kb / 7P
   256MB - 32Mx72 SDRAM UNBUFFERED
W3DG7232V-AD1 WEDC-W3DG7232V-AD1 Datasheet
130Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WED3EG7233S-D3 WEDC-WED3EG7233S-D3 Datasheet
307Kb / 11P
   256MB - 2x16Mx72 DDR SDRAM UNBUFFERED
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com